Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TL972QDRQ1 Datasheet(PDF) 3 Page - Texas Instruments

Click here to check the latest version.
Part # TL972QDRQ1
Description  RAIL-TO-RAIL OUTPUT, VERY LOW-NOISE OPERATIONAL AMPLIFIERS
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TL972QDRQ1 Datasheet(HTML) 3 Page - Texas Instruments

  TL972QDRQ1 Datasheet HTML 1Page - Texas Instruments TL972QDRQ1 Datasheet HTML 2Page - Texas Instruments TL972QDRQ1 Datasheet HTML 3Page - Texas Instruments TL972QDRQ1 Datasheet HTML 4Page - Texas Instruments TL972QDRQ1 Datasheet HTML 5Page - Texas Instruments TL972QDRQ1 Datasheet HTML 6Page - Texas Instruments TL972QDRQ1 Datasheet HTML 7Page - Texas Instruments TL972QDRQ1 Datasheet HTML 8Page - Texas Instruments TL972QDRQ1 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 20 page
background image
TL971-Q1
TL972-Q1
TL974-Q1
www.ti.com
SLOS632A – MARCH 2009 – REVISED SEPTEMBER 2012
ELECTRICAL CHARACTERISTICS
VCC+ = 2.5 V, VCC– = –2.5 V (unless otherwise noted)
PARAMETER
TEST CONDITIONS
TA
(1)
MIN
TYP
MAX
UNIT
25°C
1
4
VIO
Input offset voltage
mV
Full range
6
αVIO
Input offset voltage drift
VICM = 0 V, VO = 0 V
25°C
5
μV/°C
IIO
Input offset current
VICM = 0 V, VO = 0 V
25°C
10
150
nA
25°C
200
750
IIB
Input bias current
VICM = 0 V, VO = 0 V
nA
Full range
1000
VICM
Common-mode input voltage
25°C
–1.35
1.35
V
CMRR
Common-mode rejection ratio
VICM = ±1.35 V
25°C
60
85
dB
SVR
Supply-voltage rejection ratio
VCC = ±2 V to ±3 V
25°C
60
70
dB
AVD
Large-signal voltage gain
RL = 2 kΩ
25°C
70
80
dB
VOH
High-level output voltage
RL = 2 kΩ
25°C
2
2.4
V
VOL
Low-level output voltage
RL = 2 kΩ
25°C
–2.4
–2
V
25°C
1.2
1.4
Isource
Output source current
mA
VOUT shorted to –2.5 V
Full range
1
25°C
50
80
Isink
Output sink current
mA
VOUT shorted to +2.5 V
Full range
25
25°C
2
2.8
ICC
Supply current (per amplifier)
Unity gain, No load
mA
Full range
3.2
GBWP
Gain bandwidth product
f = 100 kHz, RL = 2 kΩ, CL = 100 pF
25°C
8.5
12
MHz
25°C
3.5
5
SR
Slew rate
AV = 1, VIN = ±1 V
V/
μs
Full range
3
Φm
Phase margin at unity gain
RL = 2 kΩ, CL =100 pF
25°C
60
°
Gm
Gain margin
RL = 2 kΩ, CL =100 pF
25°C
10
dB
Vn
Equivalent input noise voltage
f = 100 kHz
25°C
4
nV/
√Hz
THD
Total harmonic distortion
f = 1 kHz, Av = –1, RL = 10 kΩ
25°C
0.003
%
(1)
Full range TA = –40°C to 125°C
Copyright © 2009–2012, Texas Instruments Incorporated
Submit Documentation Feedback
3
Product Folder Links: TL971-Q1 TL972-Q1 TL974-Q1


Similar Part No. - TL972QDRQ1

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TL972QDRQ1 TI1-TL972QDRQ1 Datasheet
419Kb / 15P
[Old version datasheet]   RAIL-TO-RAIL OUTPUT, VERY LOW-NOISE OPERATIONAL AMPLIFIERS
More results

Similar Description - TL972QDRQ1

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TL971 TI-TL971 Datasheet
316Kb / 13P
[Old version datasheet]   OUTPUT RAIL-TO-RAIL VERY-LOW-NOISE OPERATIONAL AMPLIFIERS
TL971 TI-TL971_07 Datasheet
375Kb / 15P
[Old version datasheet]   OUTPUT RAIL-TO-RAIL VERY-LOW-NOISE OPERATIONAL AMPLIFIERS
TL971-Q1 TI1-TL971-Q1 Datasheet
419Kb / 15P
[Old version datasheet]   RAIL-TO-RAIL OUTPUT, VERY LOW-NOISE OPERATIONAL AMPLIFIERS
TL972IPE4 TI-TL972IPE4 Datasheet
1Mb / 25P
[Old version datasheet]   OUTPUT RAIL-TO-RAIL VERY-LOW-NOISE OPERATIONAL AMPLIFIERS
TL971-Q1 TI-TL971-Q1_15 Datasheet
1Mb / 20P
[Old version datasheet]   RAIL-TO-RAIL OUTPUT, VERY LOW-NOISE OPERATIONAL AMPLIFIERS
TL971 TI1-TL971 Datasheet
1Mb / 33P
[Old version datasheet]   Output Rail-To-Rail Very-Low-Noise Operational Amplifiers
TLV9702 TI1-TLV9702 Datasheet
1Mb / 39P
[Old version datasheet]   Low Noise, Rail-to-Rail Output Operational Amplifiers
logo
STMicroelectronics
TS971 STMICROELECTRONICS-TS971_07 Datasheet
473Kb / 17P
   Output rail-to-rail very low noise operational amplifier
TS971 STMICROELECTRONICS-TS971 Datasheet
114Kb / 12P
   OUTPUT RAIL TO RAIL VERY LOWNOISE OPERATIONAL AMPLIFIERS
logo
Analog Devices
AD8691 AD-AD8691 Datasheet
477Kb / 12P
   Low Cost, Low Noise, CMOS Rail-to-Rail Output Operational Amplifiers
REV. B
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com