Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TL1431QLPR Datasheet(PDF) 4 Page - Texas Instruments

Part # TL1431QLPR
Description  PRECISION PROGRAMMABLE REFERENCE
Download  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TL1431QLPR Datasheet(HTML) 4 Page - Texas Instruments

  TL1431QLPR Datasheet HTML 1Page - Texas Instruments TL1431QLPR Datasheet HTML 2Page - Texas Instruments TL1431QLPR Datasheet HTML 3Page - Texas Instruments TL1431QLPR Datasheet HTML 4Page - Texas Instruments TL1431QLPR Datasheet HTML 5Page - Texas Instruments TL1431QLPR Datasheet HTML 6Page - Texas Instruments TL1431QLPR Datasheet HTML 7Page - Texas Instruments TL1431QLPR Datasheet HTML 8Page - Texas Instruments TL1431QLPR Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 32 page
background image
∆I
∆V
|z'| =
R2
R1
|z |
KA
(1 +
(
∆I
KA
∆V
KA
|z | =
KA
where:
∆TA is the rated operating temperature range of the device.
Max VI(ref)
Min VI(ref)
˙TA
VI(dev)
α
VI(ref)
ppm
°C
V
I(dev)
V
I(ref)
at 25
°C
× 10
6
T
A
(
( =
(
(
∆V
KA
∆V
I(ref)
(3)
The output impedance is defined as:
, which is approximately equal to
.
TL1431
SLVS062M – DECEMBER 1991 – REVISED APRIL 2012
www.ti.com
Recommended Operating Conditions
MIN
MAX
UNIT
VKA
Cathode voltage
VI(ref)
36
V
IKA
Cathode current
1
100
mA
TL1431C
0
70
TA
Operating free-air temperature
TL1431Q
–40
125
°C
TL1431M
–55
125
Electrical Characteristics
at specified free-air temperature, IKA = 10 mA (unless otherwise noted)
TL1431C
TEST
PARAMETER
TEST CONDITIONS
TA
(1)
UNIT
CIRCUIT
MIN
TYP
MAX
25°C
2490
2500
2510
VI(ref)
Reference input voltage
VKA = VI(ref)
Figure 1
mV
Full range
2480
2520
Deviation of reference input
VI(dev)
voltage over full temperature
VKA = VI(ref)
Full range
Figure 1
4
20
mV
range(2)
Ratio of change in reference
input voltage to the change in
ΔVKA = 3 V to 36 V
Full range
Figure 2
–1.1
–2
mV/V
cathode voltage
25°C
1.5
2.5
II(ref)
Reference input current
R1 = 10 k
Ω, R2 = ∞
Figure 2
μA
Full range
3
Deviation of reference input
II(dev)
current over full temperature
R1 = 10 k
Ω, R2 = ∞
Full range
Figure 2
0.2
1.2
μA
range(2)
Minimum cathode current for
Imin
VKA = VI(ref)
25°C
Figure 1
0.45
1
mA
regulation
25°C
0.18
0.5
Ioff
Off-state cathode current
VKA = 36 V, VI(ref) = 0
Figure 3
μA
Full range
2
VKA = VI(ref), f ≤ 1 kHz,
|zKA|
Output impedance(3)
25°C
Figure 1
0.2
0.4
IKA = 1 mA to 100 mA
(1)
Full range is 0°C to 70°C for C-suffix devices.
(2)
The deviation parameters VI(dev) and II(dev) are defined as the differences between the maximum and minimum values obtained over the
rated temperature range. The average full-range temperature coefficient of the reference input voltage
αVI(ref) is defined as:
αVI(ref) is positive or negative, depending on whether minimum VI(ref) or maximum VI(ref), respectively, occurs at the lower temperature.
When the device is operating with two external resistors (see Figure 2), the total dynamic impedance of the circuit is given by:
4
Submit Documentation Feedback
Copyright © 1991–2012, Texas Instruments Incorporated
Product Folder Links: TL1431


Similar Part No. - TL1431QLPR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TL1431QLPR TI-TL1431QLPR Datasheet
387Kb / 24P
[Old version datasheet]   PRECISION PROGRAMMABLE REFERENCE
TL1431QLPR TI-TL1431QLPR Datasheet
578Kb / 27P
[Old version datasheet]   PRECISION PROGRAMMABLE REFERENCE
TL1431QLPR TI-TL1431QLPR Datasheet
645Kb / 28P
[Old version datasheet]   PRECISION PROGRAMMABLE REFERENCE
TL1431QLPR TI1-TL1431QLPR Datasheet
812Kb / 27P
[Old version datasheet]   PRECISION PROGRAMMABLE REFERENCE
More results

Similar Description - TL1431QLPR

ManufacturerPart #DatasheetDescription
logo
Unisonic Technologies
TL431L UTC-TL431L_11 Datasheet
231Kb / 6P
   PROGRAMMABLE PRECISION REFERENCE
logo
Texas Instruments
TL431_102 TI-TL431_102 Datasheet
1Mb / 76P
[Old version datasheet]   PRECISION PROGRAMMABLE REFERENCE
logo
Weitron Technology
WT431LT1 WEITRON-WT431LT1 Datasheet
591Kb / 5P
   PROGRAMMABLE PRECISION REFERENCE
logo
Texas Instruments
TL1431 TI1-TL1431_12 Datasheet
812Kb / 27P
[Old version datasheet]   PRECISION PROGRAMMABLE REFERENCE
logo
Unisonic Technologies
TL431H UTC-TL431H Datasheet
197Kb / 6P
   PROGRAMMABLE PRECISION REFERENCE
logo
Texas Instruments
TL1431M TI-TL1431M_15 Datasheet
1Mb / 32P
[Old version datasheet]   PRECISION PROGRAMMABLE REFERENCE
TL1431-Q1 TI-TL1431-Q1_15 Datasheet
232Kb / 19P
[Old version datasheet]   PRECISION PROGRAMMABLE REFERENCE
logo
Hangzhou Youwang Electr...
UTC431 YOUWANG-UTC431 Datasheet
97Kb / 4P
   PROGRAMMABLE PRECISION REFERENCE
logo
Shanghai Leiditech Elec...
LR431ATLT1G LEIDITECH-LR431ATLT1G Datasheet
831Kb / 5P
   PROGRAMMABLE PRECISION REFERENCE
logo
Dongguan Pingjingsemi T...
TL432 PJSEMI-TL432 Datasheet
1Mb / 4P
   Programmable Precision Reference
logo
Texas Instruments
TL1431 TI-TL1431 Datasheet
268Kb / 18P
[Old version datasheet]   PRECISION PROGRAMMABLE REFERENCE
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com