Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TLK3101 Datasheet(PDF) 10 Page - Texas Instruments

Part # TLK3101
Description  2.5 Gbps to 3.125 Gbps TRANSCEIVER
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TLK3101 Datasheet(HTML) 10 Page - Texas Instruments

Back Button TLK3101 Datasheet HTML 6Page - Texas Instruments TLK3101 Datasheet HTML 7Page - Texas Instruments TLK3101 Datasheet HTML 8Page - Texas Instruments TLK3101 Datasheet HTML 9Page - Texas Instruments TLK3101 Datasheet HTML 10Page - Texas Instruments TLK3101 Datasheet HTML 11Page - Texas Instruments TLK3101 Datasheet HTML 12Page - Texas Instruments TLK3101 Datasheet HTML 13Page - Texas Instruments TLK3101 Datasheet HTML 14Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 24 page
background image
TLK3101
2.5 Gbps to 3.125 Gbps TRANSCEIVER
SCAS649A – AUGUST 2000 – REVISED FEBRUARY 2001
10
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
synchronization and initialization (continued)
The state of the transmit data bus, control pins, and serial outputs during the link acquisition process is illustrated
in Figure 7.
ACQ
D0–D15
DOUTTXP,
DOUTTXN
TXD(0–15)
TX_ER
Ca. Ext.
Error
IDLE
SYNC
TX_EN
D0–D15
xx
xx
xx
xx
xx
xx
xx
xx
xx
xx
xx
xx
xx
xx
xx
xx
xx
xx
xx
xx
xx
xx
Figure 7. Transmit Side Timing Diagram
The state of the receive data bus, status pins, and serial inputs during the link acquisition process is illustrated
in Figure 8 and Figure 9.
ACQ
RX_DV,
RX_ER
RXD(0–15)
SYNC
DINRXP,
D0–D15
IDLE or Carrier
Extend
IDLE or Carrier
Extend
IDLE or Carrier
Extend
DINRXN
D0–D15
IDLE or Carrier
Extend
IDLE or Carrier
Extend
XXXXXXXXXXXXXXXXXXX
RESET
(Internal Signal)
Figure 8. Receive Side Timing Diagram (IDLE or Carrier Extend)
ACQ
RX_DV,
RX_ER
RXD(0–15)
SYNC
DINRXP,
D0–D15
DINRXN
D0–D15
Valid Data or
Error Prop
XXXXXXXXXXXXXXXXXXX
RESET
(Internal Signal)
IDLE
D0–D15
D0–D15
Valid Data or
Error Prop
Figure 9. Receive Side Timing Diagram (Valid Data or Error Propagation)


Similar Part No. - TLK3101

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TLK3101IRCP TI1-TLK3101IRCP Datasheet
612Kb / 28P
[Old version datasheet]   2.5 Gbps to 3.125 Gbps TRANSCEIVER
TLK3101IRCPG4 TI1-TLK3101IRCPG4 Datasheet
612Kb / 28P
[Old version datasheet]   2.5 Gbps to 3.125 Gbps TRANSCEIVER
TLK3101 TI1-TLK3101_16 Datasheet
612Kb / 28P
[Old version datasheet]   2.5 Gbps to 3.125 Gbps TRANSCEIVER
More results

Similar Description - TLK3101

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TLK3101 TI1-TLK3101_16 Datasheet
612Kb / 28P
[Old version datasheet]   2.5 Gbps to 3.125 Gbps TRANSCEIVER
TLK2500 TI1-TLK2500 Datasheet
297Kb / 10P
[Old version datasheet]   1.6 Gbps to 2.5 Gbps TRANSCEIVER
TLK2500IRCP TI-TLK2500IRCP Datasheet
268Kb / 20P
[Old version datasheet]   1.6 Gbps to 2.5 Gbps TRANSCEIVER
TLK3104SA TI-TLK3104SA Datasheet
549Kb / 40P
[Old version datasheet]   QUAD 3.125 Gbps SERIAL TRANSCEIVER
TLK2711-SP TI1-TLK2711-SP_15 Datasheet
414Kb / 29P
[Old version datasheet]   1.6-Gbps to 2.5-Gbps Class V Transceiver
TLK2711-SP TI-TLK2711-SP Datasheet
310Kb / 21P
[Old version datasheet]   1.6-Gbps to 2.5-Gbps Class V Transceiver
TLK2501IRCPRG4 TI1-TLK2501IRCPRG4 Datasheet
1,002Kb / 31P
[Old version datasheet]   1.5 TO 2.5 GBPS TRANSCEIVER
TLK2501 TI-TLK2501 Datasheet
387Kb / 25P
[Old version datasheet]   1.5 TO 2.5 GBPS TRANSCEIVER
TLK2521 TI-TLK2521 Datasheet
317Kb / 19P
[Old version datasheet]   1 to 2.5 Gbps TRANSCEIVER
TLK3104SC TI1-TLK3104SC Datasheet
496Kb / 39P
[Old version datasheet]   3.125-Gbps QUAD SERIAL BACKPLANE TRANSCEIVER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com