Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TL7757ILPR Datasheet(PDF) 2 Page - Texas Instruments

Click here to check the latest version.
Part # TL7757ILPR
Description  SUPPLY-VOLTAGE SUPERVISOR AND PRECISION VOLTAGE DETECTOR
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TL7757ILPR Datasheet(HTML) 2 Page - Texas Instruments

  TL7757ILPR Datasheet HTML 1Page - Texas Instruments TL7757ILPR Datasheet HTML 2Page - Texas Instruments TL7757ILPR Datasheet HTML 3Page - Texas Instruments TL7757ILPR Datasheet HTML 4Page - Texas Instruments TL7757ILPR Datasheet HTML 5Page - Texas Instruments TL7757ILPR Datasheet HTML 6Page - Texas Instruments TL7757ILPR Datasheet HTML 7Page - Texas Instruments TL7757ILPR Datasheet HTML 8Page - Texas Instruments TL7757ILPR Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 20 page
background image
TL7757
SUPPLY-VOLTAGE SUPERVISOR
AND PRECISION VOLTAGE DETECTOR
SLVS041I − SEPTEMBER 1991 − REVISED AUGUST 2003
2
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
equivalent schematic
VCC
R1
R2
R3
R4
R5
R6
R7
R8
R9
Q1
Q2
Q3
Q4
Q5
Q6
R10
R11
R12
Q7
C1
Q8
Q9
Q10
R13
Q11
Q12
C2
Q13
Q15
Q14
Q16
R14
Q18
Q17
R15
R16
Q19
Q20
Q21
R18
RESET
GND
ACTUAL DEVICE
COMPONENT COUNT
Transistors
27
Resistors
20
Capacitors
2
absolute maximum ratings over operating junction temperature range (unless otherwise noted)
Supply voltage range, VCC (see Note 1)
−0.3 V to 20 V
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Off-state output voltage range (see Note 1)
−0.3 V to 20 V
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Output current, IO
30 mA
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Package thermal impedance,
θJA (see Notes 2 and 3): D package
97
°C/W
. . . . . . . . . . . . . . . . . . . . . . . . . . . .
LP package
140
°C/W
. . . . . . . . . . . . . . . . . . . . . . . . . .
PK package
52
°C/W
. . . . . . . . . . . . . . . . . . . . . . . . . . .
Operating virtual junction temperature, TJ
150
°C
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Lead temperature 1,6 mm (1/16 inch) from case for 10 seconds
260
°C
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Storage temperature range, Tstg
−65
°C to 150°C
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Stresses beyond those listed under “absolute maximum ratings” may cause permanent damage to the device. These are stress ratings only, and
functional operation of the device at these or any other conditions beyond those indicated under “recommended operating conditions” is not
implied. Exposure to absolute-maximum-rated conditions for extended periods may affect device reliability.
NOTES:
1. All voltage values are with respect to network terminal ground.
2. Maximum power dissipation is a function of TJ(max),
θJA, and TA. The maximum allowable power dissipation at any allowable
ambient temperature is PD = (TJ(max) − TA)/
θJA. Operating at the absolute maximum TJ of 150°C can affect reliability.
3. The package thermal impedance is calculated in accordance with JESD 51-7.


Similar Part No. - TL7757ILPR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TL7757ILPR TI-TL7757ILPR Datasheet
1Mb / 48P
[Old version datasheet]   FAMILY OF WIDE - BANDWITH HIGH-OUTPUT-DRIVE SINGLE SUPPLY OPERATIONAL AMPLIFIERS
TL7757ILPRE3 TI-TL7757ILPRE3 Datasheet
1Mb / 48P
[Old version datasheet]   FAMILY OF WIDE - BANDWITH HIGH-OUTPUT-DRIVE SINGLE SUPPLY OPERATIONAL AMPLIFIERS
More results

Similar Description - TL7757ILPR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TL7757 TI-TL7757 Datasheet
155Kb / 11P
[Old version datasheet]   SUPPLY-VOLTAGE SUPERVISOR AND PRECISION VOLTAGE DETECTOR
logo
AiT Semiconductor Inc.
A4805 AITSEMI-A4805 Datasheet
425Kb / 8P
   SUPERVISOR (RESET IC) HIGH VOLTAGE HIGH PRECISION VOLTAGE DETECTOR
REV1.4
logo
Texas Instruments
TL7700 TI1-TL7700_16 Datasheet
1Mb / 23P
[Old version datasheet]   SUPPLY-VOLTAGE SUPERVISOR
logo
Toshiba Semiconductor
TA8505P TOSHIBA-TA8505P Datasheet
213Kb / 6P
   SUPPLY VOLTAGE SUPERVISOR
logo
Texas Instruments
TL7700 TI-TL7700_06 Datasheet
266Kb / 15P
[Old version datasheet]   SUPPLY-VOLTAGE SUPERVISOR
TL7700 TI-TL7700 Datasheet
144Kb / 11P
[Old version datasheet]   SUPPLY-VOLTAGE SUPERVISOR
TL7702 TI-TL7702 Datasheet
340Kb / 17P
[Old version datasheet]   Supply voltage Supervisor
1633903 TI-1633903 Datasheet
774Kb / 22P
[Old version datasheet]   SUPPLY-VOLTAGE SUPERVISOR
TL7700 TI-TL7700_07 Datasheet
400Kb / 17P
[Old version datasheet]   SUPPLY-VOLTAGE SUPERVISOR
logo
AiT Semiconductor Inc.
A4804 AITSEMI-A4804 Datasheet
661Kb / 10P
   SUPERVISOR (RESET IC) HIGH-PRECISION N-CH LOW VOLTAGE DETECTOR
REV1.3
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com