Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TPS62203 Datasheet(PDF) 1 Page - Texas Instruments

Click here to check the latest version.
Part # TPS62203
Description  HIGH-EFFICIENCY, SOT23 STEP-DOWN, DC-DC CONVERTER
Download  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TPS62203 Datasheet(HTML) 1 Page - Texas Instruments

  TPS62203 Datasheet HTML 1Page - Texas Instruments TPS62203 Datasheet HTML 2Page - Texas Instruments TPS62203 Datasheet HTML 3Page - Texas Instruments TPS62203 Datasheet HTML 4Page - Texas Instruments TPS62203 Datasheet HTML 5Page - Texas Instruments TPS62203 Datasheet HTML 6Page - Texas Instruments TPS62203 Datasheet HTML 7Page - Texas Instruments TPS62203 Datasheet HTML 8Page - Texas Instruments TPS62203 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 19 page
background image
www.ti.com
FEATURES
DESCRIPTION
APPLICATIONS
VI
GND
EN
SW
FB
C1
4.7
µF
L1
10
µH
C2
10
µF
TPS62202
VI
2.5 V − 6 V
VO
1.8 V / 300 mA
1
5
2
3
4
40
45
50
55
60
65
70
75
80
85
90
95
100
0.010
0.100
1
10
100
1000
EFFICIENCY
vs
LOAD CURRENT
IL −Load Current − mA
VO = 1.8 V
VI = 2.7 V
VI = 3.7 V
VI = 5 V
TPS62200
,, TPS62201
TPS62202, TPS62203, TPS62207
TPS62204, TPS62205, TPS62208
SLVS417E – MARCH 2002 – REVISED MAY 2006
HIGH-EFFICIENCY, SOT23
STEP-DOWN, DC-DC CONVERTER
High Efficiency Synchronous Step-Down
The TPS6220x devices are a family of high-efficiency
Converter With up to 95% Efficiency
synchronous step-down converters ideally suited for
2.5-V to 6-V Input Voltage Range
portable systems powered by 1-cell Li-Ion or 3-cell
Adjustable Output Voltage Range From 0.7 V
NiMH/NiCd batteries. The devices are also suitable
to VI
to operate from a standard 3.3-V or 5-V voltage rail.
Fixed Output Voltage Options Available
With an output voltage range of 6 V down to 0.7 V
Up to 300 mA Output Current
and up to 300 mA output current, the devices are
ideal to power low voltage DSPs and processors
1-MHz Fixed Frequency PWM Operation
used in PDAs, pocket PCs, and smart phones.
Highest Efficiency Over Wide Load Current
Under nominal load current, the devices operate with
Range Due to Power Save Mode
a fixed switching frequency of typically 1 MHz. At
15-µA Typical Quiescent Current
light load currents, the part enters the power save
mode operation; the switching frequency is reduced
Soft Start
and the quiescent current is typically only 15 µA;
100% Duty Cycle Low-Dropout Operation
therefore, it achieves the highest efficiency over the
Dynamic Output-Voltage Positioning
entire load current range. The TPS6220x needs only
three small external components. Together with the
Available in a 5-Pin SOT23 Package
SOT23 package, a minimum system solution size is
achieved. An advanced fast response voltage mode
control scheme achieves superior line and load
PDAs and Pocket PC
regulation with small ceramic input and output
Cellular Phones, Smart Phones
capacitors.
Low Power DSP Supply
Digital Cameras
Portable Media Players
Portable Equipment
Figure 1. Typical Application
(Fixed Output Voltage Version)
Please be aware that an important notice concerning availability, standard warranty, and use in critical applications of Texas
Instruments semiconductor products and disclaimers thereto appears at the end of this data sheet.
PRODUCTION DATA information is current as of publication date.
Copyright © 2002–2006, Texas Instruments Incorporated
Products conform to specifications per the terms of the Texas
Instruments standard warranty. Production processing does not
necessarily include testing of all parameters.


Similar Part No. - TPS62203

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS62203 TI-TPS62203 Datasheet
264Kb / 19P
[Old version datasheet]   HIGH-EFFICIENCY, SOT23 STEP-DOWN, DC-DC CONVERTER
TPS62203 TI1-TPS62203 Datasheet
905Kb / 24P
[Old version datasheet]   HIGH-EFFICIENCY, SOT23 STEP-DOWN, DC-DC CONVERTER
TPS62203-DIE TI1-TPS62203-DIE Datasheet
70Kb / 4P
[Old version datasheet]   HIGH-EFFICIENCY, SOT23 STEP-DOWN, DC-DC CONVERTER
TPS62203DBV TI-TPS62203DBV Datasheet
264Kb / 19P
[Old version datasheet]   HIGH-EFFICIENCY, SOT23 STEP-DOWN, DC-DC CONVERTER
TPS62203DBVR TI1-TPS62203DBVR Datasheet
905Kb / 24P
[Old version datasheet]   HIGH-EFFICIENCY, SOT23 STEP-DOWN, DC-DC CONVERTER
More results

Similar Description - TPS62203

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS62203-DIE TI1-TPS62203-DIE Datasheet
70Kb / 4P
[Old version datasheet]   HIGH-EFFICIENCY, SOT23 STEP-DOWN, DC-DC CONVERTER
TPS62205 TI-TPS62205 Datasheet
264Kb / 19P
[Old version datasheet]   HIGH-EFFICIENCY, SOT23 STEP-DOWN, DC-DC CONVERTER
TPS62200 TI1-TPS62200_13 Datasheet
905Kb / 24P
[Old version datasheet]   HIGH-EFFICIENCY, SOT23 STEP-DOWN, DC-DC CONVERTER
TPS62200 TI-TPS62200_15 Datasheet
1Mb / 28P
[Old version datasheet]   TPS6220x High-Efficiency, SOT23 Step-Down, DC-DC Converter
logo
Semtech Corporation
SC1578 SEMTECH-SC1578 Datasheet
130Kb / 5P
   HIGH-EFFICIENCY STEP-DOWN DC-DC CONVERTER
logo
Fairchild Semiconductor
FAN5307 FAIRCHILD-FAN5307 Datasheet
623Kb / 13P
   High-Efficiency Step-Down DC-DC Converter
logo
Analog Intergrations Co...
AIC1578 AIC-AIC1578 Datasheet
266Kb / 7P
   High-Efficiency, Step-Down DC/DC Converter
logo
Shindengen Electric Mfg...
MD1422N SHINDENGEN-MD1422N Datasheet
41Kb / 2P
   high-efficiency step down DC-DC converter
logo
Fairchild Semiconductor
FAN5308 FAIRCHILD-FAN5308_07 Datasheet
472Kb / 11P
   800mA High-Efficiency Step-Down DC-DC Converter
FAN2001 FAIRCHILD-FAN2001 Datasheet
329Kb / 11P
   1A High-Efficiency Step-Down DC-DC Converter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com