Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

THS6092ID Datasheet(PDF) 6 Page - Texas Instruments

Click here to check the latest version.
Part # THS6092ID
Description  275mA, 12 V ADSL CPE LINE DRIBERS
Download  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

THS6092ID Datasheet(HTML) 6 Page - Texas Instruments

Back Button THS6092ID Datasheet HTML 2Page - Texas Instruments THS6092ID Datasheet HTML 3Page - Texas Instruments THS6092ID Datasheet HTML 4Page - Texas Instruments THS6092ID Datasheet HTML 5Page - Texas Instruments THS6092ID Datasheet HTML 6Page - Texas Instruments THS6092ID Datasheet HTML 7Page - Texas Instruments THS6092ID Datasheet HTML 8Page - Texas Instruments THS6092ID Datasheet HTML 9Page - Texas Instruments THS6092ID Datasheet HTML 10Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 23 page
background image
THS6092, THS6093
275 mA, +12 V ADSL CPE LINE DRIVERS
SLOS345C − JANUARY 2001 − REVISED OCTOBER 2002
6
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
APPLICATION INFORMATION
_
+
6.8
µF
0.1
µF
+12 V
750
+
VI+
_
+
750
VI−
+
499
0.1
µF
499
1 k
12.5
+
499
499
1 k
1:2
Telephone Line
12.5
+12 V
THS6062
Receiver 1
THS6062
Receiver 2
VO+
VO−
THS6092
Driver 1
THS6092
Driver 2
100
499
VCC
2
VCC
2
0.33
µF
Figure 1. THS6092 ADSL Application With 1:2 Transformer Ratio


Similar Part No. - THS6092ID

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
THS6092 TI-THS6092 Datasheet
509Kb / 33P
[Old version datasheet]   350 mA, 짹12 V ADSL CPE LINE DRIVERS
THS6092/3 TI1-THS6092/3 Datasheet
1Mb / 23P
[Old version datasheet]   175mA,12V ADSL CPE LINE DRIVERS
THS6092/3 TI1-THS6092/3 Datasheet
1Mb / 46P
[Old version datasheet]   350mA,12V ADSL CPE LINE DRIVERS
More results

Similar Description - THS6092ID

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
THS6052IDDA TI-THS6052IDDA Datasheet
944Kb / 21P
[Old version datasheet]   175 mA, 짹12 V ADSL CPE LINE DRIVERS
THS6042 TI-THS6042 Datasheet
509Kb / 33P
[Old version datasheet]   350 mA, 짹12 V ADSL CPE LINE DRIVERS
logo
Pulse A Technitrol Comp...
BX2483W PULSE-BX2483W Datasheet
60Kb / 1P
   ADSL LINE TRANSFORMERS For Broadcom ADSL CPE Chipsets
BX2932LNL PULSE-BX2932LNL Datasheet
85Kb / 1P
   ADSL LINE TRANSFORMERS For Infineon ADSL CPE Chipsets
logo
Texas Instruments
THS6052 TI1-THS6052_16 Datasheet
1Mb / 23P
[Old version datasheet]   175mA,12V ADSL CPE LINE DRIVERS
THS6042 TI1-THS6042_16 Datasheet
1Mb / 46P
[Old version datasheet]   350mA,12V ADSL CPE LINE DRIVERS
logo
Bel Fuse Inc.
APC78164 BEL-APC78164 Datasheet
144Kb / 1P
   ADSL CPE Hybrid
APC78106 BEL-APC78106 Datasheet
145Kb / 1P
   ADSL CPE Hybrid
logo
Pulse A Technitrol Comp...
BX2361 PULSE-BX2361 Datasheet
64Kb / 1P
   ADSL LINE TRANSFORMERS For Texas Instruments??CPE Chipsets
logo
Bel Fuse Inc.
S560-6600-A7 BEL-S560-6600-A7 Datasheet
45Kb / 2P
   ADSL Magnetics GlobeSpan ADSL DMT CPE
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com