Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TPS65121RGT Datasheet(PDF) 7 Page - Texas Instruments

Part # TPS65121RGT
Description  SINGLE-INDUCTOR QUADRUPLE-OUTPUT TFT LCD POWER SUPPLY
Download  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TPS65121RGT Datasheet(HTML) 7 Page - Texas Instruments

Back Button TPS65121RGT Datasheet HTML 3Page - Texas Instruments TPS65121RGT Datasheet HTML 4Page - Texas Instruments TPS65121RGT Datasheet HTML 5Page - Texas Instruments TPS65121RGT Datasheet HTML 6Page - Texas Instruments TPS65121RGT Datasheet HTML 7Page - Texas Instruments TPS65121RGT Datasheet HTML 8Page - Texas Instruments TPS65121RGT Datasheet HTML 9Page - Texas Instruments TPS65121RGT Datasheet HTML 10Page - Texas Instruments TPS65121RGT Datasheet HTML 11Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 23 page
background image
www.ti.com
Current Limit
Comparator
Undervoltage
Lockout
Bias Supply
VIN
SWP
LDOOUT
SWN
Ton
VGH
BOOT
PGND
VMAIN
LDO
BOOT
V REF
R
V REF
R
FBH
R
FBL
BOOT
FBM
AGND
Bandgap
VREF= 1.213V
Power Up/Down
Sequencer
Oscillator
S
Min Off Time
VMAIN
Control
Logic
EN
BOOT
BOOT
P−MOS1
P−MOS2
N−MOS1
N−MOS2
N−MOS3
D1
RUN
VMAIN
GATE
EN
100kR
Power Down Seq Off
Power Down Seq Off
RDIS_VGH
R DIS_VMAIN
EN
LDO
LDOIN
EN_LDOAUX
NOT PRESENT IN TPS65123
TPS65120, TPS65121, TPS65123, TPS65124
SLVS531 – JUNE 2004
FUNCTIONAL BLOCK DIAGRAM - TPS65120/1/2/3
7


Similar Part No. - TPS65121RGT

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS65121RGT TI1-TPS65121RGT Datasheet
1Mb / 30P
[Old version datasheet]   SINGLE-INDUCTOR QUADRUPLE-OUTPUT TFT LCD POWER SUPPLY
TPS65121RGTR TI1-TPS65121RGTR Datasheet
1Mb / 30P
[Old version datasheet]   SINGLE-INDUCTOR QUADRUPLE-OUTPUT TFT LCD POWER SUPPLY
TPS65121RGTRG4 TI1-TPS65121RGTRG4 Datasheet
1Mb / 30P
[Old version datasheet]   SINGLE-INDUCTOR QUADRUPLE-OUTPUT TFT LCD POWER SUPPLY
TPS65121RGTT TI1-TPS65121RGTT Datasheet
1Mb / 30P
[Old version datasheet]   SINGLE-INDUCTOR QUADRUPLE-OUTPUT TFT LCD POWER SUPPLY
TPS65121RGTTG4 TI1-TPS65121RGTTG4 Datasheet
1Mb / 30P
[Old version datasheet]   SINGLE-INDUCTOR QUADRUPLE-OUTPUT TFT LCD POWER SUPPLY
More results

Similar Description - TPS65121RGT

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS65120 TI1-TPS65120_13 Datasheet
1Mb / 30P
[Old version datasheet]   SINGLE-INDUCTOR QUADRUPLE-OUTPUT TFT LCD POWER SUPPLY
logo
Torex Semiconductor
XC9516 TOREX-XC9516 Datasheet
1Mb / 26P
   Triple Output Power Supply for TFT-LCD
logo
Renesas Technology Corp
EL7585 RENESAS-EL7585 Datasheet
1Mb / 19P
   TFT-LCD Power Supply
EL7585A RENESAS-EL7585A Datasheet
1Mb / 19P
   TFT-LCD Power Supply
logo
Intersil Corporation
EL7586ILZ INTERSIL-EL7586ILZ Datasheet
692Kb / 21P
   TFT-LCD Power Supply
EL7585AP INTERSIL-EL7585AP_06 Datasheet
738Kb / 19P
   TFT-LCD Power Supply
EL7586 INTERSIL-EL7586_06 Datasheet
787Kb / 21P
   TFT-LCD Power Supply
logo
Renesas Technology Corp
EL7586 RENESAS-EL7586 Datasheet
1Mb / 21P
   TFT-LCD Power Supply
logo
Intersil Corporation
EL7586ILZ INTERSIL-EL7586ILZ Datasheet
692Kb / 21P
   TFT-LCD Power Supply
January 17, 2006
EL7585 INTERSIL-EL7585 Datasheet
732Kb / 18P
   TFT-LCD Power Supply
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com