Electronic Components Datasheet Search |
|
TLC082IDR Datasheet(PDF) 5 Page - Texas Instruments |
|
|
TLC082IDR Datasheet(HTML) 5 Page - Texas Instruments |
5 / 53 page TLC080 , TLC081, TLC082 TLC083, TLC084, TLC085, TLC08xA www.ti.com SLOS254F – JUNE 1999 – REVISED DECEMBER 2011 ELECTRICAL CHARACTERISTICS at specified free-air temperature, VDD = 5 V (unless otherwise noted) PARAMETER TEST CONDITIONS TA(1) MIN TYP MAX UNIT TLC080/1/2/3, 25 °C 390 1900 TLC084/5 Full range 3000 VIO Input offset voltage µV VDD = 5 V, TLC080/1/2/3A, 25 °C 390 1400 VIC = 2.5 V, VO = 2.5 V, TLC084/5A Full range 2000 Temperature coefficient of RS = 50 Ω ∝VIO 1.2 µV/°C input offset voltage 25 °C 1.9 50 IIO Input offset current VDD = 5 V, TLC08XC 100 pA Full range VIC = 2.5 V, TLC08XI 700 VO = 2.5 V, 25 °C 3 50 IIB Input bias current RS = 50 Ω TLC08XC 100 pA Full range TLC08XI 700 25 °C 0 to 3.0 0 to 3.5 VICR Common-mode input voltage RS = 50 Ω V Full range 0 to 3.0 0 to 3.5 25 °C 4.1 4.3 IOH = –1 mA Full range 3.9 25 °C 3.7 4 IOH = –20 mA Full range 3.5 VOH High-level output voltage VIC = 2.5 V V 25 °C 3.4 3.8 IOH = –35 mA Full range 3.2 25 °C 3.2 3.6 IOH = –50 mA –40°C to 3 85 °C 25 °C 0.18 0.25 IOL = 1 mA Full range 0.35 25 °C 0.35 0.39 IOL = 20 mA Full range 0.45 VOL Low-level output voltage VIC = 2.5 V V 25 °C 0.43 0.55 IOL = 35 mA Full range 0.7 25 °C 0.45 0.63 IOL = 50 mA –40°C to 0.7 85 °C Sourcing 25 °C 100 IOS Short-circuit output current mA Sinking 25 °C 100 VOH = 1.5 V from positive rail 25 °C 57 IO Output current mA VOL = 0.5 V from negative rail 25 °C 55 25 °C 100 120 Large-signal differential AVD VO(PP) = 3 V, RL = 10 kΩ dB voltage amplification Full range 100 ri(d) Differential input resistance 25 °C 1000 G Ω Common-mode input CIC f = 10 kHz 25 °C 22.9 pF capacitance Closed-loop output zo f = 10 kHz, AV = 10 25 °C 0.25 Ω impedance 25 °C 80 110 CMRR Common-mode rejection ratio VIC = 0 to 3 V, RS = 50 Ω dB Full range 80 VDD = 4.5 V to 16 V, VIC = VDD/2, 25 °C 80 100 Supply voltage rejection ratio kSVR dB ( ΔVDD /ΔVIO) No load Full range 80 (1) Full range is 0 °C to 70°C for C suffix and –40°C to 125°C for I suffix. If not specified, full range is –40°C to 125°C. Copyright © 1999–2011, Texas Instruments Incorporated Submit Documentation Feedback 5 Product Folder Link(s): TLC080 TLC081 TLC082 TLC083 TLC084 TLC085 TLC08xA |
Similar Part No. - TLC082IDR |
|
Similar Description - TLC082IDR |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.NET |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |