Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

THS6132RGWR Datasheet(PDF) 2 Page - Texas Instruments

Part # THS6132RGWR
Description  HIGH EFFICIENCY CLASS-G ADSL LINE DRIVER
Download  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

THS6132RGWR Datasheet(HTML) 2 Page - Texas Instruments

  THS6132RGWR Datasheet HTML 1Page - Texas Instruments THS6132RGWR Datasheet HTML 2Page - Texas Instruments THS6132RGWR Datasheet HTML 3Page - Texas Instruments THS6132RGWR Datasheet HTML 4Page - Texas Instruments THS6132RGWR Datasheet HTML 5Page - Texas Instruments THS6132RGWR Datasheet HTML 6Page - Texas Instruments THS6132RGWR Datasheet HTML 7Page - Texas Instruments THS6132RGWR Datasheet HTML 8Page - Texas Instruments THS6132RGWR Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 26 page
background image
THS6132
SLLS543A − SEPTEMBER 2002 − REVISED FEBRUARY 2003
www.ti.com
2
These devices have limited built-in ESD protection. The leads should be shorted together or the device placed in conductive foam during
storage or handling to prevent electrostatic damage.
ORDERING INFORMATION
PRODUCT
PACKAGE
PACKAGE
SYMBOL
TA
ORDER NUMBER
TRANSPORT
PRODUCT
PACKAGE
PACKAGE
CODE
SYMBOL
TA
ORDER NUMBER
TRANSPORT
MEDIA
THS6132VFP
TQFP-32 PowerPAD
VFP−32
THS6132
THS6132VFP
Tube
THS6132VFP
TQFP-32 PowerPAD
VFP−32
THS6132
−40
°C to 85°C
THS6132VFPR
Tape and reel
THS6132RGW
Leadless 25-pin 5,mm x
5, mm PowerPAD
RGW−25
6132
−40
°C to 85°C
THS6132RGWR
Tape and reel
PACKAGE DISSIPATION RATINGS
PACKAGE
ΘJA
ΘJC
TA ≤ 25°C
POWER RATING(1)
TA = 70°C
POWER RATING(1)
TA = 85°C
POWER RATING(1)
VFP−32
29.4
°C/W
0.96
°C/W
3.57 W
2.04 W
1.53 W
RGW−25
31
°C/W
1.7
°C/W
3.39 W
1.94 W
1.45 W
(1) Power rating is determined with a junction temperature of 130°C. This is the point where distortion starts to substantially increase. Thermal
management of the final PCB should strive to keep the junction temperature at or below 125
_C for best performance.
ABSOLUTE MAXIMUM RATINGS
over operating free-air temperature range unless otherwise noted(1)
THS6132
Supply voltage, VCC(H) and VCC(L) (2)
±16.5 V
Input voltage, VI
±VCC(L)
Output current, IO (3)
900 mA
Differential input voltage, VIO
±2 V
Maximum junction temperature, TJ (see Dissipation Rating Table for more information)
150
°C
Operating free−air temperature, TA
−40
°C to 85°C
Storage temperature, TStg
65
°C to 150°C
Lead temperature, 1,6 mm (1/16−inch) from case for 10 seconds
300
°C
HBM
1 kV
ESD ratings
CDM
500 V
ESD ratings
MM
200 V
(1) Stresses beyond those listed under “absolute maximum ratings” may cause permanent damage to the device. These are stress ratings only, and
functional operation of the device at these or any other conditions beyond those indicated under “recommended operating conditions” is not
implied. Exposure to absolute-maximum-rated conditions for extended periods may affect device reliability.
(2) VCC(H) must always be greater than or equal to VCC(L) for proper operation. Class-AB mode operation occurs when VCC(H) is equal to VCC(L)
and is considered acceptable operation for the THS6132 even though it is not fully specified in this mode of operation.
(3) The THS6132 incorporates a PowerPAD on the underside of the chip. This acts as a heatsink and must be connected to a thermally dissipating
plane for proper power dissipation. Failure to do so may result in exceeding the maximum junction temperature that could permanently damage
the device. See TI Technical Brief SLMA002 for more information about utilizing the PowerPAD thermally enhanced package.
PowerPAD is a trademark of Texas Instruments.


Similar Part No. - THS6132RGWR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
THS6132RGWR TI-THS6132RGWR Datasheet
339Kb / 17P
[Old version datasheet]   HIGH EFFICIENCY CLASS - G ADSL LINE DRIVER
More results

Similar Description - THS6132RGWR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
THS6132 TI-THS6132 Datasheet
339Kb / 17P
[Old version datasheet]   HIGH EFFICIENCY CLASS - G ADSL LINE DRIVER
logo
XFMRS Inc.
XF0053-AD4 XFMRS-XF0053-AD4 Datasheet
60Kb / 1P
   ADSL LINE DRIVER
XF0053-AD4MS XFMRS-XF0053-AD4MS Datasheet
62Kb / 1P
   ADSL LINE DRIVER
XF0053-AD4S XFMRS-XF0053-AD4S Datasheet
62Kb / 1P
   ADSL LINE DRIVER
XF0053-AD4 XFMRS-XF0053-AD4 Datasheet
60Kb / 1P
   ADSL LINE DRIVER
XF0053-AD4S XFMRS-XF0053-AD4S Datasheet
62Kb / 1P
   ADSL LINE DRIVER
XF0053-AD4MS XFMRS-XF0053-AD4MS Datasheet
62Kb / 1P
   ADSL LINE DRIVER
logo
Motorola, Inc
MC03AX1456CO MOTOROLA-MC03AX1456CO Datasheet
89Kb / 3P
   ADSL Line Driver
logo
XFMRS Inc.
0023AD4S XFMRS-0023AD4S Datasheet
61Kb / 1P
   ADSL LINE DRIVER XFMR
XF0053-AD4MS XFMRS-XF0053-AD4MS_15 Datasheet
62Kb / 1P
   ADSL LINE DRIVER XFMR
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com