Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

THS7353 Datasheet(PDF) 1 Page - Texas Instruments

Part # THS7353
Description  3-Channel Low Power Video Buffer with I2C Control, Selectable Filters, External Gain Control, 2:1 Input MUX, and Selectable Input Modes
Download  57 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

THS7353 Datasheet(HTML) 1 Page - Texas Instruments

  THS7353_15 Datasheet HTML 1Page - Texas Instruments THS7353_15 Datasheet HTML 2Page - Texas Instruments THS7353_15 Datasheet HTML 3Page - Texas Instruments THS7353_15 Datasheet HTML 4Page - Texas Instruments THS7353_15 Datasheet HTML 5Page - Texas Instruments THS7353_15 Datasheet HTML 6Page - Texas Instruments THS7353_15 Datasheet HTML 7Page - Texas Instruments THS7353_15 Datasheet HTML 8Page - Texas Instruments THS7353_15 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 57 page
background image
In A
ADC/
Video
Decoder
3.3V
3.3V
LPF
AC
Sync
TIP
Clamp
DC
+
-
X1
DC+
250mV
MUTE
Bypass
2:1
1kW
250 W
AC
-
BIAS
InB
InputB
Input A
I2C-
SDA
I2C-
SCL
9/16/
35MHz
Out
Gain
Adjust
0.1 F
m
0.1 F
m
0.1 F
m
75 W
75 W
1of3Channels
THS7353
www.ti.com
SLOS484B – NOVEMBER 2005 – REVISED AUGUST 2012
3-Channel Low Power Video Buffer with I2C Control, Selectable Filters, External Gain
Control, 2:1 Input MUX, and Selectable Input Modes
Check for Samples: THS7353
1
FEATURES
APPLICATIONS
234
3-Video Buffers for CVBS, S-Video, SD/ED/HD
HDTV Video Buffering
Y'P'BP'R, and G'B'R' (R'G'B') Video
PVR/DVDR Video Buffering
I2C™ Control of All Functions
Projector Video Buffering
Integrated Low-Pass Filters
USB/Portable Low Power Video Buffering
5th Order Butterworth Characteristics
DESCRIPTION
Selectable Corner Frequencies of 9-MHz,
Fabricated using the new complimentary silicon-
16-MHz, 35-MHz, and Bypass (150-MHz)
germanium (SiGe) BiCom-III process, the THS7353 is
Selectable Input Bias Modes
a low-power, single-supply 2.7-V to 5-V, 3-channel
AC-Coupled with Sync-Tip Clamp
integrated video buffer. It incorporates a selectable
5th
order
Butterworth
anti-aliasing
/
DAC
AC-Coupled with Bias
reconstruction
filter
to
eliminate
data
converter
DC-Coupled with 250-mV Input Shift
images. The 9-MHz is a perfect choice for SDTV
DC-Coupled
video including composite, S-Video™, and 480i/576i
2:1 Input MUX Allows Multiple Input Sources
Y'P'BP'R or G'B'R' (R'G'B') video. The 16-MHz filter is
ideal for EDTV 480p/576p Y'P'BP'R, G'B'R', and VGA
External Gain Control Range From
signals. The 35-MHz filter is useful for HDTV
0 dB to 14 dB
720p/1080i Y'P'BP'R, G'B'R', and SVGA/XGA signals.
2.7-V to 5-V Single Supply Operation
For 1080p or SXGA/UXGA signals, the filter can be
Low 16.2-mA (3.3 V) Total Quiescent Current
bypassed allowing a 150-MHz bandwidth, 300-V/
μs
amplifier to buffer the signal.
Disable (< 1
μA) and Mute Control Functions
Each channel of the THS7353 is individually I2C
Rail-to-Rail Output:
configurable for all functions which makes it flexible
Allows AC or DC Output Coupling
for any application. Its rail-to-rail output stage allows
Low Differential Gain/Phase of 0.15%/0.3°
for both ac and dc coupling applications. The
externally controlled gain adjust pin allows for fine
tuning of the gain such as line driving, compensating
for cable losses, or Sin-X/X compensation.
Figure 1. 3.3 V Single-Supply AC-Input/AC-Video Output System w/SAG Correction
(1 of 3 Channels Shown)
1
Please be aware that an important notice concerning availability, standard warranty, and use in critical applications of
Texas Instruments semiconductor products and disclaimers thereto appears at the end of this data sheet.
2
I2C is a trademark of NXP Semiconductors.
3
S-Video is a trademark of of its respective owner.
4
All other trademarks are the property of their respective owners.
PRODUCTION DATA information is current as of publication date.
Copyright © 2005–2012, Texas Instruments Incorporated
Products conform to specifications per the terms of the Texas
Instruments standard warranty. Production processing does not
necessarily include testing of all parameters.


Similar Part No. - THS7353_15

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
THS7353PW TI-THS7353PW Datasheet
6Mb / 51P
[Old version datasheet]   3-Channel Low Power Video Buffer with I2C Control, Selectable Filters, External Gain Control, 2:1 Input MUX, and Selectable Input Modes
THS7353PWR TI-THS7353PWR Datasheet
6Mb / 51P
[Old version datasheet]   3-Channel Low Power Video Buffer with I2C Control, Selectable Filters, External Gain Control, 2:1 Input MUX, and Selectable Input Modes
More results

Similar Description - THS7353_15

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
THS7353 TI-THS7353 Datasheet
6Mb / 51P
[Old version datasheet]   3-Channel Low Power Video Buffer with I2C Control, Selectable Filters, External Gain Control, 2:1 Input MUX, and Selectable Input Modes
THS7327 TI-THS7327 Datasheet
395Kb / 26P
[Old version datasheet]   3-Channel RGBHV Video Buffer with I2C Control, Selectable Filters, Monitor Pass-Thru,2:1 Input MUX, and Selectable Input Bias Modes
THS7303 TI-THS7303 Datasheet
5Mb / 43P
[Old version datasheet]   3-Channel Low Power Video Amplifier with I2C Control, Selectable Filters, 6-dB Gain, SAG Correction, 2:1 Input MUX, and Selectable Input Bias Modes
THS7347 TI1-THS7347_15 Datasheet
1Mb / 33P
[Old version datasheet]   3-Channel RGBHV Video Buffer with I2C Control, 2:1 Input Mux, Monitor Pass-Through, and Selectable Input Bias Modes
THS7347 TI-THS7347 Datasheet
481Kb / 28P
[Old version datasheet]   3-Channel RGBHV Video Buffer with I2C??Control, 2:1 Input Mux, Monitor Pass-Through, and Selectable Input Bias Modes
THS7313 TI-THS7313 Datasheet
5Mb / 48P
[Old version datasheet]   3-Channel Low Power SDTV Video Amplifier with I2C Control, 6-dB Gain, SAG Correction, 2:1 Input MUX, and Selectable Input Bias Modes
TPA0222 TI-TPA0222 Datasheet
522Kb / 33P
[Old version datasheet]   STEREO 2-W AUDIO POWER AMPLIFIER WITH FOUR SELECTABLE GAIN SETTINGS AND MUX CONTROL
TPA0212 TI-TPA0212 Datasheet
475Kb / 33P
[Old version datasheet]   STEREO 2-W AUDIO POWER AMPLIFIER WITH FOUR SELECTABLE GAIN SETTINGS AND MUX CONTROL
logo
Unisonic Technologies
PA3212 UTC-PA3212_09 Datasheet
485Kb / 9P
   2.6W STEREO AUDIO AMPLIFIER WITH FOUR SELECTABLE GAIN SETTINGS AND MUX CONTROL
logo
BCD Semiconductor Manuf...
AA4006 BCDSEMI-AA4006 Datasheet
433Kb / 2P
   2.7W stereo audio power Amplifier with 4 Selectable Gain Setups and Input Mux
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com