Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

THS7374IPWG4 Datasheet(PDF) 9 Page - Texas Instruments

Part # THS7374IPWG4
Description  4-Channel SDTV Video Amplifier with 6th-Order Filters and 6-dB Gain
Download  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

THS7374IPWG4 Datasheet(HTML) 9 Page - Texas Instruments

Back Button THS7374IPWG4 Datasheet HTML 5Page - Texas Instruments THS7374IPWG4 Datasheet HTML 6Page - Texas Instruments THS7374IPWG4 Datasheet HTML 7Page - Texas Instruments THS7374IPWG4 Datasheet HTML 8Page - Texas Instruments THS7374IPWG4 Datasheet HTML 9Page - Texas Instruments THS7374IPWG4 Datasheet HTML 10Page - Texas Instruments THS7374IPWG4 Datasheet HTML 11Page - Texas Instruments THS7374IPWG4 Datasheet HTML 12Page - Texas Instruments THS7374IPWG4 Datasheet HTML 13Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 42 page
background image
11.0
10.6
10.2
9.8
9.4
9.0
-40 -30 -20
80 90
AmbientTemperature( C)
°
V
=5V
S+
V
=3.3V
S+
70
-10 0
10 20 30 40 50 60
325
320
315
310
305
300
295
290
-40 -30 -20
80 90
AmbientTemperature( C)
°
V
=5V
S+
V
=3.3V
S+
70
-10 0
10 20 30 40 50 60
Input=0V
815
810
805
800
795
790
785
-40 -30 -20
80 90
AmbientTemperature( C)
°
70
-10 0
10 20 30 40 50 60
V
=3.3Vand5V
Input=1V
S+
5.0
4.8
4.6
4.4
4.2
4.0
3.8
3.6
3.4
3.2
3.0
-40 -30 -20
80 90
AmbientTemperature( C)
°
70
-10 0
10 20 30 40 50 60
Load=150
toGND
DC-Coupled
W
V
=3.3V
S+
V
=5V
S+
0.06
0.05
0.04
0.03
0.02
0.01
0
-40 -30 -20
80 90
AmbientTemperature( C)
°
70
-10 0
10 20 30 40 50 60
Load=150
toGND
DC-Coupled
W
V
=3.3V
S+
V
=5V
S+
1.0
0.8
0.6
0.4
0.2
0
0.2
0.4
-
-
-40 -30 -20
80 90
AmbientTemperature( C)
°
70
-10 0
10 20 30 40 50 60
V
=5V
S+
THS7374
www.ti.com
SLOS590B – JULY 2008 – REVISED JANUARY 2011
TYPICAL CHARACTERISTICS: GENERAL
RL = 150 Ω to GND and dc-coupled input and output, unless otherwise noted.
TOTAL QUIESCENT CURRENT vs TEMPERATURE
OUTPUT OFFSET VOLTAGE vs TEMPERATURE
Figure 2.
Figure 3.
INPUT RESISTANCE vs TEMPERATURE
MAXIMUM OUTPUT VOLTAGE vs TEMPERATURE
Figure 4.
Figure 5.
MINIMUM OUTPUT VOLTAGE vs TEMPERATURE
ATTENUATION AT 6.75MHz vs TEMPERATURE
Figure 6.
Figure 7.
Copyright © 2008–2011, Texas Instruments Incorporated
Submit Documentation Feedback
9
Product Folder Link(s): THS7374


Similar Part No. - THS7374IPWG4

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
THS7374IPW TI-THS7374IPW Datasheet
817Kb / 37P
[Old version datasheet]   4-Channel SDTV Video Amplifier with 6th-Order Filters and 6-dB Gain
THS7374IPWR TI-THS7374IPWR Datasheet
817Kb / 37P
[Old version datasheet]   4-Channel SDTV Video Amplifier with 6th-Order Filters and 6-dB Gain
More results

Similar Description - THS7374IPWG4

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
THS7374 TI-THS7374 Datasheet
817Kb / 37P
[Old version datasheet]   4-Channel SDTV Video Amplifier with 6th-Order Filters and 6-dB Gain
THS7314 TI1-THS7314_14 Datasheet
969Kb / 31P
[Old version datasheet]   3-Channel SDTV Video Amplifier With 5th-Order Filters and 6-dB Gain
THS7314 TI-THS7314 Datasheet
616Kb / 23P
[Old version datasheet]   3-Channel SDTV Video Amplifier With 5th-Order Filters and 6-dB Gain
THS7314 TI1-THS7314_17 Datasheet
972Kb / 31P
[Old version datasheet]   3-Channel SDTV Video Amplifier With 5th-Order Filters and 6-dB Gain
THS7314EVM TI1-THS7314EVM Datasheet
973Kb / 31P
[Old version datasheet]   3-Channel SDTV Video Amplifier With 5th-Order Filters and 6-dB Gain
THS7375 TI-THS7375 Datasheet
918Kb / 36P
[Old version datasheet]   4-Channel SDTV Video Amplifier with 6th-Order Filters and 5.6-V/V Gain
THS7316 TI-THS7316_07 Datasheet
859Kb / 30P
[Old version datasheet]   3-Channel HDTV Video Amplifier With 5th-Order Filters and 6-dB Gain
THS7316 TI1-THS7316_17 Datasheet
1Mb / 31P
[Old version datasheet]   3-Channel HDTV Video Amplifier With 5th-Order Filters and 6-dB Gain
THS7316 TI-THS7316 Datasheet
813Kb / 28P
[Old version datasheet]   3-Channel HDTV Video Amplifier With 5th-Order Filters and 6-dB Gain
THS7316 TI1-THS7316_14 Datasheet
1Mb / 29P
[Old version datasheet]   3-Channel HDTV Video Amplifier With 5th-Order Filters and 6-dB Gain
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com