Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TPS62202DBV Datasheet(PDF) 6 Page - Texas Instruments

Part # TPS62202DBV
Description  HIGH-EFFICIENCY, SOT23 STEP-DOWN, DC-DC CONVERTER
Download  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TPS62202DBV Datasheet(HTML) 6 Page - Texas Instruments

Back Button TPS62202DBV Datasheet HTML 2Page - Texas Instruments TPS62202DBV Datasheet HTML 3Page - Texas Instruments TPS62202DBV Datasheet HTML 4Page - Texas Instruments TPS62202DBV Datasheet HTML 5Page - Texas Instruments TPS62202DBV Datasheet HTML 6Page - Texas Instruments TPS62202DBV Datasheet HTML 7Page - Texas Instruments TPS62202DBV Datasheet HTML 8Page - Texas Instruments TPS62202DBV Datasheet HTML 9Page - Texas Instruments TPS62202DBV Datasheet HTML 10Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 19 page
background image
www.ti.com
ABSOLUTE MAXIMUM RATINGS
DISSIPATION RATING TABLE
RECOMMENDED OPERATING CONDITIONS
ELECTRICAL CHARACTERISTICS
TPS62200
,, TPS62201
TPS62202, TPS62203, TPS62207
TPS62204, TPS62205, TPS62208
SLVS417E – MARCH 2002 – REVISED MAY 2006
over operating free-air temperature (unless otherwise noted) (1)
UNIT
Supply voltages, VI(2)
-0.3 V to 7.0 V
Voltages on pins SW, EN, FB (2)
-0.3 V to VCC +0.3 V
Continuous power dissipation, PD
See Dissipation Rating Table
Operating junction temperature range, TJ
-40°C to 150°C
Storage temperature, Tstg
-65°C to 150°C
Lead temperature (soldering, 10 sec)
260°C
(1)
Stresses beyond those listed under "absolute maximum ratings" may cause permanent damage to the device. These are stress ratings
only, and functional operation of the device at these or any other conditions beyond those indicated under "recommended operating
conditions" is not implied. Exposure to absolute-maximum-rated conditions for extended periods may affect device reliability.
(2)
All voltage values are with respect to network ground terminal.
TA ≤ 25°C
TA = 70°C
TA = 85°C
PACKAGE
RθJA
POWER RATING
POWER RATING
POWER RATING
DBV
250°/W
400 mW
220 mW
160 mW
MIN
NOM
MAX
UNIT
Supply voltage, VI
2.5
6.0
V
Output voltage range for adjustable output voltage version, VO
0.7
VI
V
Output current, IO
300
mA
Inductor, L (1)
4.7
10
µH
Input capacitor, CI(1)
4.7
µF
Output capacitor, CO(1)
10
µF
Operating ambient temperature, TA
40
85
°C
Operating junction temperature, TJ
40
125
°C
(1)
See the application section for further information.
V
I = 3.6 V, VO = 1.8 V, IO = 200 mA, EN = VIN, TA = -40°C to 85°C, typical values are at TA = 25°C (unless otherwise noted)
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
SUPPLY CURRENT
VI
Input voltage range
2.5
6.0
V
IQ
Operating quiescent current
IO = 0 mA, Device is not switching
15
30
µA
Shutdown supply current
EN = GND
0.1
1
µA
Undervoltage lockout threshold
1.5
2.0
V
ENABLE
V(EN)
EN high level input voltage
1.3
V
EN low level input voltage
0.4
V
I(EN)
EN input bias current
EN = GND or VIN
0.01
0.1
µA
POWER SWITCH
VIN = VGS = 3.6 V
530
690
P-channel MOSFET on-resistance
m
VIN = VGS = 2.5 V
670
850
rds(ON)
VIN = VGS = 3.6 V
430
540
N-channel MOSFET on-resistance
m
VIN = VGS = 2.5 V
530
660
Ilkg_(P)
P-channel leakage current
VDS = 6.0 V
0.1
1
µA
6
Submit Documentation Feedback


Similar Part No. - TPS62202DBV

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS62202DBV TI-TPS62202DBV Datasheet
264Kb / 19P
[Old version datasheet]   HIGH-EFFICIENCY, SOT23 STEP-DOWN, DC-DC CONVERTER
TPS62202DBVR TI1-TPS62202DBVR Datasheet
905Kb / 24P
[Old version datasheet]   HIGH-EFFICIENCY, SOT23 STEP-DOWN, DC-DC CONVERTER
TPS62202DBVRG4 TI1-TPS62202DBVRG4 Datasheet
905Kb / 24P
[Old version datasheet]   HIGH-EFFICIENCY, SOT23 STEP-DOWN, DC-DC CONVERTER
TPS62202DBVT TI1-TPS62202DBVT Datasheet
905Kb / 24P
[Old version datasheet]   HIGH-EFFICIENCY, SOT23 STEP-DOWN, DC-DC CONVERTER
TPS62202DBVTG4 TI1-TPS62202DBVTG4 Datasheet
905Kb / 24P
[Old version datasheet]   HIGH-EFFICIENCY, SOT23 STEP-DOWN, DC-DC CONVERTER
More results

Similar Description - TPS62202DBV

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS62203-DIE TI1-TPS62203-DIE Datasheet
70Kb / 4P
[Old version datasheet]   HIGH-EFFICIENCY, SOT23 STEP-DOWN, DC-DC CONVERTER
TPS62205 TI-TPS62205 Datasheet
264Kb / 19P
[Old version datasheet]   HIGH-EFFICIENCY, SOT23 STEP-DOWN, DC-DC CONVERTER
TPS62200 TI1-TPS62200_13 Datasheet
905Kb / 24P
[Old version datasheet]   HIGH-EFFICIENCY, SOT23 STEP-DOWN, DC-DC CONVERTER
TPS62200 TI-TPS62200_15 Datasheet
1Mb / 28P
[Old version datasheet]   TPS6220x High-Efficiency, SOT23 Step-Down, DC-DC Converter
logo
Semtech Corporation
SC1578 SEMTECH-SC1578 Datasheet
130Kb / 5P
   HIGH-EFFICIENCY STEP-DOWN DC-DC CONVERTER
logo
Fairchild Semiconductor
FAN5307 FAIRCHILD-FAN5307 Datasheet
623Kb / 13P
   High-Efficiency Step-Down DC-DC Converter
logo
Analog Intergrations Co...
AIC1578 AIC-AIC1578 Datasheet
266Kb / 7P
   High-Efficiency, Step-Down DC/DC Converter
logo
Shindengen Electric Mfg...
MD1422N SHINDENGEN-MD1422N Datasheet
41Kb / 2P
   high-efficiency step down DC-DC converter
logo
Fairchild Semiconductor
FAN5308 FAIRCHILD-FAN5308_07 Datasheet
472Kb / 11P
   800mA High-Efficiency Step-Down DC-DC Converter
FAN2001 FAIRCHILD-FAN2001 Datasheet
329Kb / 11P
   1A High-Efficiency Step-Down DC-DC Converter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com