Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HER2020FC Datasheet(PDF) 1 Page - Diode Semiconductor Korea

Part # HER2020FC
Description  HIGH EFFICIENCY RECTIFIERS
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DSK [Diode Semiconductor Korea]
Direct Link  http://www.diode.kr/
Logo DSK - Diode Semiconductor Korea

HER2020FC Datasheet(HTML) 1 Page - Diode Semiconductor Korea

  HER2020FC Datasheet HTML 1Page - Diode Semiconductor Korea HER2020FC Datasheet HTML 2Page - Diode Semiconductor Korea  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
1
3
2
PIN
10.2± 0.2
4.0± 0.3
2.6± 0.15
1.4± 0.1
0.6± 0.1
4.5± 0.2
3.1
+0.2
-0.1
2.6± 0.2
0.6± 0.1
FEATURES
Low cost
Low leakage
Low forward voltage drop
High current capability
MECHANICAL DATA
Case:JEDEC ITO-220AB,molded plastic
Terminals: Plated leads,solderable per
MIL- STD-202,Method 208
Polarity: As marked
Weight: 0.06 ounces,1.67grams
Mounting position: Any
Ratings at 25
ambient temperature unless otherwise specified.
Single phase,half wave,60 Hz,resistive or inductive load. For capacitive load,derate by 20%.
HER
2040FC
HER
2060FC
UNITS
Maximum recurrent peak reverse voltage
VRRM
V
Maximum RMS voltage
VRMS
V
Maximum DC blocking voltage
VDC
V
Maximum average forw ard rectified current
@T
C=75
Peak forw ard surge current
8.3ms single half-sine-w ave
superimposed on rated load
@T
J=125
Maximum instantaneous forw ard voltage
@ 10A
VF
V
Maximum reverse current
@T
C=25
at rated DC blocking voltage
@T
C=100
Maximum reverse recovery time
(Note1)
trr
ns
Typical junction capacitance
(Note2)
CJ
pF
Typical thermal resistance
(Note3)
RθJC
/W
Operating junction temperature range
TJ
Storage temperature range
TSTG
ITO - 220AB
2. Measured at 1.0MHz and applied rev erse v oltage of 4.0V DC.
1.3
1.7
1.0
40
50
100
2.5
150
HER2010FC---HER2060FC
A
10
Easily cleaned with alcohol,Isopropanol
and similar solvents
IF(AV)
20
HIGH EFFICIENCY RECTIFIERS
VOLTAGE RANGE: 100 --- 600 V
CURRENT: 20 A
70
140
280
420
The plastic material carries U/L recognition 94V-0
A
3.Thermal resistance junction to case.
HER
2010FC
HER
2020FC
100
200
400
600
A
200
IR
MAXIMUM RATINGS AND ELECTRICAL CHARACTERISTICS
IFSM
NOTE: 1. Measured with I
F=0.5A, IR=1A, Irr=0.25A.
- 55 ---- + 150
100
200
400
600
- 55 ---- + 150
Dimensions in millimeters
www.diode.kr
Diode Semiconductor Korea


Similar Part No. - HER2020FC

ManufacturerPart #DatasheetDescription
logo
Shenzhen Luguang Electr...
HER2020FC LUGUANG-HER2020FC Datasheet
179Kb / 2P
   High Efficiency Rectifiers
More results

Similar Description - HER2020FC

ManufacturerPart #DatasheetDescription
logo
Shenzhen Luguang Electr...
HER510T LUGUANG-HER510T Datasheet
208Kb / 2P
   High Efficiency Rectifiers
HER1010 LUGUANG-HER1010 Datasheet
209Kb / 2P
   High Efficiency Rectifiers
HER601 LUGUANG-HER601 Datasheet
290Kb / 2P
   High Efficiency Rectifiers
EG01Y LUGUANG-EG01Y Datasheet
174Kb / 2P
   High Efficiency Rectifiers
EGP50A LUGUANG-EGP50A Datasheet
215Kb / 2P
   High Efficiency Rectifiers
logo
Microdiode Electronics ...
1H2 CHENDA-1H2 Datasheet
74Kb / 2P
   HIGH EFFICIENCY RECTIFIERS
logo
Leshan Radio Company
HER103 LRC-HER103_15 Datasheet
201Kb / 7P
   High Efficiency Rectifiers
HER208 LRC-HER208_15 Datasheet
153Kb / 7P
   High Efficiency Rectifiers
HER305 LRC-HER305_15 Datasheet
195Kb / 7P
   High Efficiency Rectifiers
logo
Shenzhen Luguang Electr...
ERB32-01 LUGUANG-ERB32-01 Datasheet
1Mb / 2P
   High Efficiency Rectifiers
logo
Diode Semiconductor Kor...
TVR1B DSK-TVR1B Datasheet
282Kb / 2P
   HIGH EFFICIENCY RECTIFIERS
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com