Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BT22008 Datasheet(PDF) 1 Page - List of Unclassifed Manufacturers

Part # BT22008
Description  8 mm Character Height LCD Modules - MACRO LINE
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

BT22008 Datasheet(HTML) 1 Page - List of Unclassifed Manufacturers

  BT22008 Datasheet HTML 1Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
39
8 mm Character Height LCD Modules - MACRO LINE
BATRON
I BLOCK DIAGRAM
I MECHANICAL DATA
Parameter
Width x Height x Depth
Unit
Outline Dimensions
146 x 43 x 10 (with LED: 14)
mm
Effective viewing area
123 x 23
mm
Dot Size
0.92 x 1.10
mm
Dot Pitch
0.98 x 1.16
mm
Character Matrix
5 x 7
dots
Character Size
4.84 x 8.06
mm
Character Pitch
6.0 x 9.75
mm
Weight
Approximate 65 (with LED: 70)
g
I ABSOLUTE MAXIMUM RATINGS
Parameter
Symbol
Min.
Max.
Unit
Supply Voltage (Logic)
VDD (VDD-VSS)
0
7.0
V
Supply Voltage (LCD Driver)
VEE (VDD-V0)
0
13.5
V
Input Voltage
VI
VSS
VDD
V
Operating Temperature
TOP
See Page 11
°C
Storage Temperature
TST
See Page 11
°C
I ELECTRICAL CHARACTERISTICS
Condition: Ta = 25°C, VDD = 5.0±0.
25 V
Parameter
Symbol
Min.
Typ
Max.
Unit
Input Voltage HIGH
VINH
2.2
---
---
V
Input Voltage LOW
VINL
---
---
0.6
V
Output Voltage HIGH
VOH
2.4
---
---
V
Output Voltage LOW
VOL
---
---
0.4
V
Supply Current (Logic)
IDD
---
1.0
---
mA
Supply Current (LCD Driver)
I0
---
0.5
---
mA
Duty Ratio
---
---
1 / 16
---
---
I LED BACKLIGHT (STANDARD COLOR GREEN)
Parameter
Symbol
Min.
Typ
Max.
Unit
Supply Voltage
VF
3.8
4.0
4.2
V
Supply Current
IF[at 25°C]
---
300
450
mA
Lamp Style
---
---
04
---
---
LED Segments
---
---
30
---
pcs
I PIN TABLE
Pin
Symbol
Signal Description
1VSS
GND (0 V)
2VDD
Power Supply (5 V)
3V0
Supply Voltage (LCD Driver)
4
RS
Register Select - LOW = Instruction, High = Data
5
R / W
Read / Write
LOW = MPU to LCM, HIGH = LCM to MPU
Enable
6
E
R / W = LOW: Data are taking over at falling edge of E
R / W = HIGH: Data can be read at E = 1
7 to 14
DB0 to DB7
Data Bus - Software selectable 4 or 8 Bit Mode
A+VLED
Anode of LED Unit
K-VLED
Cathode of LED Unit
I ADDITIONAL INFORMATION
N Display Connector Type - without LED: 1 x 14 pin
N Display Connector Type - with LED: See Drawing
N Controller Type - SPLC 780 (1) or compatible
BT 22008
2 Lines x 20 Characters
Dot Size
Dimensions [mm]
Controller
Data Modul AG - Landsberger Str. 322 - 80687 München - Tel. 089-56017-0 - Fax 089-56017-119 –
www.data-modul.de


Similar Part No. - BT22008

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
BT22005 ETC-BT22005 Datasheet
73Kb / 1P
   5 mm Character Height LCD Modules
More results

Similar Description - BT22008

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
BT42008 ETC-BT42008 Datasheet
89Kb / 1P
   8 mm Character Height LCD Modules - MACRO LINE
BT21608 ETC-BT21608 Datasheet
73Kb / 1P
   8 mm Character Height LCD Modules - MACRO LINE
BT11608 ETC-BT11608 Datasheet
73Kb / 1P
   8 mm Character Height LCD Modules - MACRO LINE
BT10809 ETC1-BT10809 Datasheet
78Kb / 1P
   9 mm Character Height LCD Modules - MACRO LINE
BT21603 ETC1-BT21603 Datasheet
124Kb / 2P
   3 mm Character Height LCD Modules - MICRO LINE
BT42003 ETC-BT42003 Datasheet
73Kb / 1P
   3 mm Character Height LCD Modules - MICRO LINE
BT24005 ETC-BT24005 Datasheet
83Kb / 1P
   5 mm Character Height LCD Modules
BT22005 ETC-BT22005 Datasheet
73Kb / 1P
   5 mm Character Height LCD Modules
BT44005 ETC-BT44005 Datasheet
187Kb / 1P
   5 mm Character Height LCD Modules
BT11605 ETC-BT11605 Datasheet
75Kb / 1P
   5 mm Character Height LCD Modules
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com