Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CD54HC107 Datasheet(PDF) 5 Page - Texas Instruments

Click here to check the latest version.
Part # CD54HC107
Description  Dual J-K Flip-Flop with Reset Negative-Edge Trigger
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

CD54HC107 Datasheet(HTML) 5 Page - Texas Instruments

  CD54HC107 Datasheet HTML 1Page - Texas Instruments CD54HC107 Datasheet HTML 2Page - Texas Instruments CD54HC107 Datasheet HTML 3Page - Texas Instruments CD54HC107 Datasheet HTML 4Page - Texas Instruments CD54HC107 Datasheet HTML 5Page - Texas Instruments CD54HC107 Datasheet HTML 6Page - Texas Instruments CD54HC107 Datasheet HTML 7Page - Texas Instruments CD54HC107 Datasheet HTML 8Page - Texas Instruments CD54HC107 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 11 page
background image
5
Setup Time, J, K to CP
tSU
-
2
100
-
-
125
-
150
-
ns
4.5
20
-
-
25
-
30
-
ns
6
17
-
-
21
-
26
-
ns
Hold Time, J, K to CP
tH
-2
3
-
-
3
-
3
-
ns
4.5
3
-
-
3
-
3
-
ns
6
3
-
-
3-3-
ns
Removal Time
tREM
-
2
60
-
-
75
-
90
-
ns
4.5
12
-
-
15
-
18
-
ns
6
10
-
-
13
-
15
-
ns
CP Frequency
fMAX
-
2
6
-
-
5
-
4
-
MHz
4.5
30
-
-
25
-
20
-
MHz
6
35
-
-
29
-
23
-
MHz
HCT TYPES
CP Pulse Width
tw
-
4.5
18
-
-
23
-
27
-
ns
R Pulse Width
tw
-
4.5
24
-
-
30
-
36
-
ns
Setup Time, J, K to CP
tSU
-
4.5
20
-
-
25
-
30
-
ns
Hold Time, J, K to CP
tH
-
4.5
5
-
-
5
-
5
-
ns
Removal Time
tREM
-
4.5
12
-
-
15
-
18
-
ns
CP Frequency
fMAX
-
4.5
28
-
-
22
-
19
-
MHz
Switching Specifications Input tr, tf = 6ns
PARAMETER
SYMBOL
TEST
CONDITIONS
VCC
(V)
25oC
-40oC TO 85oC
-55oC TO 125oC
UNITS
MIN
TYP
MAX
MIN
MAX
MIN
MAX
HC TYPES
Propagation Delay,
CP to Q
tPLH, tPHL
CL = 50pF
2
-
-
170
-
215
-
255
ns
4.5
-
-
34
-
43
-
51
ns
CL = 15pF
5
-
14
-
----
ns
CL = 50pF
6
-
-
29
-
37
-
43
ns
Propagation Delay,
CP to Q
tPLH, tPHL
CL = 50pF
2
-
-
170
-
215
-
255
ns
4.5
-
-
34
-
43
-
51
ns
CL = 15pF
5
-
14
-
----
ns
CL = 50pF
6
-
-
29
-
37
-
43
ns
Propagation Delay,
R to Q, Q
tPLH, tPHL
CL = 50pF
2
-
-
155
-
195
-
235
ns
4.5
-
-
31
-
39
-
47
ns
CL = 15pF
5
-
13
-
----
ns
CL = 50pF
6
-
-
26
-
33
-
40
ns
Output Transition Time
tTLH, tTHL
CL = 50pF
2
-
-
75
-
95
18
110
ns
4.5
-
-
15
-
19
-
22
ns
6
-
-
13
-
16
-
19
ns
Input Capacitance
CI
-
-
-
-
10
-
10
-
10
pF
CP Frequency
fMAX
CL = 15pF
5
-
60
-
----
MHz
Prerequisite For Switching Specifications
(Continued)
PARAMETER
SYMBOL
TEST
CONDITIONS
VCC
(V)
25oC
-40oC TO 85oC
-55oC TO 125oC
UNITS
MIN
TYP
MAX
MIN
MAX
MIN
MAX
CD54HC107, CD74HC107, CD74HCT107


Similar Part No. - CD54HC107

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
CD54HC107 TI-CD54HC107 Datasheet
451Kb / 15P
[Old version datasheet]   Dual J-K Flip-Flop with Reset Negative-Edge Trigger
CD54HC107 TI1-CD54HC107 Datasheet
624Kb / 16P
[Old version datasheet]   Dual J-K Flip-Flop with Reset Negative-Edge Trigger
CD54HC107F3A TI-CD54HC107F3A Datasheet
451Kb / 15P
[Old version datasheet]   Dual J-K Flip-Flop with Reset Negative-Edge Trigger
CD54HC107F3A TI1-CD54HC107F3A Datasheet
624Kb / 16P
[Old version datasheet]   Dual J-K Flip-Flop with Reset Negative-Edge Trigger
CD54HC107 TI-CD54HC107_08 Datasheet
451Kb / 15P
[Old version datasheet]   Dual J-K Flip-Flop with Reset Negative-Edge Trigger
More results

Similar Description - CD54HC107

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
CD54HC73 TI-CD54HC73_08 Datasheet
452Kb / 15P
[Old version datasheet]   Dual J-K Flip-Flop with Reset Negative-Edge Trigger
CD54HC107 TI-CD54HC107_08 Datasheet
451Kb / 15P
[Old version datasheet]   Dual J-K Flip-Flop with Reset Negative-Edge Trigger
CD54HC73 TI-CD54HC73 Datasheet
266Kb / 13P
[Old version datasheet]   Dual J-K Flip-Flop with Reset Negative-Edge Trigger
CD54HC107 TI1-CD54HC107_16 Datasheet
624Kb / 16P
[Old version datasheet]   Dual J-K Flip-Flop with Reset Negative-Edge Trigger
CD54HC73 TI-CD54HC73_07 Datasheet
422Kb / 15P
[Old version datasheet]   Dual J-K Flip-Flop with Reset Negative-Edge Trigger
CD74HC107 TI-CD74HC107 Datasheet
56Kb / 8P
[Old version datasheet]   Dual J-K Flip-Flop with Reset Negative-Edge Trigger
CD74HC73 TI-CD74HC73 Datasheet
57Kb / 8P
[Old version datasheet]   Dual J-K Flip-Flop with Reset Negative-Edge Trigger
CD54HC73 TI-CD54HC73_V01 Datasheet
1,007Kb / 18P
[Old version datasheet]   Dual J-K Flip-Flop with Reset Negative-Edge Trigger
September 2003
CD74HC112 TI-CD74HC112 Datasheet
55Kb / 8P
[Old version datasheet]   Dual J-K Flip-Flop with Set and Reset Negative-Edge Trigger
CD54HC112 TI-CD54HC112_08 Datasheet
643Kb / 18P
[Old version datasheet]   Dual J-K Flip-Flop with Set and Reset Negative-Edge Trigger
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com