Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TLC27L1 Datasheet(PDF) 6 Page - Texas Instruments

Click here to check the latest version.
Part # TLC27L1
Description  LinCMOSE LOW-POWER OPERATIONAL AMPLIFIERS
Download  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TLC27L1 Datasheet(HTML) 6 Page - Texas Instruments

Back Button TLC27L1 Datasheet HTML 2Page - Texas Instruments TLC27L1 Datasheet HTML 3Page - Texas Instruments TLC27L1 Datasheet HTML 4Page - Texas Instruments TLC27L1 Datasheet HTML 5Page - Texas Instruments TLC27L1 Datasheet HTML 6Page - Texas Instruments TLC27L1 Datasheet HTML 7Page - Texas Instruments TLC27L1 Datasheet HTML 8Page - Texas Instruments TLC27L1 Datasheet HTML 9Page - Texas Instruments TLC27L1 Datasheet HTML 10Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 32 page
background image
TLC27L1, TLC27L1A, TLC27L1B
LinCMOS LOW POWER
OPERATIONAL AMPLIFIERS
SLOS154B− DECEMBER 1995 − REVISED JUNE 2005
6
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
electrical characteristics at specified free-air temperature (unless otherwise noted)
TEST
TLC27L1M
PARAMETER
TEST
CONDITIONS
TA†
VDD = 5 V
VDD = 10 V
UNIT
PARAMETER
CONDITIONS
TA†
MIN
TYP
MAX
MIN
TYP
MAX
UNIT
VIO
Input offset voltage
VO = 1.4 V,
VIC = 0 V,
25
°C
1.1
10
1.1
10
mV
VIO
Input offset voltage
RS = 50 Ω,
RL = 1 MΩ
Full range
12
12
mV
αVIO
Average temperature coefficient
of input offset voltage
25
°C to
125
°C
1.4
1.4
µV/°C
IIO
Input offset current (see Note 4)
VO = VDD /2,
25
°C
0.1
60
0.1
60
pA
IIO
Input offset current (see Note 4)
VO = VDD /2,
VIC = VDD /2
125
°C
1.4
15
1.8
15
nA
IIB
Input bias current (see Note 4)
VO = VDD /2,
25
°C
0.6
60
0.7
60
pA
IIB
Input bias current (see Note 4)
VO = VDD /2,
VIC = VDD /2
125
°C
9
35
10
35
nA
VICR
Common-mode input
25
°C
0
to
4
− 0.3
to
4.2
0
to
9
− 0.3
to
9.2
V
VICR
Common-mode input
voltage range (see Note 5)
Full range
0
to
3.5
0
to
8.5
V
VID = 100 mV,
25
°C
3.2
4.1
8
8.9
VOH
High-level output voltage
VID = 100 mV,
RL= 1 MΩ
−55
°C
3
4.1
7.8
8.8
V
VOH
High-level output voltage
RL= 1 MΩ
125
°C
3
4.2
7.8
9
V
VID = − 100 mV,
25
°C
0
50
0
50
VOL
Low-level output voltage
VID = − 100 mV,
IOL = 0
−55
°C
0
50
0
50
mV
VOL
Low-level output voltage
IOL = 0
125
°C
0
50
0
50
mV
Large-signal differential
RL= 1 MΩ
25
°C
50
520
50
870
AVD
Large-signal differential
voltage amplification
RL= 1 MΩ,
See Note 6
−55
°C
25
1000
25
1775
V/mV
AVD
voltage amplification
See Note 6
125
°C
25
200
25
380
V/mV
25
°C
65
94
65
97
CMRR
Common-mode rejection ratio
VIC = VICRmin
−55
°C
60
95
60
97
dB
CMRR
Common-mode rejection ratio
VIC = VICRmin
125
°C
60
85
60
91
dB
Supply-voltage rejection ratio
VDD = 5 V to 10 V,
25
°C
70
97
70
97
kSVR
Supply-voltage rejection ratio
(
∆VDD/∆VIO)
VDD = 5 V to 10 V,
VO = 1.4 V
−55
°C
60
97
60
97
dB
kSVR
(
∆VDD/∆VIO)
VO = 1.4 V
125
°C
60
98
60
98
dB
II(SEL) Input current (BIAS SELECT)
VI(SEL) = VDD
25
°C
65
95
nA
VO = VDD /2,
25
°C
10
17
14
23
IDD
Supply current
VO = VDD /2,
VIC = VDD /2,
No load
−55
°C
17
30
28
48
µA
IDD
Supply current
VIC = VDD /2,
No load
125
°C
7
12
9
15
µA
† Full range is − 55°C to 125°C.
NOTES:
4. The typical values of input bias current and input offset current below 5 pA were determined mathematically.
5. This range also applies to each input individually.
6. At VDD = 5 V, VO = 0.25 V to 2 V; at VDD = 10 V, VO = 1 V to 6 V.


Similar Part No. - TLC27L1

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TLC27L1 TI-TLC27L1 Datasheet
520Kb / 32P
[Old version datasheet]   LinCMOSE LOW-POWER OPERATIONAL AMPLIFIERS
TLC27L1A TI-TLC27L1A Datasheet
520Kb / 32P
[Old version datasheet]   LinCMOSE LOW-POWER OPERATIONAL AMPLIFIERS
TLC27L1ACD TI-TLC27L1ACD Datasheet
520Kb / 32P
[Old version datasheet]   LinCMOSE LOW-POWER OPERATIONAL AMPLIFIERS
TLC27L1ACP TI-TLC27L1ACP Datasheet
520Kb / 32P
[Old version datasheet]   LinCMOSE LOW-POWER OPERATIONAL AMPLIFIERS
TLC27L1AID TI-TLC27L1AID Datasheet
520Kb / 32P
[Old version datasheet]   LinCMOSE LOW-POWER OPERATIONAL AMPLIFIERS
More results

Similar Description - TLC27L1

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TLC27L1 TI-TLC27L1 Datasheet
520Kb / 32P
[Old version datasheet]   LinCMOSE LOW-POWER OPERATIONAL AMPLIFIERS
TLC251 TI-TLC251 Datasheet
273Kb / 18P
[Old version datasheet]   LinCMOSE PROGRAMMABLE LOW-POWER OPERATIONAL AMPLIFIERS
TLV2322 TI-TLV2322 Datasheet
502Kb / 33P
[Old version datasheet]   LinCMOSE LOW-VOLTAGE LOW-POWER OPERATIONAL AMPLIFIERS
TLC271 TI-TLC271 Datasheet
1Mb / 74P
[Old version datasheet]   LinCMOSE PROGRAMMABLE LOW-POWER OPERATIONAL AMPLIFIERS
TLC271 TI-TLC271_01 Datasheet
1Mb / 82P
[Old version datasheet]   LinCMOSE PROGRAMMABLE LOW-POWER OPERATIONAL AMPLIFIERS
TLV2322 TI1-TLV2322_12 Datasheet
769Kb / 33P
[Old version datasheet]   LinCMOSE LOW-VOLTAGE LOW-POWER OPERATIONAL AMPLIFIERS
TLV2332 TI-TLV2332 Datasheet
500Kb / 33P
[Old version datasheet]   LinCMOSE LOW-VOLTAGE MEDIUM-POWER OPERATIONAL AMPLIFIERS
TLV2332 TI1-TLV2332_16 Datasheet
988Kb / 33P
[Old version datasheet]   LinCMOSE LOW-VOLTAGE MEDIUM-POWER OPERATIONAL AMPLIFIERS
TLC252 TI-TLC252 Datasheet
330Kb / 21P
[Old version datasheet]   LinCMOSE DUAL OPERATIONAL AMPLIFIERS
TLV2341 TI-TLV2341 Datasheet
748Kb / 51P
[Old version datasheet]   LinCMOSE PROGRAMMABLE LOW-VOLTAGE OPERATIONAL AMPLIFIERS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com