Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TLC2254AQPWRG4Q1 Datasheet(PDF) 11 Page - Texas Instruments

Part # TLC2254AQPWRG4Q1
Description  Advanced LinCMOS田?RAIL-TO-RAIL VERY LOW-POWER OPERATIONAL AMPLIFIERS
Download  43 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TLC2254AQPWRG4Q1 Datasheet(HTML) 11 Page - Texas Instruments

Back Button TLC2254AQPWRG4Q1 Datasheet HTML 7Page - Texas Instruments TLC2254AQPWRG4Q1 Datasheet HTML 8Page - Texas Instruments TLC2254AQPWRG4Q1 Datasheet HTML 9Page - Texas Instruments TLC2254AQPWRG4Q1 Datasheet HTML 10Page - Texas Instruments TLC2254AQPWRG4Q1 Datasheet HTML 11Page - Texas Instruments TLC2254AQPWRG4Q1 Datasheet HTML 12Page - Texas Instruments TLC2254AQPWRG4Q1 Datasheet HTML 13Page - Texas Instruments TLC2254AQPWRG4Q1 Datasheet HTML 14Page - Texas Instruments TLC2254AQPWRG4Q1 Datasheet HTML 15Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 43 page
background image
TLC225x-Q1, TLC225xA-Q1
Advanced LinCMOS
 RAIL-TO-RAIL
VERY LOW-POWER OPERATIONAL AMPLIFIERS
SGLS188B − OCTOBER 2003 − REVISED APRIL 2008
11
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
POST OFFICE BOX 1443
HOUSTON, TEXAS 77251−1443
electrical characteristics at specified free-air temperature, VDD± = ±5 V (unless otherwise noted)
PARAMETER
TEST CONDITIONS
T
TLC2254-Q1
TLC2254A-Q1
UNIT
PARAMETER
TEST CONDITIONS
TA†
MIN
TYP
MAX
MIN
TYP
MAX
UNIT
V
Input offset voltage
25
°C
200
1500
200
850
V
VIO
Input offset voltage
Full range
1750
1000
µV
αVIO
Temperature coefficient of
input offset voltage
25
°C
to 125
°C
0.5
0.5
µV/°C
Input offset voltage
long-term drift (see Note 4)
VIC = 0,
RS = 50 Ω
VO = 0,
25
°C
0.003
0.003
µV/mo
I
Input offset current
RS = 50 Ω
25
°C
0.5
60
0.5
60
pA
IIO
Input offset current
125
°C
1000
1000
pA
I
Input bias current
25
°C
1
60
1
60
pA
IIB
Input bias current
125
°C
1000
1000
pA
V
Common-mode input
R
50
|V |≤5mV
25
°C
−5
to
4
− 5.3
to
4.2
−5
to
4
− 5.3
to
4.2
V
VICR
Common mode input
voltage range
RS = 50 Ω,
|VIO | ≤5 mV
Full range
−5
to
3.5
−5
to
3.5
V
IO = − 20 µA
25
°C
4.98
4.98
V
Maximum positive peak
I
100 A
25
°C
4.9
4.93
4.9
4.93
V
VOM +
Maximum positive peak
output voltage
IO = − 100 µA
Full range
4.7
4.7
V
IO = − 200 µA
25
°C
4.8
4.86
4.8
4.86
VIC = 0,
IO = 50 µA
25
°C
− 4.99
− 4.99
Mi
ti
k
V
0
I
500 A
25
°C
− 4.85
− 4.91
− 4.85
− 4.91
VOM −
Maximum negative peak
output voltage
VIC = 0,
IO = 500 µA
Full range
− 4.85
− 4.85
V
VOM −
output voltage
V
0
I
4
mA
25
°C
−4
− 4.3
−4
− 4.3
V
VIC = 0,
IO = 4 mA
Full range
− 3.8
− 3.8
L
i
l diff
ti l
R
100 k
25
°C
40
150
40
150
AVD
Large-signal differential
voltage amplification
VO = ± 4 V
RL = 100 kΩ
Full range
10
10
V/mV
AVD
voltage amplification
VO
±4 V
RL = 1 MΩ
25
°C
3000
3000
V/mV
ri(d)
Differential input resistance
25
°C
1012
1012
ri(c)
Common-mode input
resistance
25
°C
1012
1012
ci(c)
Common-mode input
capacitance
f = 10 kHz,
N package
25
°C
8
8
pF
zo
Closed-loop output
impedance
f = 25 kHz,
AV = 10
25
°C
190
190
CMRR
Common-mode rejection
VIC = − 5 V to 2.7 V,
25
°C
75
88
75
88
dB
CMRR
Common mode rejection
ratio
VIC = 5 V to 2.7 V,
VO = 0,
RS = 50 Ω
Full range
75
75
dB
k
Supply-voltage rejection
VDD± = ± 2.2 V to ± 8 V,
25
°C
80
95
80
95
dB
kSVR
Supply voltage rejection
ratio (
∆VDD±/∆VIO)
VDD± = ± 2.2 V to ± 8 V,
VIC = VDD /2, No load
Full range
80
80
dB
I
Supply current
V
0
No load
25
°C
160
250
160
250
A
IDD
Supply current
(four amplifiers)
VO = 0,
No load
Full range
300
300
µA
Full range is −40
°C to 125°C for Q suffix.
NOTE 4: Typical values are based on the input offset voltage shift observed through 500 hours of operating life test at TA = 150°C extrapolated
to TA = 25°C using the Arrhenius equation and assuming an activation energy of 0.96 eV.


Similar Part No. - TLC2254AQPWRG4Q1

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TLC2254AQPWRQ1 TI-TLC2254AQPWRQ1 Datasheet
706Kb / 35P
[Old version datasheet]   advanced LinCMOS RAIL-TO-RAIL VERY LOW-POWER OPERATIONAL AMPLIFIERS
TLC2254AQPWRQ1 TI1-TLC2254AQPWRQ1 Datasheet
646Kb / 35P
[Old version datasheet]   Qualified for Automotive Applications
More results

Similar Description - TLC2254AQPWRG4Q1

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TLC225X TI1-TLC225X_16 Datasheet
2Mb / 72P
[Old version datasheet]   Advanced LinCMOS田?RAIL-TO-RAIL VERY LOW-POWER OPERATIONAL AMPLIFIERS
TLC226X TI1-TLC226X_16 Datasheet
2Mb / 73P
[Old version datasheet]   Advanced LinCMOS田?RAIL-TO-RAIL OPERATIONAL AMPLIFIERS
TLV2731IDBVR TI-TLV2731IDBVR Datasheet
818Kb / 31P
[Old version datasheet]   Advanced LinCMOS田?RAIL-TO-RAIL LOW-POWER SINGLE OPERATIONAL AMPLIFIERS
TLV2231 TI1-TLV2231_08 Datasheet
767Kb / 30P
[Old version datasheet]   Advanced LinCMOS田?RAIL-TO-RAIL LOW-POWER SINGLE OPERATIONAL AMPLIFIERS
TLC225X-EP TI1-TLC225X-EP_15 Datasheet
1Mb / 39P
[Old version datasheet]   ADVANCED LINCMOS RAIL-TO-RAIL VERY LOW-POWER OPERATIONAL AMPLIFIERS
TLC2252-EP TI1-TLC2252-EP Datasheet
999Kb / 38P
[Old version datasheet]   Advanced LinCMOS??RAIL-TO-RAIL VERY LOW-POWER OPERATIONAL AMPLIFIERS
TLV225X-Q1 TI1-TLV225X-Q1 Datasheet
735Kb / 37P
[Old version datasheet]   Advanced LinCMOS RAIL-TO-RAIL VERY LOW-POWER OPERATIONAL AMPLIFIERS
TLV255X TI-TLV255X Datasheet
1Mb / 53P
[Old version datasheet]   ADVANCED LINCMOS RAIL-TO-RAIL VERY LOW-POWER OPERATIONAL AMPLIFIERS
TLV2252-Q1 TI1-TLV2252-Q1 Datasheet
695Kb / 36P
[Old version datasheet]   Advanced LinCMOS??RAIL-TO-RAIL VERY LOW-POWER OPERATIONAL AMPLIFIERS
TLC225X TI-TLC225X_07 Datasheet
1Mb / 73P
[Old version datasheet]   Advanced LinCMOS??RAIL-TO-RAIL VERY LOW-POWER OPERATIONAL AMPLIFIERS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com