Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TLC320AC01C Datasheet(PDF) 5 Page - Texas Instruments

Part # TLC320AC01C
Description  Single-Supply Analog Interface Circuit
Download  92 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TLC320AC01C Datasheet(HTML) 5 Page - Texas Instruments

  TLC320AC01C Datasheet HTML 1Page - Texas Instruments TLC320AC01C Datasheet HTML 2Page - Texas Instruments TLC320AC01C Datasheet HTML 3Page - Texas Instruments TLC320AC01C Datasheet HTML 4Page - Texas Instruments TLC320AC01C Datasheet HTML 5Page - Texas Instruments TLC320AC01C Datasheet HTML 6Page - Texas Instruments TLC320AC01C Datasheet HTML 7Page - Texas Instruments TLC320AC01C Datasheet HTML 8Page - Texas Instruments TLC320AC01C Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 92 page
background image
vi
List of Illustrations
Figure
Title
Page
1–1
Control Flow Diagram
1–7
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
2–1
Functional Sequence for Primary and Secondary Communication
2–5
. . . . . . . . . . .
2–2
Timing Sequence
2–6
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
2–3
Master and Stand-Alone Functional Sequence
2–16
. . . . . . . . . . . . . . . . . . . . . . . . . . . .
2–4
Slave and Codec Functional Sequence
2–16
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
4 – 1
IN + and IN – Gain-Control Circuitry
4–1
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
4 – 2
AIC Stand-Alone and Master-Mode Timing
4–2
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
4 – 3
AIC Slave and Codec Emulation Mode
4–2
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
4 – 4
Master or Stand-Alone FS and FSD Timing
4–3
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
4 – 5
Slave FS to FSD Timing
4–3
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
4 – 6
Slave SCLK to FSD Timing
4–3
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
4 – 7
DOUT Enable Timing From Hi-Z
4–4
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
4 – 8
DOUT Delay Timing to Hi-Z
4–4
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
4 – 9
EOC Frame Timing
4–4
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
4 – 10 Master-Slave Frame-Sync Timing After a Delay Has Been
Programmed Into the FSD Registers
4–5
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
4 – 11 Master and Slave Frame-Sync Sequence with One Slave
4–5
. . . . . . . . . . . . . . . . . .
6 – 1 Stand-Alone Mode (to DSP Interface)
6–1
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
6 – 2 Codec Mode (to DSP Interface)
6–1
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
6 – 3 Master With Slave (to DSP Interface)
6–2
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
6 – 4 Single-Ended Input (Ground Referenced)
6–2
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
6 – 5 Single-Ended to Differential Input (Ground Referenced)
6–3
. . . . . . . . . . . . . . . . . . . .
6 – 6 Differential Load
6–3
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
6 – 7 Differential Output Drive (Ground Referenced)
6–3
. . . . . . . . . . . . . . . . . . . . . . . . . . . .
6 – 8 Low-Impedance Output Drive
6–4
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
6 – 9 Single-Ended Output Drive (Ground Referenced)
6–4
. . . . . . . . . . . . . . . . . . . . . . . . .
List of Tables
Table
Title
Page
1–1
Operating Frequencies
1–7
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
2–1
Master-Slave Selection
2–4
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
2–2
Sampling Variation With A
2–13
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
2–3
Software and Hardware Requests for Secondary Serial-Communication and
Phase-Shift Truth Table
2–18
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
4 – 1
Gain Control (Analog Input Signal Required for
Full-Scale Bipolar A /D-Conversion 2s Complement)
4–1
. . . . . . . . . . . . . . . . . . . . . . .


Similar Part No. - TLC320AC01C

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TLC320AC01C TI-TLC320AC01C Datasheet
392Kb / 90P
[Old version datasheet]   Single-Supply Analog Interface Circuit
TLC320AC01CFN TI-TLC320AC01CFN Datasheet
392Kb / 90P
[Old version datasheet]   Single-Supply Analog Interface Circuit
TLC320AC01CPM TI-TLC320AC01CPM Datasheet
392Kb / 90P
[Old version datasheet]   Single-Supply Analog Interface Circuit
More results

Similar Description - TLC320AC01C

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TLC320AC02C TI1-TLC320AC02C_15 Datasheet
482Kb / 86P
[Old version datasheet]   Single-Supply Analog Interface Circuit
TLC320V343 TI1-TLC320V343 Datasheet
424Kb / 30P
[Old version datasheet]   SINGLE-SUPPLY ANALOG INTERFACE CIRCUIT
TLC320AC02C TI-TLC320AC02C Datasheet
447Kb / 84P
[Old version datasheet]   Single-Supply Analog Interface Circuit
TLC320AC01C TI-TLC320AC01C Datasheet
392Kb / 90P
[Old version datasheet]   Single-Supply Analog Interface Circuit
TLC32040M TI-TLC32040M Datasheet
202Kb / 30P
[Old version datasheet]   ANALOG INTERFACE CIRCUIT
logo
Burr-Brown (TI)
TSC2200 BURR-BROWN-TSC2200 Datasheet
645Kb / 40P
   PDA ANALOG INTERFACE CIRCUIT
logo
Texas Instruments
TSC2000 TI-TSC2000_08 Datasheet
514Kb / 35P
[Old version datasheet]   PDA ANALOG INTERFACE CIRCUIT
TSC2000 TI-TSC2000 Datasheet
498Kb / 34P
[Old version datasheet]   PDA ANALOG INTERFACE CIRCUIT
TSC2000 TI1-TSC2000_13 Datasheet
1Mb / 38P
[Old version datasheet]   PDA ANALOG INTERFACE CIRCUIT
TSC2200 TI1-TSC2200_16 Datasheet
1Mb / 45P
[Old version datasheet]   PDA ANALOG INTERFACE CIRCUIT
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com