Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TLC25L4CD Datasheet(PDF) 7 Page - Texas Instruments

Click here to check the latest version.
Part # TLC25L4CD
Description  LinCMOS QUAD OPERATIONAL AMPLIFIERS
Download  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TLC25L4CD Datasheet(HTML) 7 Page - Texas Instruments

Back Button TLC25L4CD Datasheet HTML 3Page - Texas Instruments TLC25L4CD Datasheet HTML 4Page - Texas Instruments TLC25L4CD Datasheet HTML 5Page - Texas Instruments TLC25L4CD Datasheet HTML 6Page - Texas Instruments TLC25L4CD Datasheet HTML 7Page - Texas Instruments TLC25L4CD Datasheet HTML 8Page - Texas Instruments TLC25L4CD Datasheet HTML 9Page - Texas Instruments TLC25L4CD Datasheet HTML 10Page - Texas Instruments TLC25L4CD Datasheet HTML 11Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 28 page
background image
TLC254, TLC254A, TLC254B, TLC254Y, TLC25L4, TLC25L4A, TLC25L4B
TLC25L4Y, TLC25M4, TLC25M4A, TLC25M4B, TLC25M4Y
LinCMOS
 QUAD OPERATIONAL AMPLIFIERS
SLOS003G – JUNE 1983 – REVISED MARCH 2001
7
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
electrical characteristics at specified free-air temperature, VDD = 10 V (unless otherwise noted)
PARAMETER
TEST CONDITIONS
TA†
TLC254C, TLC254AC,
TLC254BC
UNIT
A
MIN
TYP
MAX
TLC254C
VO = 1.4 V,
VIC = 0,
25
°C
1.1
10
TLC254C
O
,
RS = 50 Ω,
IC
,
RL = 10 kΩ
Full range
12
VIO
Input offset voltage
TLC254AC
VO = 1.4 V,
VIC = 0,
25
°C
0.9
5
mV
VIO
Input offset voltage
TLC254AC
O
,
RS = 50 Ω,
IC
,
RL = 10 kΩ
Full range
6.5
mV
TLC254BC
VO = 1.4 V,
VIC = 0,
25
°C
0.39
2
TLC254BC
O
,
RS = 50 Ω,
IC
,
RL = 10 kΩ
Full range
3
∝VIO
Average temperature coefficient of input
25
°C to
2
µV/°C
∝VIO
g
offset voltage
70
°C
2
µV/°C
IIO
Input offset current (see Note 4)
VO =5V
VIC =5V
25
°C
0.1
60
pA
IIO
Input offset current (see Note 4)
VO = 5 V,
VIC = 5 V
70
°C
7
300
pA
IIB
Input bias current (see Note 4)
VO =5V
VIC =5V
25
°C
0.7
60
pA
IIB
Input bias current (see Note 4)
VO = 5 V,
VIC = 5 V
70
°C
50
600
pA
VICR
Common-mode input voltage range
25
°C
– 0.2
to
9
– 0.3
to
9.2
V
VICR
gg
(see Note 5)
Full range
– 0.2
to
8.5
V
0
°C
7.8
8.5
VOH
High-level output voltage
VID = 100 mV,
RL = 10 kΩ
25
°C
8
8.5
V
70
°C
7.8
8.4
0
°C
0
50
VOL
Low-level output voltage
VID = – 100 mV,
IOL = 0
25
°C
0
50
mV
70
°C
0
50
L
i
l diff
ti l
lt
0
°C
7.5
42
AVD
Large-signal differential voltage
amplification
VO = 1 V to 6 V,
RL = 10 kΩ
25
°C
10
36
V/mV
am lification
70
°C
7.5
32
0
°C
60
88
CMRR
Common-mode rejection ratio
VIC = VICRmin
25
°C
65
85
dB
70
°C
60
88
S
l
lt
j
ti
ti
0
°C
60
94
kSVR
Supply-voltage rejection ratio
(
∆VDD/∆VIO)
VDD = 5 V to 10 V,
VO = 1.4 V
25
°C
65
95
dB
(
∆VDD/∆VIO)
70
°C
60
96
V5 V
V5 V
0
°C
4.5
8.8
IDD
Supply current (four amplifiers)
VO = 5 V,
No load
VIC = 5 V,
25
°C
3.8
8
mA
No load
70
°C
3.2
6.8
† Full range is 0
°C to 70°C.
NOTES:
4. The typical values of input bias current and input offset current below 5 pA were determined mathematically.
5. This range also applies to each input individually.


Similar Part No. - TLC25L4CD

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TLC25L4CD TI-TLC25L4CD Datasheet
315Kb / 21P
[Old version datasheet]   LinCMOSE QUAD OPERATIONAL AMPLIFIERS
More results

Similar Description - TLC25L4CD

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TLC274 TI-TLC274_V01 Datasheet
1Mb / 49P
[Old version datasheet]   LinCMOS PRECISION QUAD OPERATIONAL AMPLIFIERS
TLC27M4 TI-TLC27M4_V01 Datasheet
1Mb / 48P
[Old version datasheet]   LinCMOS??PRECISION QUAD OPERATIONAL AMPLIFIERS
TLC27M4 TI-TLC27M4_V02 Datasheet
1Mb / 47P
[Old version datasheet]   LinCMOS??PRECISION QUAD OPERATIONAL AMPLIFIERS
TLC27M4ACDR TI1-TLC27M4ACDR Datasheet
1Mb / 50P
[Old version datasheet]   LinCMOS PRECISION QUAD OPERATIONAL AMPLIFIERS
TLC27L4 TI-TLC27L4_V01 Datasheet
1Mb / 43P
[Old version datasheet]   LinCMOS PRECISION QUAD OPERATIONAL AMPLIFIERS
TLC1078CDRG4 TI-TLC1078CDRG4 Datasheet
1Mb / 36P
[Old version datasheet]   LinCMOS UPOWER PRECISION OPERATIONAL AMPLIFIERS
TLC272 TI-TLC272 Datasheet
588Kb / 36P
[Old version datasheet]   LinCMOS PRECISION DUAL OPERATIONAL AMPLIFIERS
TLC27L2 TI-TLC27L2_V01 Datasheet
1Mb / 48P
[Old version datasheet]   LinCMOS PRECISION DUAL OPERATIONAL AMPLIFIERS
TLC272IDR TI-TLC272IDR Datasheet
1Mb / 51P
[Old version datasheet]   LinCMOS PRECISION DUAL OPERATIONAL AMPLIFIERS
TLC27L2CPE4 TI1-TLC27L2CPE4 Datasheet
1Mb / 49P
[Old version datasheet]   LinCMOS PRECISION DUAL OPERATIONAL AMPLIFIERS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com