Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TLC352CP Datasheet(PDF) 1 Page - Texas Instruments

Click here to check the latest version.
Part # TLC352CP
Description  LinCMOSE DUAL DIFFERENTIAL COMPARATOR
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TLC352CP Datasheet(HTML) 1 Page - Texas Instruments

  TLC352CP Datasheet HTML 1Page - Texas Instruments TLC352CP Datasheet HTML 2Page - Texas Instruments TLC352CP Datasheet HTML 3Page - Texas Instruments TLC352CP Datasheet HTML 4Page - Texas Instruments TLC352CP Datasheet HTML 5Page - Texas Instruments TLC352CP Datasheet HTML 6Page - Texas Instruments TLC352CP Datasheet HTML 7Page - Texas Instruments TLC352CP Datasheet HTML 8Page - Texas Instruments TLC352CP Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 18 page
background image
TLC352
LinCMOS DUAL DIFFERENTIAL COMPARATOR
SLCS016A − SEPTEMBER 1985 − REVISED SEPTEMBER 2002
1
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
D Single- or Dual-Supply Operation
D Wide Range of Supply Voltages
1.5 V to 18 V
D Very Low Supply Current Drain
150
µA Typ at 5 V
65
µA Typ at 1.4 V
D Built-In ESD Protection
D High Input Impedance ...1012 Ω Typ
D Extremely Low Input Bias Current 5 pA Typ
D Ultrastable Low Input Offset Voltage
D Input Offset Voltage Change at Worst-Case
Input Conditions Typically 0.23
µV/ Month,
Including the First 30 Days
D Common-Mode Input Voltage Range
Includes Ground
D Outputs Compatible With TTL, MOS, and
CMOS
D Pin-Compatible With LM393
description
This device is fabricated using LinCMOS
 technology and consists of two independent voltage comparators,
each designed to operate from a single power supply. Operation from dual supplies is also possible if the
difference between the two supplies is 1.4 V to 18 V. Each device features extremely high input impedance
(typically greater than 1012
Ω), which allows direct interface to high-impedance sources. The output are
n-channel open-drain configurations and can be connected to achieve positive-logic wired-AND relationships.
The capability of the TLC352 to operate from 1.4-V supply makes this device ideal for low-voltage battery
applications.
The TLC352 has internal electrostatic discharge (ESD) protection circuits and has been classified with a 2000-V
ESD rating tested under MIL-STD-883C, Method 3015. However, care should be exercised in handling this
device as exposure to ESD may result in degradation of the device parametric performance.
The TLC352C is characterized for operation from 0
°C to 70°C. The TLC352I is characterized for operation over
the industrial temperature range of − 40
°C to 85°C.
AVAILABLE OPTIONS
VIO max
PACKAGE
TA
VIO max
AT 25
°C
SMALL-OUTLINE
(D)
PLASTIC DIP
(P)
0
°C to 70°C
5 mV
TLC352CD
TLC352CP
− 40
°C to 85°C
5 mV
TLC352ID
TLC352IP
The D packages are available taped and reeled. Add R suffix to device type (e.g., TLC352 CDR).
Copyright
 2002, Texas Instruments Incorporated
TLC352C, TLC352I ...D OR P PACKAGE
(TOP VIEW)
1
2
3
4
8
7
6
5
1OUT
1IN−
1IN+
GND
VDD
2OUT
2IN−
2IN+
OUT
symbol (each comparator)
IN+
IN−
PRODUCTION DATA information is current as of publication date.
Products conform to specifications per the terms of Texas Instruments
standard warranty. Production processing does not necessarily include
testing of all parameters.
LinCMOS is a trademark of Texas Instruments Incorporated.


Similar Part No. - TLC352CP

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TLC352CP TI-TLC352CP Datasheet
140Kb / 9P
[Old version datasheet]   LinCMOSE DUAL DIFFERENTIAL COMPARATOR
TLC352CP TI1-TLC352CP Datasheet
864Kb / 16P
[Old version datasheet]   LinCMOS DUAL DIFFERENTAL COMPARATOR
TLC352CPE4 TI1-TLC352CPE4 Datasheet
864Kb / 16P
[Old version datasheet]   LinCMOS DUAL DIFFERENTAL COMPARATOR
TLC352CPWR TI1-TLC352CPWR Datasheet
864Kb / 16P
[Old version datasheet]   LinCMOS DUAL DIFFERENTAL COMPARATOR
TLC352CPWRG4 TI1-TLC352CPWRG4 Datasheet
864Kb / 16P
[Old version datasheet]   LinCMOS DUAL DIFFERENTAL COMPARATOR
More results

Similar Description - TLC352CP

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TLC352 TI-TLC352 Datasheet
140Kb / 9P
[Old version datasheet]   LinCMOSE DUAL DIFFERENTIAL COMPARATOR
TLC193 TI-TLC193 Datasheet
354Kb / 23P
[Old version datasheet]   DUAL MICROPOWER LinCMOSE VOLTAGE COMPARATOR
TLC372 TI1-TLC372_16 Datasheet
1Mb / 28P
[Old version datasheet]   LinCMOSE DUAL DIFFERENTIAL COMPARATORS
TLC372 TI-TLC372 Datasheet
183Kb / 12P
[Old version datasheet]   LinCMOSE DUAL DIFFERENTIAL COMPARATORS
TLC372 TI1-TLC372_14 Datasheet
1Mb / 27P
[Old version datasheet]   LinCMOSE DUAL DIFFERENTIAL COMPARATORS
logo
GTM CORPORATION
GSCLM393 GTM-GSCLM393 Datasheet
229Kb / 4P
   DUAL DIFFERENTIAL COMPARATOR
logo
Motorola, Inc
MC1414 MOTOROLA-MC1414 Datasheet
210Kb / 4P
   DUAL DIFFERENTIAL COMPARATOR
logo
SeCoS Halbleitertechnol...
SPWLM393D SECOS-SPWLM393D Datasheet
761Kb / 4P
   Dual Differential Comparator
SPWLM393S SECOS-SPWLM393S Datasheet
763Kb / 4P
   Dual Differential Comparator
logo
First Components Intern...
LM393 FCI-LM393 Datasheet
71Kb / 4P
   Dual Differential Comparator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com