Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SM4006A Datasheet(PDF) 1 Page - SUNMATE electronic Co., LTD

Part # SM4006A
Description  SURFACE MOUNT SILICON RECTIFIER DIODES
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SUNMATE [SUNMATE electronic Co., LTD]
Direct Link  http://www.sunmate.tw/
Logo SUNMATE - SUNMATE electronic Co., LTD

SM4006A Datasheet(HTML) 1 Page - SUNMATE electronic Co., LTD

  SM4006A Datasheet HTML 1Page - SUNMATE electronic Co., LTD SM4006A Datasheet HTML 2Page - SUNMATE electronic Co., LTD  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
SM4007A
SM4006A
SM4005A
SM4004A
SM4003A
SM4002A
SM4001A
SM4001A - SM4007A
SURFACE MOUNT SILICON RECTIFIER DIODES
VOLTAGE RANGE: 50 - 1000V
CURRENT: 1.0 A
Features
1 of 2
www.sunmate.tw
Diffused junction
For surface mounted applications
Low reverse leakage current
Low forward voltage drop
High current capability
Plastic material has UL flammability
classification 94V-0
!
!
!
!
!
!
Case: SMA/DO-214AC, Molded Plastic
!
! Terminals: Solder Plated, Solderable
per MIL-STD-750, Method 2026
! Polarity: Cathode Band or Cathode Notch
! Marking: Type Number
! Weight: 0.064 grams (approx.)
Mechanical Data
Single phase, half wave, 60Hz, resistive or inductive load. For capacitive load, derate current by 20%.
Maximum Ratings and Electrical Characteristics @ T
A = 25
°C unless otherwise specified
Maximum Recurrent Peak Reverse Voltage
VRRM
50
100
200
400
600
800
1000
V
Maximum RMS Voltage
VRMS
35
70
140
280
420
560
700
V
Maximum DC Blocking Voltage
VDC
50
100
200
400
600
800
1000
V
Maximum Average Forward
Rectified Current
@TL=100 ℃
Peak Forward Surge Current
8.3ms Single Half Sine-Wave
Super Imposed On Rated Load (JEDEC Method)
Maximum Forward Voltage at 1.0A DC
VF
V
Maximum DC Reverse Current
@TJ=25℃
at Rated DC Blocking Voltage
@TJ=100℃
Typical Junction Capacitance (Note1)
CJ
pF
Typical Thermal Resistance (Note2)
R JC
℃/W
Operating Temperature Range
TJ
Storage Temperature Range
TSTG
IR
100
5.0
10
-55 to +125
NOTES:1.Measured at 1.0 MHz and applied reverse voltage of 4.0V DC.
2.Thermal resistance junction to lead.
IFSM
A
I(AV)
1.0
A
30
30
-55 to +125
1.1
uA
Characteristic
Symbol
Unit
A
B
C
D
G
H
E
J
Dim
MinMax
A
2.29
2.92
B
4.00
4.60
C
1.27
1.63
D
0.15
0.31
E
4.80
5.59
G
0.10
0.20
H
0.76
1.52
J
2.01
2.62
All Dimensions in mm
SMA(DO-214AC)


Similar Part No. - SM4006A

ManufacturerPart #DatasheetDescription
logo
Bytes
SM4006A BYTES-SM4006A Datasheet
154Kb / 2P
   1.0 AMP SURFACE MOUNT SILICON RECTIFIERS
logo
UNIOHM CORPORATION
SM4006A UNIOHM-SM4006A Datasheet
66Kb / 2P
   1.0 AMP SURFACE MOUNT SILICON RECTIFIERS
logo
SeCoS Halbleitertechnol...
SM4006A SECOS-SM4006A Datasheet
192Kb / 2P
   1.0 AMP Surface Mount Silicon Rectifiers
SM4006A SECOS-SM4006A Datasheet
207Kb / 2P
   Voltage 50 ~ 1000 V 1.0Amp Surface Mount Silicon Rectifiers
SM4006AM SECOS-SM4006AM Datasheet
160Kb / 2P
   Voltage 50 ~ 1000 V 1.0Amp Surface Mount Silicon Rectifiers
More results

Similar Description - SM4006A

ManufacturerPart #DatasheetDescription
logo
Diotec Semiconductor
S3A DIOTEC-S3A_13 Datasheet
106Kb / 2P
   Surface Mount Silicon Rectifier Diodes
SM4001 DIOTEC-SM4001_13 Datasheet
112Kb / 2P
   Surface Mount Silicon Rectifier Diodes
SL1A DIOTEC-SL1A_13 Datasheet
108Kb / 2P
   Surface Mount Silicon Rectifier Diodes
logo
SUNMATE electronic Co.,...
S2AB SUNMATE-S2AB Datasheet
328Kb / 2P
   SURFACE MOUNT SILICON RECTIFIER DIODES
SA2A SUNMATE-SA2A Datasheet
323Kb / 2P
   SURFACE MOUNT SILICON RECTIFIER DIODES
SOD4001 SUNMATE-SOD4001 Datasheet
322Kb / 2P
   SURFACE MOUNT SILICON RECTIFIER DIODES
S1A SUNMATE-S1A Datasheet
383Kb / 2P
   SURFACE MOUNT SILICON RECTIFIER DIODES
M1-M7 SUNMATE-M1-M7 Datasheet
490Kb / 2P
   SURFACE MOUNT SILICON RECTIFIER DIODES
S1AB SUNMATE-S1AB Datasheet
330Kb / 2P
   SURFACE MOUNT SILICON RECTIFIER DIODES
logo
Diotec Semiconductor
SL1A DIOTEC-SL1A Datasheet
114Kb / 2P
   Surface Mount Silicon Rectifier Diodes
S5A DIOTEC-S5A_13 Datasheet
113Kb / 2P
   Surface Mount Silicon Rectifier Diodes
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com