Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TLC556IN Datasheet(PDF) 2 Page - Texas Instruments

Click here to check the latest version.
Part # TLC556IN
Description  DUAL LinCMOSE TIMERS
Download  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TLC556IN Datasheet(HTML) 2 Page - Texas Instruments

  TLC556IN Datasheet HTML 1Page - Texas Instruments TLC556IN Datasheet HTML 2Page - Texas Instruments TLC556IN Datasheet HTML 3Page - Texas Instruments TLC556IN Datasheet HTML 4Page - Texas Instruments TLC556IN Datasheet HTML 5Page - Texas Instruments TLC556IN Datasheet HTML 6Page - Texas Instruments TLC556IN Datasheet HTML 7Page - Texas Instruments TLC556IN Datasheet HTML 8Page - Texas Instruments TLC556IN Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 22 page
background image
TLC556, TLC556Y
DUAL LinCMOS
™ TIMERS
SLFS047B – FEBRUARY 1984 – REVISED SEPTEMBER 1997
2
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
AVAILABLE OPTIONS
TA
VDD
PACKAGE
CHIP FORM
TA
RANGE
VDD
RANGE
SMALL OUTLINE
(D)
CHIP CARRIER
(FK)
CERAMIC DIP
(J)
PLASTIC DIP
(N)
CHIP FORM
(Y)
O
°C
to
70
°C
2 V
to
18 V
TLC556CD
TLC556CN
TLC556Y
–4O
°C
to
85
°C
3 V
to
18 V
TLC556lD
TLC556IN
–55
°C
to
125
°C
5 V
to
18 V
TLC556MD
TLC556MFK
TLC556MJ
TLC556MN
The D package is available taped and reeled. Add the suffix R to the device type (e.g., TLC556CDR).
FUNCTION TABLE
RESET
VOLTAGE†
TRIGGER
VOLTAGE†
THRESHOLD
VOLTAGE†
OUTPUT
DISCHARGE
SWITCH
< MIN
Irrelevant
Irrelevant
L
On
> MAX
< MIN
Irrelevant
H
Off
>MAX
>MAX
>MAX
L
On
> MAX
> MAX
< MIN
As previously established
† For conditions shown as MIN or MAX, use the appropriate value specified under electrical characteristics.
functional block diagram (each timer)
OUT
DISCH
R1
R
S
1
RESET
CONT
VDD
THRES
R
R
R
GND
TRIG
3
5
1
4
14
2
6
7
RESET can override TRIG and THRES.
TRIG can override THRES.
Pin numbers shown are for the D, J, or N packages.


Similar Part No. - TLC556IN

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TLC556IN TI-TLC556IN Datasheet
236Kb / 18P
[Old version datasheet]   DUAL LinCMOSE TIMERS
TLC556IN TI1-TLC556IN Datasheet
1,005Kb / 22P
[Old version datasheet]   DUAL LinCMOSE TIMERS
TLC556INE4 TI-TLC556INE4 Datasheet
236Kb / 18P
[Old version datasheet]   DUAL LinCMOSE TIMERS
TLC556INE4 TI1-TLC556INE4 Datasheet
1,005Kb / 22P
[Old version datasheet]   DUAL LinCMOSE TIMERS
More results

Similar Description - TLC556IN

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TLC556IDG4 TI1-TLC556IDG4 Datasheet
1,005Kb / 22P
[Old version datasheet]   DUAL LinCMOSE TIMERS
TLC556 TI-TLC556 Datasheet
236Kb / 18P
[Old version datasheet]   DUAL LinCMOSE TIMERS
TLC551 TI1-TLC551_06 Datasheet
297Kb / 17P
[Old version datasheet]   LinCMOSE TIMERS
TLC551 TI-TLC551 Datasheet
277Kb / 16P
[Old version datasheet]   LinCMOSE TIMERS
TLC555 TI-TLC555 Datasheet
404Kb / 19P
[Old version datasheet]   LinCMOSE TIMERS
TLC555 TI1-TLC555_16 Datasheet
1Mb / 25P
[Old version datasheet]   LinCMOSE TIMERS
TLC552C TI-TLC552C Datasheet
134Kb / 9P
[Old version datasheet]   DUAL LINCMOSE TIMER
TLC552 TI1-TLC552 Datasheet
473Kb / 13P
[Old version datasheet]   DUAL LINCMOSE TIMER
TLC552C TI-TLC552C_06 Datasheet
148Kb / 10P
[Old version datasheet]   DUAL LINCMOSE??TIMER
TLC252 TI-TLC252 Datasheet
330Kb / 21P
[Old version datasheet]   LinCMOSE DUAL OPERATIONAL AMPLIFIERS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com