Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TLC2543IDBRQ1 Datasheet(PDF) 6 Page - Texas Instruments

Click here to check the latest version.
Part # TLC2543IDBRQ1
Description  12-BIT ANALOG-TO-DIGITAL CONVERTERS WITH SERIAL CONTROL AND 11 ANALOG INPUTS
Download  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TLC2543IDBRQ1 Datasheet(HTML) 6 Page - Texas Instruments

Back Button TLC2543IDBRQ1 Datasheet HTML 2Page - Texas Instruments TLC2543IDBRQ1 Datasheet HTML 3Page - Texas Instruments TLC2543IDBRQ1 Datasheet HTML 4Page - Texas Instruments TLC2543IDBRQ1 Datasheet HTML 5Page - Texas Instruments TLC2543IDBRQ1 Datasheet HTML 6Page - Texas Instruments TLC2543IDBRQ1 Datasheet HTML 7Page - Texas Instruments TLC2543IDBRQ1 Datasheet HTML 8Page - Texas Instruments TLC2543IDBRQ1 Datasheet HTML 9Page - Texas Instruments TLC2543IDBRQ1 Datasheet HTML 10Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 28 page
background image
TLC2543Q1
12BIT ANALOGTODIGITAL CONVERTERS
WITH SERIAL CONTROL AND 11 ANALOG INPUTS
SGLS218D − NOVEMBER 2003 − REVISED MAY 2008
6
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
operating characteristics over recommended operating free-air temperature range,
VCC = Vref+ = 4.5 V to 5.5 V, f(I/O CLOCK) = 4.1 MHz
PARAMETER
TEST CONDITIONS
MIN
TYP†
MAX
UNIT
EL
Linearity error (see Note 5)
See Figure 2
±1
LSB
ED
Differential linearity error
See Figure 2
±1
LSB
EO
Offset error (see Note 6)
See Note 2 and
Figure 2
±1.5
LSB
EG
Gain error (see Note 6)
See Note 2 and
Figure 2
±1
LSB
ET
Total unadjusted error (see Note 7)
±1.75
LSB
DATA INPUT = 1011
2048
Self-test output code (see Table 3 and Note 8)
DATA INPUT = 1100
0
Self-test output code (see Table 3 and Note 8)
DATA INPUT = 1101
4095
t(conv)
Conversion time
See Figure 9 −
Figure 14
8
10
µs
tc
Total cycle time (access, sample, and conversion)
See Figure 9 −
Figure 14 and Note 9
10 + total
I/O CLOCK
periods +
td(I/O-EOC)
µs
tacq
Channel acquisition time (sample)
See Figures 9 − 14
and Note 9
4
12
I/O
CLOCK
periods
tv
Valid time, DATA OUT remains valid after I/O CLOCK
See Figure 6
10
ns
td(I/O-DATA)
Delay time, I/O CLOCK
↓ to DATA OUT valid
See Figure 6
150
ns
td(I/O-EOC)
Delay time, last I/O CLOCK
↓ to EOC↓
See Figure 7
1.5
2.2
µs
td(EOC-DATA) Delay time, EOC↑ to DATA OUT (MSB / LSB)
See Figure 8
100
ns
tPZH, tPZL
Enable time, CS
↓ to DATA OUT (MSB/LSB driven)
See Figure 3
0.7
1.3
µs
tPHZ, tPLZ
Disable time, CS
↑ to DATA OUT (high impedance)
See Figure 3
70
150
ns
tr(EOC)
Rise time, EOC
See Figure 8
15
50
ns
tf(EOC)
Fall time, EOC
See Figure 7
15
50
ns
tr(bus)
Rise time, data bus
See Figure 6
15
50
ns
tf(bus)
Fall time, data bus
See Figure 6
15
50
ns
td(I/O-CS)
Delay time, last I/O CLOCK
↓ to CS↓ to abort conversion
(see Note 10)
5
µs
† All typical values are at TA = 25°C.
NOTES:
2. Analog input voltages greater than that applied to REF + convert as all ones (111111111111), while input voltages less than that
applied to REF − convert as all zeros (000000000000).
5. Linearity error is the maximum deviation from the best straight line through the A/D transfer characteristics.
6. Gain error is the difference between the actual midstep value and the nominal midstep value in the transfer diagram at the specified
gain point after the offset error has been adjusted to zero. Offset error is the difference between the actual midstep value and the
nominal midstep value at the offset point.
7. Total unadjusted error comprises linearity, zero-scale, and full-scale errors.
8. Both the input address and the output codes are expressed in positive logic.
9. I/O CLOCK period = 1 /(I/O CLOCK frequency) (see Figure 7).
10. Any transitions of CS are recognized as valid only when the level is maintained for a setup time. CS must be taken low at
≤ 5 µs
of the tenth I/O CLOCK falling edge to ensure a conversion is aborted. Between 5
µs and 10 µs, the result is uncertain as to whether
the conversion is aborted or the conversion results are valid.


Similar Part No. - TLC2543IDBRQ1

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TLC2543IDBRQ1 TI-TLC2543IDBRQ1 Datasheet
379Kb / 24P
[Old version datasheet]   12-BIT ANALOG-TO-DIGITAL CONVERTERS WITH SERIAL CONTROL AND 11 ANALOG INPUTS
More results

Similar Description - TLC2543IDBRQ1

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TLC2543CDWR TI-TLC2543CDWR Datasheet
1Mb / 34P
[Old version datasheet]   12-BIT ANALOG-TO-DIGITAL CONVERTERS WITH SERIAL CONTROL AND 11 ANALOG INPUTS
TLC2543MJB TI-TLC2543MJB Datasheet
1Mb / 34P
[Old version datasheet]   12-BIT ANALOG-TO-DIGITAL CONVERTERS WITH SERIAL CONTROL AND 11 ANALOG INPUTS
TLV2543IDBR TI1-TLV2543IDBR Datasheet
536Kb / 28P
[Old version datasheet]   12-BIT ANALOG-TO-DIGITAL CONVERTERS WITH SERIAL CONTROL AND 11 ANALOG INPUTS
TLC2543C TI-TLC2543C Datasheet
431Kb / 27P
[Old version datasheet]   12-BIT ANALOG-TO-DIGITAL CONVERTERS WITH SERIAL CONTROL AND 11 ANALOG INPUTS
TLV2543IDB TI-TLV2543IDB Datasheet
558Kb / 28P
[Old version datasheet]   12-BIT ANALOG-TO-DIGITAL CONVERTERS WITH SERIAL CONTROL AND 11 ANALOG INPUTS
TLC2543IDWR TI-TLC2543IDWR Datasheet
1Mb / 34P
[Old version datasheet]   12-BIT ANALOG-TO-DIGITAL CONVERTERS WITH SERIAL CONTROL AND 11 ANALOG INPUTS
TLC2543CFNRG3 TI-TLC2543CFNRG3 Datasheet
1Mb / 34P
[Old version datasheet]   12-BIT ANALOG-TO-DIGITAL CONVERTERS WITH SERIAL CONTROL AND 11 ANALOG INPUTS
TLC2543-Q1 TI-TLC2543-Q1 Datasheet
379Kb / 24P
[Old version datasheet]   12-BIT ANALOG-TO-DIGITAL CONVERTERS WITH SERIAL CONTROL AND 11 ANALOG INPUTS
TLC2543C TI1-TLC2543C_14 Datasheet
1Mb / 34P
[Old version datasheet]   12-BIT ANALOG-TO-DIGITAL CONVERTERS WITH SERIAL CONTROL AND 11 ANALOG INPUTS
TLV2543C TI-TLV2543C Datasheet
379Kb / 24P
[Old version datasheet]   12-BIT ANALOG-TO-DIGITAL CONVERTERS WITH SERIAL CONTROL AND 11 ANALOG INPUTS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com