Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TLC2932 Datasheet(PDF) 7 Page - Texas Instruments

Part # TLC2932
Description  HIGH-PERFORMANCE PHASE-LOCKED LOOP
Download  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TLC2932 Datasheet(HTML) 7 Page - Texas Instruments

Back Button TLC2932 Datasheet HTML 3Page - Texas Instruments TLC2932 Datasheet HTML 4Page - Texas Instruments TLC2932 Datasheet HTML 5Page - Texas Instruments TLC2932 Datasheet HTML 6Page - Texas Instruments TLC2932 Datasheet HTML 7Page - Texas Instruments TLC2932 Datasheet HTML 8Page - Texas Instruments TLC2932 Datasheet HTML 9Page - Texas Instruments TLC2932 Datasheet HTML 10Page - Texas Instruments TLC2932 Datasheet HTML 11Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 29 page
background image
TLC2932
HIGH-PERFORMANCE PHASE-LOCKED LOOP
SLAS097E – SEPTEMBER 1994 – REVISED MAY 1997
7
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
electrical characteristics over recommended operating free-air temperature range, VDD = 5 V
(unless otherwise noted)
VCO section
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
VOH
High-level output voltage
IOH = – 2 mA
4
V
VOL
Low-level output voltage
IOL = 2 mA
0.5
V
VIT
Input threshold voltage at SELECT, VCO INHIBIT
1.5
2.5
3.5
V
II
Input current at SELECT, VCO INHIBIT
VI = VDD or GND
±1
µA
Zi(VCO IN)
Input impedance
VCO IN = 1/2 VDD
10
M
IDD(INH)
VCO supply current (inhibit)
See Note 4
0.01
1
µA
IDD(VCO)
VCO supply current
See Note 5
15
35
mA
NOTES:
4. Current into VCO VDD, when VCO INHIBIT = VDD, and PFD is inhibited.
5. Current into VCO VDD, when VCO IN = 1/2 VDD, RBIAS = 3.3 kΩ, VCO INHIBIT = GND, and PFD is inhibited.
PFD section
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
VOH
High-level output voltage
IOH = 2 mA
4.5
V
VOL
Low-level output voltage
IOL = 2 mA
0.2
V
IOZ
High-impedance-state output current
PFD INHIBIT = high,
VI = VDD or GND
±1
µA
VIH
High-level input voltage at FIN–A, FIN–B
4.5
V
VIL
Low-level input voltage at FIN–A, FIN–B
1
V
VIT
Input threshold voltage at PFD INHIBIT
1.5
2.5
3.5
V
Ci
Input capacitance at FIN–A, FIN–B
5
pF
Zi
Input impedance at FIN–A, FIN–B
10
M
IDD(Z)
High-impedance-state PFD supply current
See Note 6
0.01
1
µA
IDD(PFD)
PFD supply current
See Note 7
0.15
3
mA
NOTES:
6. Current into LOGIC VDD, when FIN–A, FIN–B = GND, PFD INHIBIT = VDD, no load, and VCO OUT is inhibited.
7. Current into LOGIC VDD, when FIN–A, FIN–B = 1 MHz (VI(PP) = 5 V, rectangular wave), PFD INHIBIT = GND, no load, and
VCO OUT is inhibited.


Similar Part No. - TLC2932

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TLC2932 TI-TLC2932 Datasheet
418Kb / 24P
[Old version datasheet]   HIGH-PERFORMANCE PHASE-LOCKED LOOP
TLC2932A TI-TLC2932A Datasheet
285Kb / 19P
[Old version datasheet]   HIGH PERFORMANCE PHASE LOCKED LOOP
TLC2932A TI1-TLC2932A Datasheet
680Kb / 24P
[Old version datasheet]   HIGH PERFORMANCE PHASE LOCKED LOOP
TLC2932AIPW TI-TLC2932AIPW Datasheet
285Kb / 19P
[Old version datasheet]   HIGH PERFORMANCE PHASE LOCKED LOOP
TLC2932AIPW TI1-TLC2932AIPW Datasheet
680Kb / 24P
[Old version datasheet]   HIGH PERFORMANCE PHASE LOCKED LOOP
More results

Similar Description - TLC2932

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TLC2933 TI-TLC2933 Datasheet
367Kb / 21P
[Old version datasheet]   HIGH-PERFORMANCE PHASE-LOCKED LOOP
TLC2933A TI-TLC2933A Datasheet
282Kb / 19P
[Old version datasheet]   HIGH PERFORMANCE PHASE LOCKED LOOP
TLC2933 TI1-TLC2933_13 Datasheet
680Kb / 24P
[Old version datasheet]   HIGH-PERFORMANCE PHASE-LOCKED LOOP
TLC2932A TI1-TLC2932A_16 Datasheet
680Kb / 24P
[Old version datasheet]   HIGH PERFORMANCE PHASE LOCKED LOOP
TLC2932A TI-TLC2932A Datasheet
285Kb / 19P
[Old version datasheet]   HIGH PERFORMANCE PHASE LOCKED LOOP
TLC2932 TI-TLC2932 Datasheet
418Kb / 24P
[Old version datasheet]   HIGH-PERFORMANCE PHASE-LOCKED LOOP
TLC2933A TI1-TLC2933A_16 Datasheet
677Kb / 24P
[Old version datasheet]   HIGH PERFORMANCE PHASE LOCKED LOOP
logo
Z-Communications, Inc
PSA4000A ZCOMM-PSA4000A Datasheet
78Kb / 2P
   LOW COST - HIGH PERFORMANCE PHASE LOCKED LOOP
PSA4900A ZCOMM-PSA4900A Datasheet
79Kb / 2P
   LOW COST - HIGH PERFORMANCE PHASE LOCKED LOOP
PSA5300A ZCOMM-PSA5300A Datasheet
80Kb / 2P
   LOW COST - HIGH PERFORMANCE PHASE LOCKED LOOP
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com