Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TLC2932A Datasheet(PDF) 7 Page - Texas Instruments

Part # TLC2932A
Description  HIGH PERFORMANCE PHASE LOCKED LOOP
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TLC2932A Datasheet(HTML) 7 Page - Texas Instruments

Back Button TLC2932A_16 Datasheet HTML 3Page - Texas Instruments TLC2932A_16 Datasheet HTML 4Page - Texas Instruments TLC2932A_16 Datasheet HTML 5Page - Texas Instruments TLC2932A_16 Datasheet HTML 6Page - Texas Instruments TLC2932A_16 Datasheet HTML 7Page - Texas Instruments TLC2932A_16 Datasheet HTML 8Page - Texas Instruments TLC2932A_16 Datasheet HTML 9Page - Texas Instruments TLC2932A_16 Datasheet HTML 10Page - Texas Instruments TLC2932A_16 Datasheet HTML 11Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 24 page
background image
TLC2932A
HIGH PERFORMANCE PHASE LOCKED LOOP
SLES150 − OCTOBER 2005
7
TI.COM
electrical characteristics, VDD = 3.3 V, TA = 25°C (unless otherwise noted)
VCO section
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
VOH
High level output voltage
IOH = –2 mA
2.64
V
VOL
Low level output voltage
IOL = 2 mA
0.33
V
VTH
Input threshold voltage at select, VCO inhibit
1.05
1.65
2.25
V
II
Input current at Select, VCO inhibit
VI = VDD or GND
±1
µA
ZI(VCOIN)
VCO IN input impedance
VCO IN = 1/2 VDD
10
M
IDD(INH)
VCO supply current (inhibit)
See Note 10
0.38
1
µA
IDD(VCO)
VCO supply current
See Note 11
10.8
22
mA
NOTES: 10. Current into VCO VDD, when VCO INHIBIT = high, PFD is inhibited.
11. Current into VCO VDD, when VCO IN = 1/2 VDD, RBIAS = 3.3 kΩ, VCOOUT = 15−pF Load, VCO INHIBIT = GND, and PFD INHIBIT
= GND.
PFD section
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
VOH
High level output voltage
IOH = –2 mA
2.97
V
VOL
Low level output voltage
IOL = 2 mA
0.2
V
IOZ
High impedance state output current
PFD inhibit = high, VO = VDD or GND
±1
µA
VIH
High level input voltage at Fin−A, Fin−B
2.1
V
VIL
Low level input voltage at Fin−A, Fin−B
0.5
V
VTH
Input threshold voltage at PFD inhibit
1.05
1.65
2.25
CIN
Input capacitance at Fin−A, Fin−B
5.6
pF
ZIN
Input impedance at Fin−A, Fin−B
10
M
IDD(Z)
High impedance state PFD supply current
See Note 12
1
µA
IDD(PFD)
PFD supply current
See Note 13
3
mA
NOTES: 12. The current into LOGIC VDD when FIN−A and FIN−B = ground, PFD INHIBIT = VDD, PFD OUT open, and VCO OUT is inhibited.
13. The current into LOGIC VDD when FIN−A = 1 MHz and FIN−B = 1 MHz (VI(PP) = 3.3 V, rectangular wave), PFD INHIBIT = GND,
PFD OUT open, and VCO OUT is inhibited.
operation characteristics, VDD = 3.3 V, TA = 25°C (unless otherwise noted)
VCO section
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
fOSC
Operation oscillation frequency
RBIAS = 3.3 kΩ, VCO IN = 1/2 VDD
18
30
43
MHz
fstb
Time to stable oscillation (see Note 14)
10
µs
tr
Rise time
CL = 15 pF
8.5
14
ns
tf
Fall time
CL = 15 pF
7.3
12
ns
fDUTY
Duty cycle at VCO OUT
RBIAS=3.3 kΩ, VCO IN = 1/2 VDD
45
50
55
%
α (fOSC)
Temperature coefficient of oscillation
frequency
VCO IN = 1/2 VDD, TA = –20°C to 75°C
–0.28
7
%/
°C
kSVS(fOSC)
Supply voltage coefficient of oscillation
frequency
VCO IN = 1/2 VDD, VDD = 4.75 V to 5.25 V
0.004
%/m
V
Jitter absolute (see Note 15)
PLL jitter, N = 128
245
ps
NOTES: 14. The time period to the stable VCO oscillation frequency after the VCO INHIBIT terminal is changed to a low level.
15. Jitter performance is highly dependent on circuit layout and external device characteristics. The jitter specification was made with
a carefully deigned PCB with no device socket.


Similar Part No. - TLC2932A_16

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TLC2932AIPW TI-TLC2932AIPW Datasheet
285Kb / 19P
[Old version datasheet]   HIGH PERFORMANCE PHASE LOCKED LOOP
TLC2932AIPWRG4 TI-TLC2932AIPWRG4 Datasheet
675Kb / 23P
[Old version datasheet]   HIGH PERFORMANCE PAHSE LOCKED LOOP
More results

Similar Description - TLC2932A_16

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TLC2933 TI-TLC2933 Datasheet
367Kb / 21P
[Old version datasheet]   HIGH-PERFORMANCE PHASE-LOCKED LOOP
TLC2933A TI-TLC2933A Datasheet
282Kb / 19P
[Old version datasheet]   HIGH PERFORMANCE PHASE LOCKED LOOP
TLC2933 TI1-TLC2933_13 Datasheet
680Kb / 24P
[Old version datasheet]   HIGH-PERFORMANCE PHASE-LOCKED LOOP
TLC2932 TI1-TLC2932_15 Datasheet
811Kb / 29P
[Old version datasheet]   HIGH-PERFORMANCE PHASE-LOCKED LOOP
TLC2932A TI-TLC2932A Datasheet
285Kb / 19P
[Old version datasheet]   HIGH PERFORMANCE PHASE LOCKED LOOP
TLC2932 TI-TLC2932 Datasheet
418Kb / 24P
[Old version datasheet]   HIGH-PERFORMANCE PHASE-LOCKED LOOP
TLC2933A TI1-TLC2933A_16 Datasheet
677Kb / 24P
[Old version datasheet]   HIGH PERFORMANCE PHASE LOCKED LOOP
logo
Z-Communications, Inc
PSA4000A ZCOMM-PSA4000A Datasheet
78Kb / 2P
   LOW COST - HIGH PERFORMANCE PHASE LOCKED LOOP
PSA4900A ZCOMM-PSA4900A Datasheet
79Kb / 2P
   LOW COST - HIGH PERFORMANCE PHASE LOCKED LOOP
PSA5300A ZCOMM-PSA5300A Datasheet
80Kb / 2P
   LOW COST - HIGH PERFORMANCE PHASE LOCKED LOOP
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com