Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TLC2932AIPWR Datasheet(PDF) 11 Page - Texas Instruments

Click here to check the latest version.
Part # TLC2932AIPWR
Description  HIGH PERFORMANCE PHASE LOCKED LOOP
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TLC2932AIPWR Datasheet(HTML) 11 Page - Texas Instruments

Back Button TLC2932AIPWR Datasheet HTML 7Page - Texas Instruments TLC2932AIPWR Datasheet HTML 8Page - Texas Instruments TLC2932AIPWR Datasheet HTML 9Page - Texas Instruments TLC2932AIPWR Datasheet HTML 10Page - Texas Instruments TLC2932AIPWR Datasheet HTML 11Page - Texas Instruments TLC2932AIPWR Datasheet HTML 12Page - Texas Instruments TLC2932AIPWR Datasheet HTML 13Page - Texas Instruments TLC2932AIPWR Datasheet HTML 14Page - Texas Instruments TLC2932AIPWR Datasheet HTML 15Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 24 page
background image
TLC2932A
HIGH PERFORMANCE PHASE LOCKED LOOP
SLES150 − OCTOBER 2005
11
TI.COM
PARAMETER MEASUREMENT INFORMATION
CL
Measurement
Point
RL
S2
S1
Figure 5. PFD Output Test Conditions
TYPICAL CHARACTERISTICS
Figure 6.
VCO OSCILATION FREQUENCY
VS
VCO CONTROL VOLTAGE
Vdd=3.0V Rbias=2.2kohm
0
10
20
30
40
50
60
70
80
90
100
01234
VCOIN − VCO Control Voltage − V
−25
°C
25
°C
85
°C
Figure 7.
VCO OSCILATION FREQUENCY
VS
VCO CONTROL VOLTAGE
Vdd=3.0V Rbias=3.3kohm
0
10
20
30
40
50
60
70
80
90
100
0123
4
VCOIN − VCO Control Voltage − V
−25
°C
25
°C
85
°C


Similar Part No. - TLC2932AIPWR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TLC2932AIPWRG4 TI-TLC2932AIPWRG4 Datasheet
675Kb / 23P
[Old version datasheet]   HIGH PERFORMANCE PAHSE LOCKED LOOP
More results

Similar Description - TLC2932AIPWR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TLC2933 TI-TLC2933 Datasheet
367Kb / 21P
[Old version datasheet]   HIGH-PERFORMANCE PHASE-LOCKED LOOP
TLC2933A TI-TLC2933A Datasheet
282Kb / 19P
[Old version datasheet]   HIGH PERFORMANCE PHASE LOCKED LOOP
TLC2933 TI1-TLC2933_13 Datasheet
680Kb / 24P
[Old version datasheet]   HIGH-PERFORMANCE PHASE-LOCKED LOOP
TLC2932 TI1-TLC2932_15 Datasheet
811Kb / 29P
[Old version datasheet]   HIGH-PERFORMANCE PHASE-LOCKED LOOP
TLC2932A TI-TLC2932A Datasheet
285Kb / 19P
[Old version datasheet]   HIGH PERFORMANCE PHASE LOCKED LOOP
TLC2932 TI-TLC2932 Datasheet
418Kb / 24P
[Old version datasheet]   HIGH-PERFORMANCE PHASE-LOCKED LOOP
TLC2933A TI1-TLC2933A_16 Datasheet
677Kb / 24P
[Old version datasheet]   HIGH PERFORMANCE PHASE LOCKED LOOP
logo
Z-Communications, Inc
PSA4000A ZCOMM-PSA4000A Datasheet
78Kb / 2P
   LOW COST - HIGH PERFORMANCE PHASE LOCKED LOOP
PSA4900A ZCOMM-PSA4900A Datasheet
79Kb / 2P
   LOW COST - HIGH PERFORMANCE PHASE LOCKED LOOP
PSA5300A ZCOMM-PSA5300A Datasheet
80Kb / 2P
   LOW COST - HIGH PERFORMANCE PHASE LOCKED LOOP
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com