Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TLC2933IPWR Datasheet(PDF) 1 Page - Texas Instruments

Part # TLC2933IPWR
Description  HIGH-PERFORMANCE PHASE-LOCKED LOOP
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TLC2933IPWR Datasheet(HTML) 1 Page - Texas Instruments

  TLC2933IPWR Datasheet HTML 1Page - Texas Instruments TLC2933IPWR Datasheet HTML 2Page - Texas Instruments TLC2933IPWR Datasheet HTML 3Page - Texas Instruments TLC2933IPWR Datasheet HTML 4Page - Texas Instruments TLC2933IPWR Datasheet HTML 5Page - Texas Instruments TLC2933IPWR Datasheet HTML 6Page - Texas Instruments TLC2933IPWR Datasheet HTML 7Page - Texas Instruments TLC2933IPWR Datasheet HTML 8Page - Texas Instruments TLC2933IPWR Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 24 page
background image
TLC2933
HIGHPERFORMANCE PHASELOCKED LOOP
SLAS136B − APRIL 1996 − REVISED JANUARY 2002
1
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
D Voltage-Controlled Oscillator (VCO)
Section:
− Ring Oscillator Using Only One
External Bias Resistor (RBIAS)
− Lock Frequency:
43 MHz to 100 MHz (VDD = 5 V ±5%,
TA = −20°C to 75°C, ×1 Output)
37 MHz to 55 MHz (VDD = 3 V ±5%,
TA = −20°C to 75°C)
D Phase-Frequency Detector (PFD) Section
Includes a High-Speed Edge-Triggered
Detector With Internal Charge Pump
D Independent VCO, PFD Power-Down Mode
D Thin Small-Outline Package (14 terminal)
D CMOS Technology
D Typical Applications:
− Frequency Synthesis
− Modulation/Demodulation
− Fractional Frequency Division
D CMOS Input Logic Level
description
The TLC2933 is designed for phase-locked-loop (PLL) systems and is composed of a voltage-controlled
oscillator (VCO) and an edge-triggered-type phase frequency detector (PFD). The oscillation frequency range
of the VCO is set by an external bias resistor (RBIAS). The high-speed PFD with internal charge pump detects
the phase difference between the reference frequency input and signal frequency input from the external
counter. Both the VCO and the PFD have inhibit functions that can be used as a power-down mode. With the
high-speed and stable VCO characteristics, the TLC2933 is well suited for use in high-performance PLL
systems.
functional block diagram
Phase
Frequency
Detector
4
5
9
6
FIN −A
FIN −B
PFD INHIBIT
PFD OUT
Voltage-
Controlled
Oscillator
12
13
10
3
VCO IN
BIAS
VCO INHIBIT
VCO OUT
2
TEST
AVAILABLE OPTIONS
PACKAGE
TA
SMALL OUTLINE
(PW)
−20
°C to 75°C
TLC2933IPW†
† The PW package is available taped and reeled. Add an R suffix to
device type (e.g., TLC2993IPWR).
Please be aware that an important notice concerning availability, standard warranty, and use in critical applications of
Texas Instruments semiconductor products and disclaimers thereto appears at the end of this data sheet.
1
2
3
4
5
6
7
14
13
12
11
10
9
8
LOGIC VDD
TEST
VCO OUT
FIN −A
FIN −B
PFD OUT
LOGIC GND
VCO VDD
BIAS
VCO IN
VCO GND
VCO INHIBIT
PFD INHIBIT
NC
PW PACKAGE†
(TOP VIEW)
NC − No internal connection
† Available in tape and reel only and ordered as the
TLC2933IPWR.
PRODUCTION DATA information is current as of publication date.
Products conform to specifications per the terms of Texas Instruments
standard warranty. Production processing does not necessarily include
testing of all parameters.
Copyright
 2002, Texas Instruments Incorporated


Similar Part No. - TLC2933IPWR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TLC2933IPWR TI-TLC2933IPWR Datasheet
367Kb / 21P
[Old version datasheet]   HIGH-PERFORMANCE PHASE-LOCKED LOOP
More results

Similar Description - TLC2933IPWR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TLC2933 TI-TLC2933 Datasheet
367Kb / 21P
[Old version datasheet]   HIGH-PERFORMANCE PHASE-LOCKED LOOP
TLC2933A TI-TLC2933A Datasheet
282Kb / 19P
[Old version datasheet]   HIGH PERFORMANCE PHASE LOCKED LOOP
TLC2932A TI1-TLC2932A_16 Datasheet
680Kb / 24P
[Old version datasheet]   HIGH PERFORMANCE PHASE LOCKED LOOP
TLC2932 TI1-TLC2932_15 Datasheet
811Kb / 29P
[Old version datasheet]   HIGH-PERFORMANCE PHASE-LOCKED LOOP
TLC2932A TI-TLC2932A Datasheet
285Kb / 19P
[Old version datasheet]   HIGH PERFORMANCE PHASE LOCKED LOOP
TLC2932 TI-TLC2932 Datasheet
418Kb / 24P
[Old version datasheet]   HIGH-PERFORMANCE PHASE-LOCKED LOOP
TLC2933A TI1-TLC2933A_16 Datasheet
677Kb / 24P
[Old version datasheet]   HIGH PERFORMANCE PHASE LOCKED LOOP
logo
Z-Communications, Inc
PSA4000A ZCOMM-PSA4000A Datasheet
78Kb / 2P
   LOW COST - HIGH PERFORMANCE PHASE LOCKED LOOP
PSA4900A ZCOMM-PSA4900A Datasheet
79Kb / 2P
   LOW COST - HIGH PERFORMANCE PHASE LOCKED LOOP
PSA5300A ZCOMM-PSA5300A Datasheet
80Kb / 2P
   LOW COST - HIGH PERFORMANCE PHASE LOCKED LOOP
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com