Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TLC2940IPW Datasheet(PDF) 2 Page - Texas Instruments

Part # TLC2940IPW
Description  HIGH-PERFORMANCE CMOS VOLTAGE-CONTROLLED OSCILLATOR
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TLC2940IPW Datasheet(HTML) 2 Page - Texas Instruments

  TLC2940IPW Datasheet HTML 1Page - Texas Instruments TLC2940IPW Datasheet HTML 2Page - Texas Instruments TLC2940IPW Datasheet HTML 3Page - Texas Instruments TLC2940IPW Datasheet HTML 4Page - Texas Instruments TLC2940IPW Datasheet HTML 5Page - Texas Instruments TLC2940IPW Datasheet HTML 6Page - Texas Instruments TLC2940IPW Datasheet HTML 7Page - Texas Instruments TLC2940IPW Datasheet HTML 8Page - Texas Instruments TLC2940IPW Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 10 page
background image
TLC2940
HIGH-PERFORMANCE CMOS VOLTAGE-CONTROLLED OSCILLATOR
SLAS244 – OCTOBER 1999
2
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
Terminal Functions
TERMINAL
I/O{
DESCRIPTION
NAME
NO.
I/O{
DESCRIPTION
BIAS
7
M
Bias supply terminal for internal VCO. The resistor should be located between VDD and this terminal.
FREFINPUT
3
I
Not used. This terminal should be tied to ground.
GND
5
PS
Ground
LOGIC VDD
1
PS
Power supply for the internal logic circuitry (PFD portion, input/output portion). It is recommended that this
terminal is separated from the VCO supply voltage terminal.
PFD OUT
4
O
Not used. This terminal should be unconnected (open).
VCOIN
6
I
VCO control voltage input.
VCO OUT
2
O
VCO output. This terminal is tied to a low level at inhibit status.
VCO VDD
8
PS
Supply voltage for VCO analog portion.
† I: Input, O: Output, PS: Power supply/GND, M: Others
detailed description
The TLC2940 is an analog VCO IC that generates a frequency that is a multiple of a reference frequency for
a PLL block configuration. Normally, a PLL block is composed of a VCO, a phase frequency detector, counter
logic, and a loop filter.
The following is a description for the analog VCO of the TLC2940.
The built-in analog VCO is composed of a ring oscillator portion for oscillation operation and a bias control
portion to generate a bias level to supply to the ring oscillator. The oscillation operation is performed by a bias
resistor (RBIAS) connected between the bias control (pin 7) and the supply voltage (pin 8). The VCO oscillation
frequency is determined by this resistor value, RBIAS, that is, the oscillation frequency decreases as the resistor
value increases, and the oscillation frequency increases as the resistor value decreases. The lock frequency
range is from 35 MHz to 75 MHz with a RBIAS of 1.5 kΩ to 4.3 kΩ at 5-V operation and from 28 MHz to 50 MHz
with a RBIAS of 1.5 kΩ to 2.7 kΩ at 3-V operation over the recommended supply voltage and operating free-air
temperature range.
Refer to the curves shown in the typical characteristics section for the lock frequency ranges with varying RBIAS
values.
VCO Oscillation Frequency Range
Bias Resistor (RBIAS)
VCO Control Voltage (VCOIN)
VCO Oscillation
Figure 1. VCO Oscillation Frequency Range Setting


Similar Part No. - TLC2940IPW

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TLC2940IPW TI-TLC2940IPW Datasheet
119Kb / 9P
[Old version datasheet]   HIGH-PERFORMANCE CMOS VOLTAGE-CONTROLLED OSCILLATOR
More results

Similar Description - TLC2940IPW

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TLC2940 TI-TLC2940 Datasheet
119Kb / 9P
[Old version datasheet]   HIGH-PERFORMANCE CMOS VOLTAGE-CONTROLLED OSCILLATOR
logo
Z-Communications, Inc
V950ME01 ZCOMM-V950ME01 Datasheet
161Kb / 2P
   LOW COST - HIGH PERFORMANCE VOLTAGE CONTROLLED OSCILLATOR
V805ME08 ZCOMM-V805ME08 Datasheet
69Kb / 2P
   LOW COST - HIGH PERFORMANCE VOLTAGE CONTROLLED OSCILLATOR
V810ME06 ZCOMM-V810ME06 Datasheet
201Kb / 2P
   LOW COST - HIGH PERFORMANCE VOLTAGE CONTROLLED OSCILLATOR
V844ME01 ZCOMM-V844ME01 Datasheet
158Kb / 2P
   LOW COST - HIGH PERFORMANCE VOLTAGE CONTROLLED OSCILLATOR
V846ME07 ZCOMM-V846ME07 Datasheet
98Kb / 2P
   LOW COST - HIGH PERFORMANCE VOLTAGE CONTROLLED OSCILLATOR
V910ME04 ZCOMM-V910ME04 Datasheet
164Kb / 2P
   LOW COST - HIGH PERFORMANCE VOLTAGE CONTROLLED OSCILLATOR
V910ME05 ZCOMM-V910ME05 Datasheet
160Kb / 2P
   LOW COST - HIGH PERFORMANCE VOLTAGE CONTROLLED OSCILLATOR
V910ME13 ZCOMM-V910ME13 Datasheet
159Kb / 2P
   LOW COST - HIGH PERFORMANCE VOLTAGE CONTROLLED OSCILLATOR
V956ME01 ZCOMM-V956ME01 Datasheet
160Kb / 2P
   LOW COST - HIGH PERFORMANCE VOLTAGE CONTROLLED OSCILLATOR
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com