Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TLC2942IDBR Datasheet(PDF) 4 Page - Texas Instruments

Part # TLC2942IDBR
Description  HIGH-PERFORMANCE DUAL PHASE-LOCKED LOOP BUILDING BLOCK
Download  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TLC2942IDBR Datasheet(HTML) 4 Page - Texas Instruments

  TLC2942IDBR Datasheet HTML 1Page - Texas Instruments TLC2942IDBR Datasheet HTML 2Page - Texas Instruments TLC2942IDBR Datasheet HTML 3Page - Texas Instruments TLC2942IDBR Datasheet HTML 4Page - Texas Instruments TLC2942IDBR Datasheet HTML 5Page - Texas Instruments TLC2942IDBR Datasheet HTML 6Page - Texas Instruments TLC2942IDBR Datasheet HTML 7Page - Texas Instruments TLC2942IDBR Datasheet HTML 8Page - Texas Instruments TLC2942IDBR Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 29 page
background image
TLC2942
HIGH-PERFORMANCE DUAL PHASE-LOCKED LOOP BUILDING BLOCK
SLAS146B – NOVEMBER 1996 – REVISED JUNE 1997
4
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
detailed description
multichip module
The TLC2942 is a multichip module (MCM) product that uses two TLC2932 chips. A newly developed lead frame
for TLC2942IBD is specially shaped and cut in the package to electrically isolate one chip from another. The
two chips are completely independent from each other to perform the best stable oscillation and locking. If
asynchronous locking operation is required for these two PLL blocks, each TLC2942 VCO and PFD can achieve
the same stability as the single chip TLC2932IPW.
Three NC terminals are on both sides of the package between chip1 and chip2 due to the lead frame shape.
To avoid performance degradation, special attention is needed for each PLL block PCB layout especially for
supply voltage lines and GND patterns.
voltage-controlled oscillator (VCO)
VCO1 and VCO2 have the same typical characteristics. Each VCO oscillation frequency is determined by an
external resistor (RBIAS) connected between each VCO VDD and BIAS terminals. The oscillation frequency and
range depends on this register value. The bias resistor value for the minimum temperature coefficient is
nominally 3.3 k
Ω with VDD = 3 V and nominally 2.2 kΩ with VDD = 5 V. For the lock frequency range refer to
the recommended operating conditions. Figure 1 shows the typical frequency variation and VCO control
voltage.
VCO Oscillation Frequency Range
Bias Resistor (RBIAS)
1/2 VDD
VCO Control Voltage (VCOIN)
Figure 1. VCO1 and VCO2 Oscillation Frequency
VCO output frequency 1/2 divider
SELECT1 and SELECT2 select between fosc and 1/2 fosc for the VCO output frequencies as shown in Table 1.
Table 1. SELECT1 and SELECT2 Function Table
SELECT1
VCO1 OUTPUT
FREQUENCY
SELECT2
VCO2 OUTPUT
FREQUENCY
Low
fosc1
Low
fosc2
High
1/2 fosc1
High
1/2 fosc2


Similar Part No. - TLC2942IDBR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TLC2942IDB TI-TLC2942IDB Datasheet
459Kb / 28P
[Old version datasheet]   HIGH-PERFORMANCE DUAL PHASE-LOCKED LOOP BUILDING BLOCK
More results

Similar Description - TLC2942IDBR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TLC2942 TI-TLC2942 Datasheet
459Kb / 28P
[Old version datasheet]   HIGH-PERFORMANCE DUAL PHASE-LOCKED LOOP BUILDING BLOCK
TLC2943 TI-TLC2943 Datasheet
425Kb / 27P
[Old version datasheet]   HIGH-PERFORMANCE DUAL PHASE-LOCKED BUILDING BLOCK
TLC2933 TI-TLC2933 Datasheet
367Kb / 21P
[Old version datasheet]   HIGH-PERFORMANCE PHASE-LOCKED LOOP
TLC2933A TI-TLC2933A Datasheet
282Kb / 19P
[Old version datasheet]   HIGH PERFORMANCE PHASE LOCKED LOOP
TLC2933 TI1-TLC2933_13 Datasheet
680Kb / 24P
[Old version datasheet]   HIGH-PERFORMANCE PHASE-LOCKED LOOP
TLC2932A TI1-TLC2932A_16 Datasheet
680Kb / 24P
[Old version datasheet]   HIGH PERFORMANCE PHASE LOCKED LOOP
TLC2932 TI1-TLC2932_15 Datasheet
811Kb / 29P
[Old version datasheet]   HIGH-PERFORMANCE PHASE-LOCKED LOOP
TLC2932A TI-TLC2932A Datasheet
285Kb / 19P
[Old version datasheet]   HIGH PERFORMANCE PHASE LOCKED LOOP
TLC2932 TI-TLC2932 Datasheet
418Kb / 24P
[Old version datasheet]   HIGH-PERFORMANCE PHASE-LOCKED LOOP
TLC2933A TI1-TLC2933A_16 Datasheet
677Kb / 24P
[Old version datasheet]   HIGH PERFORMANCE PHASE LOCKED LOOP
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com