Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TLC2942IDBR Datasheet(PDF) 1 Page - Texas Instruments

Part # TLC2942IDBR
Description  HIGH-PERFORMANCE DUAL PHASE-LOCKED LOOP BUILDING BLOCK
Download  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TLC2942IDBR Datasheet(HTML) 1 Page - Texas Instruments

  TLC2942IDBR Datasheet HTML 1Page - Texas Instruments TLC2942IDBR Datasheet HTML 2Page - Texas Instruments TLC2942IDBR Datasheet HTML 3Page - Texas Instruments TLC2942IDBR Datasheet HTML 4Page - Texas Instruments TLC2942IDBR Datasheet HTML 5Page - Texas Instruments TLC2942IDBR Datasheet HTML 6Page - Texas Instruments TLC2942IDBR Datasheet HTML 7Page - Texas Instruments TLC2942IDBR Datasheet HTML 8Page - Texas Instruments TLC2942IDBR Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 29 page
background image
TLC2942
HIGH-PERFORMANCE DUAL PHASE-LOCKED LOOP BUILDING BLOCK
SLAS146B – NOVEMBER 1996 – REVISED JUNE 1997
1
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
D Dual TLC2932 by Multichip Module (MCM)
Technology
D Voltage-Controlled Oscillator (VCO)
Section:
– Complete Oscillator Using Only One
External Bias Resistor (RBIAS)
– Recommended Lock Frequency Range:
22 MHz to 50 MHz (VDD = 5 V ±5%,
TA = –20°C to 75°C, ×1 Output)
11 MHz to 25 MHz (VDD = 5 V ±5%,
TA = –20°C to 75°C, ×1/2 Output)
– Output Frequency...
×1 and ×1/2
Selectable
D Includes a High-Speed Edge-Triggered
Phase Frequency Detector (PFD) With
Internal Charge Pump
D Independent VCO, PFD Power-Down Mode
description
The TLC2942 is a multichip module product that
uses two TLC2932 chips. The TLC2932 chip is
composed of a voltage-controlled oscillator and
an edge-triggered phase frequency detector. The
oscillation frequency range of each VCO is set by
an external bias resistor (RBIAS) and each VCO output can be a ×1 or ×1/2 output frequency. Each high speed
PFD with internal charge pump detects the phase difference between the reference frequency input and signal
frequency input from the external counter. The VCO and the PFD have inhibit functions that can be used as a
power-down mode. The high-speed and stable oscillation capability of the TLC2932 makes the TLC2942
suitable for use in dual high-performance phase-locked loop (PLL) systems.
AVAILABLE OPTIONS
PACKAGE
TA
SMALL OUTLINE
(DB)
–20
°C to 75°C
TLC2942IDB
Please be aware that an important notice concerning availability, standard warranty, and use in critical applications of
Texas Instruments semiconductor products and disclaimers thereto appears at the end of this data sheet.
Copyright
© 1997, Texas Instruments Incorporated
PRODUCTION DATA information is current as of publication date.
Products conform to specifications per the terms of Texas Instruments
standard warranty. Production processing does not necessarily include
testing of all parameters.
1
2
3
4
5
6
7
8
9
10
11
12
13
14
15
16
17
18
19
38
37
36
35
34
33
32
31
30
29
28
27
26
25
24
23
22
21
20
LOGIC VDD1
SELECT1
VCO OUT1
FIN–A1
FIN–B1
PFD OUT1
LOGIC GND1
GND
NC
NC
NC
GND
LOGIC VDD2
SELECT2
VCO OUT2
FIN–A2
FIN–B2
PFD OUT2
LOGIC GND2
VCO VDD1
BIAS1
VCOIN1
VCO GND1
VCOINHIBIT1
PFD INHIBIT1
NC
GND
NC
NC
NC
GND
VCO VDD2
BIAS2
VCOIN2
VCO GND2
VCOINHIBIT2
PFD INHIBIT2
NC
DB PACKAGE
(TOP VIEW)
NC – No internal connection


Similar Part No. - TLC2942IDBR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TLC2942IDB TI-TLC2942IDB Datasheet
459Kb / 28P
[Old version datasheet]   HIGH-PERFORMANCE DUAL PHASE-LOCKED LOOP BUILDING BLOCK
More results

Similar Description - TLC2942IDBR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TLC2942 TI-TLC2942 Datasheet
459Kb / 28P
[Old version datasheet]   HIGH-PERFORMANCE DUAL PHASE-LOCKED LOOP BUILDING BLOCK
TLC2943 TI-TLC2943 Datasheet
425Kb / 27P
[Old version datasheet]   HIGH-PERFORMANCE DUAL PHASE-LOCKED BUILDING BLOCK
TLC2933 TI-TLC2933 Datasheet
367Kb / 21P
[Old version datasheet]   HIGH-PERFORMANCE PHASE-LOCKED LOOP
TLC2933A TI-TLC2933A Datasheet
282Kb / 19P
[Old version datasheet]   HIGH PERFORMANCE PHASE LOCKED LOOP
TLC2933 TI1-TLC2933_13 Datasheet
680Kb / 24P
[Old version datasheet]   HIGH-PERFORMANCE PHASE-LOCKED LOOP
TLC2932A TI1-TLC2932A_16 Datasheet
680Kb / 24P
[Old version datasheet]   HIGH PERFORMANCE PHASE LOCKED LOOP
TLC2932 TI1-TLC2932_15 Datasheet
811Kb / 29P
[Old version datasheet]   HIGH-PERFORMANCE PHASE-LOCKED LOOP
TLC2932A TI-TLC2932A Datasheet
285Kb / 19P
[Old version datasheet]   HIGH PERFORMANCE PHASE LOCKED LOOP
TLC2932 TI-TLC2932 Datasheet
418Kb / 24P
[Old version datasheet]   HIGH-PERFORMANCE PHASE-LOCKED LOOP
TLC2933A TI1-TLC2933A_16 Datasheet
677Kb / 24P
[Old version datasheet]   HIGH PERFORMANCE PHASE LOCKED LOOP
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com