Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TLC2652AMN Datasheet(PDF) 7 Page - Texas Instruments

Part # TLC2652AMN
Description  Advanced LinCMOSE PRECISION CHOPPER-STABILIZED OPERATIONAL AMPLIFIERS
Download  39 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TLC2652AMN Datasheet(HTML) 7 Page - Texas Instruments

Back Button TLC2652AMN Datasheet HTML 3Page - Texas Instruments TLC2652AMN Datasheet HTML 4Page - Texas Instruments TLC2652AMN Datasheet HTML 5Page - Texas Instruments TLC2652AMN Datasheet HTML 6Page - Texas Instruments TLC2652AMN Datasheet HTML 7Page - Texas Instruments TLC2652AMN Datasheet HTML 8Page - Texas Instruments TLC2652AMN Datasheet HTML 9Page - Texas Instruments TLC2652AMN Datasheet HTML 10Page - Texas Instruments TLC2652AMN Datasheet HTML 11Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 39 page
background image
TLC2652, TLC2652A, TLC2652Y
Advanced LinCMOS PRECISION CHOPPERSTABILIZED
OPERATIONAL AMPLIFIERS
SLOS019E − SEPTEMBER 1988 − REVISED FEBRUARY 2005
7
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
electrical characteristics at specified free-air temperature, VDD ± = ±5 V (unless otherwise noted)
PARAMETER
TEST CONDITIONS
TA†
TLC2652I
TLC2652AI
UNIT
PARAMETER
TEST CONDITIONS
TA†
MIN
TYP
MAX
MIN
TYP
MAX
UNIT
VIO
Input offset voltage
25
°C
0.6
3
0.5
1
V
VIO
Input offset voltage
Full range
4.95
2.95
µV
VIO
Temperature coefficient of
Full range
0.003
0.03
0.003
0.03
V/
°C
αVIO
Temperature coefficient of
input offset voltage
Full range
0.003
0.03
0.003
0.03
µV/°C
Input offset voltage
long-term drift (see Note 4)
VIC = 0,
RS = 50 Ω
25
°C
0.003
0.06
0.003
0.02
µV/mo
IIO
Input offset current
25
°C
2
60
2
60
pA
IIO
Input offset current
Full range
150
150
pA
IIB
Input bias current
25
°C
4
60
4
60
pA
IIB
Input bias current
Full range
150
150
pA
Common-mode input
−5
−5
VICR
Common-mode input
voltage range
RS = 50 Ω
Full range
−5
to
−5
to
V
VICR
voltage range
RS = 50 Ω
Full range
to
3.1
to
3.1
V
VOM +
Maximum positive peak
RL = 10 kΩ
See Note 5
25
°C
4.7
4.8
4.7
4.8
V
VOM +
Maximum positive peak
output voltage swing
RL = 10 kΩ, See Note 5
Full range
4.7
4.7
V
VOM −
Maximum negative peak
RL = 10 kΩ
See Note 5
25
°C
− 4.7
− 4.9
− 4.7
− 4.9
V
VOM −
Maximum negative peak
output voltage swing
RL = 10 kΩ, See Note 5
Full range
− 4.7
− 4.7
V
AVD
Large-signal differential
VO = ± 4 V,
RL = 10 kΩ
25
°C
120
150
135
150
dB
AVD
Large-signal differential
voltage amplification
VO = ± 4 V,
RL = 10 kΩ
Full range
120
125
dB
Internal chopping frequency
25
°C
450
450
Hz
Clamp on-state current
RL = 100 kΩ
25
°C
25
25
A
Clamp on-state current
RL = 100 kΩ
Full range
25
25
µA
Clamp off-state current
VO = − 4 V to 4 V
25
°C
100
100
pA
Clamp off-state current
VO = − 4 V to 4 V
Full range
100
100
pA
CMRR
Common-mode rejection
VO = 0, VIC = VICRmin,
25
°C
120
140
120
140
dB
CMRR
Common-mode rejection
ratio
VO = 0, VIC = VICRmin,
RS = 50 Ω
Full range
120
120
dB
kSVR
Supply-voltage rejection
VDD ± = ±1.9 V to ±8 V,
25
°C
110
135
110
135
dB
kSVR
Supply-voltage rejection
ratio (
∆VDD±/∆VIO)
VO = 0,
RS = 50 Ω
Full range
110
110
dB
IDD
Supply current
VO = 0,
No load
25
°C
1.5
2.4
1.5
2.4
mA
IDD
Supply current
VO = 0,
No load
Full range
2.5
2.5
mA
† Full range is − 40° to 85°C.
NOTES:
4. Typical values are based on the input offset voltage shift observed through 168 hours of operating life test at TA = 150°C extrapolated
at TA = 25° using the Arrhenius equation and assuming an activation energy of 0.96 eV.
5. Output clamp is not connected.


Similar Part No. - TLC2652AMN

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TLC2652AMN TI-TLC2652AMN Datasheet
474Kb / 31P
[Old version datasheet]   Advanced LinCMOSE PRECISION CHOPPER-STABILIZED OPERATIONAL AMPLIFIERS
More results

Similar Description - TLC2652AMN

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TLC2652 TI1-TLC2652_17 Datasheet
1Mb / 41P
[Old version datasheet]   Advanced LinCMOSE PRECISION CHOPPER-STABILIZED OPERATIONAL AMPLIFIERS
TLC2652 TI-TLC2652 Datasheet
474Kb / 31P
[Old version datasheet]   Advanced LinCMOSE PRECISION CHOPPER-STABILIZED OPERATIONAL AMPLIFIERS
TLC2654 TI-TLC2654 Datasheet
427Kb / 30P
[Old version datasheet]   Advanced LinCMOSE LOW-NOISE CHOPPER-STABILIZED OPERATIONAL AMPLIFIERS
TLC2652AC-8DR TI-TLC2652AC-8DR Datasheet
869Kb / 39P
[Old version datasheet]   Advanced LinCMOS PRECISION CHOPPER-STABILIZED OPERATIONAL AMPLIFIERS
TLC220X TI1-TLC220X_17 Datasheet
1Mb / 70P
[Old version datasheet]   Advanced LinCMOSE LOW-NOISE PRECISION OPERATIONAL AMPLIFIERS
TLC2801Z TI-TLC2801Z Datasheet
198Kb / 13P
[Old version datasheet]   Advanced LinCMOSE??LOW-NOISE PRECISION OPERATIONAL AMPLIFIERS
TLC220X TI-TLC220X_08 Datasheet
1Mb / 64P
[Old version datasheet]   Advanced LinCMOSE LOW-NOISE PRECISION OPERATIONAL AMPLIFIERS
ICL7652P TI1-ICL7652P Datasheet
2Mb / 16P
[Old version datasheet]   Advanced LinCMOSTM PRECISION CHOPPER-STABILIZED OPERATIONAL AMPLIFIER
TLC2801 TI1-TLC2801 Datasheet
199Kb / 13P
[Old version datasheet]   Advanced LinCMOSE LOW-NOISE PRECISION OPERATIONAL AMPLIFIERS
TLC220X TI1-TLC220X_15 Datasheet
1Mb / 70P
[Old version datasheet]   Advanced LinCMOSE LOW-NOISE PRECISION OPERATIONAL AMPLIFIERS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com