Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TLC5620C Datasheet(PDF) 2 Page - Texas Instruments

Part # TLC5620C
Description  QUADRUPLE 8-BIT DIGITAL-TO-ANALOG CONVERTERS
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TLC5620C Datasheet(HTML) 2 Page - Texas Instruments

  TLC5620C Datasheet HTML 1Page - Texas Instruments TLC5620C Datasheet HTML 2Page - Texas Instruments TLC5620C Datasheet HTML 3Page - Texas Instruments TLC5620C Datasheet HTML 4Page - Texas Instruments TLC5620C Datasheet HTML 5Page - Texas Instruments TLC5620C Datasheet HTML 6Page - Texas Instruments TLC5620C Datasheet HTML 7Page - Texas Instruments TLC5620C Datasheet HTML 8Page - Texas Instruments TLC5620C Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 17 page
background image
TLC5620C, TLC5620I
QUADRUPLE 8-BIT DIGITAL-TO-ANALOG CONVERTERS
SLAS081E – NOVEMBER 1994 – REVISED NOVEMBER 2001
2
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
functional block diagram
DAC
DAC
Power-On
Reset
Serial
Interface
× 2
Latch
Latch
Latch
Latch
DAC
× 2
× 2
Latch
Latch
Latch
Latch
DAC
× 2
LDAC
REFA
+
+
+
+
+
+
+
+
REFB
REFC
CLK
REFD
DATA
LOAD
DACA
DACB
DACC
DACD
8
8
8
8
8
8
8
8
2
3
4
5
7
6
8
13
12
11
10
9
Terminal Functions
TERMINAL
I/O
DESCRIPTION
NAME
NO.
I/O
DESCRIPTION
CLK
7
I
Serial interface clock. The input digital data is shifted into the serial interface
register on the falling edge of the clock applied to the CLK terminal.
DACA
12
O
DAC A analog output
DACB
11
O
DAC B analog output
DACC
10
O
DAC C analog output
DACD
9
O
DAC D analog output
DATA
6
I
Serial interface digital data input. The digital code for the DAC is clocked into the
serial interface register serially. Each data bit is clocked into the register on the
falling edge of the clock signal.
GND
1
I
Ground return and reference terminal
LDAC
13
I
Load DAC. When the LDAC signal is high, no DAC output updates occur when
the input digital data is read into the serial interface. The DAC outputs are only
updated when LDAC is taken from high to low.
LOAD
8
I
Serial Interface load control. When LDAC is low, the falling edge of the LOAD
signal latches the digital data into the output latch and immediately produces the
analog voltage at the DAC output terminal.
REFA
2
I
Reference voltage input to DAC A. This voltage defines the output analog range.
REFB
3
I
Reference voltage input to DAC B. This voltage defines the output analog range.
REFC
4
I
Reference voltage input to DAC C. This voltage defines the output analog range.
REFD
5
I
Reference voltage input to DAC D. This voltage defines the output analog range.
VDD
14
I
Positive supply voltage


Similar Part No. - TLC5620C

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TLC5620C TI-TLC5620C Datasheet
190Kb / 13P
[Old version datasheet]   QUADRUPLE 8-BIT DIGITAL-TO-ANALOG CONVERTERS
TLC5620C TI-TLC5620C Datasheet
218Kb / 10P
[Old version datasheet]   QUADRUPLE 8-BIT DIGITAL-TO-ANALOG CONVERTERS
TLC5620CD TI-TLC5620CD Datasheet
190Kb / 13P
[Old version datasheet]   QUADRUPLE 8-BIT DIGITAL-TO-ANALOG CONVERTERS
TLC5620CD TI-TLC5620CD Datasheet
218Kb / 10P
[Old version datasheet]   QUADRUPLE 8-BIT DIGITAL-TO-ANALOG CONVERTERS
TLC5620CDR TI-TLC5620CDR Datasheet
218Kb / 10P
[Old version datasheet]   QUADRUPLE 8-BIT DIGITAL-TO-ANALOG CONVERTERS
More results

Similar Description - TLC5620C

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TLV5620CDR TI1-TLV5620CDR Datasheet
721Kb / 16P
[Old version datasheet]   QUADRUPLE 8-BIT DIGITAL-TO-ANALOG CONVERTERS
TLC7226 TI1-TLC7226 Datasheet
457Kb / 21P
[Old version datasheet]   QUADRUPLE 8-BIT DIGITAL-TO-ANALOG CONVERTERS
TLC5620C TI-TLC5620C Datasheet
218Kb / 10P
[Old version datasheet]   QUADRUPLE 8-BIT DIGITAL-TO-ANALOG CONVERTERS
TLC5620C TI-TLC5620C Datasheet
190Kb / 13P
[Old version datasheet]   QUADRUPLE 8-BIT DIGITAL-TO-ANALOG CONVERTERS
TLV5620C TI-TLV5620C Datasheet
196Kb / 14P
[Old version datasheet]   QUADRUPLE 8-BIT DIGITAL-TO-ANALOG CONVERTERS
TLC7226C TI1-TLC7226C Datasheet
227Kb / 18P
[Old version datasheet]   QUADRUPLE 8-BIT DIGITAL-TO-ANALOG CONVERTERS
TLC7225 TI1-TLC7225 Datasheet
337Kb / 22P
[Old version datasheet]   QUADRUPLE 8-BIT DIGITAL-TO-ANALOG CONVERTERS
TLC7225C TI-TLC7225C Datasheet
289Kb / 21P
[Old version datasheet]   QUADRUPLE 8-BIT DIGITAL-TO-ANALOG CONVERTERS
TLV5620IDR TI-TLV5620IDR Datasheet
734Kb / 16P
[Old version datasheet]   QUADRUPLE 8-BIT DIGITAL-TO-ANALOG CONVERTERS
TLC7226C TI-TLC7226C_15 Datasheet
964Kb / 24P
[Old version datasheet]   QUADRUPLE 8-BIT DIGITAL-TO-ANALOG CONVERTERS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com