Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TLC5902 Datasheet(PDF) 8 Page - Texas Instruments

Part # TLC5902
Description  LED DRIVER
Download  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TLC5902 Datasheet(HTML) 8 Page - Texas Instruments

Back Button TLC5902 Datasheet HTML 4Page - Texas Instruments TLC5902 Datasheet HTML 5Page - Texas Instruments TLC5902 Datasheet HTML 6Page - Texas Instruments TLC5902 Datasheet HTML 7Page - Texas Instruments TLC5902 Datasheet HTML 8Page - Texas Instruments TLC5902 Datasheet HTML 9Page - Texas Instruments TLC5902 Datasheet HTML 10Page - Texas Instruments TLC5902 Datasheet HTML 11Page - Texas Instruments TLC5902 Datasheet HTML 12Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 23 page
background image
TLC5902
LED DRIVER
SLLS382 – DECEMBER 1999
8
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
absolute maximum ratings (see Note 1)
Logic supply voltage, VCC(LOG)
–0.3 V to 7 V
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Supply voltage for constant current circuit, PVCC
–0.3 V to 7 V
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Analog supply voltage, VCC(ANA)
–0.3 V to 7 V
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Output current (DC), IOL(C)
90 mA
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Input voltage range
–0.3 V to VCC(LOG) 0.3 V
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Output voltage range, V(OUTn), V(BOUT) and V(GSOUT)
–0.3 V to VCC(LOG) 0.3 V
. . . . . . . . . . . . . . . . . . . . .
Output voltage range, V(OUTn) and V(DOWN)
–0.3 V to 0.3 V
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Continuous total power dissipation at (or below) TA = 25°C (see Note 2)
4.7 W
. . . . . . . . . . . . . . . . . . . . . . . . .
Operating free air temperature range, TA
–20
°C to 85°C
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Storage temperature range, Tstg
–55
°C to 150°C
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
† Stresses beyond those listed under “absolute maximum ratings” may cause permanent damage to the device. These are stress ratings only, and
functional operation of the device at these or any other conditions beyond those indicated under “recommended operating conditions” is not
implied. Exposure to absolute-maximum-rated conditions for extended periods may affect device reliability.
NOTES:
1. All voltage values are with respect to GNDLOG terminal.
2. For operation above 25
°C free-air temperature, derate linearly at the rate of 38.2 mW/°C.
recommended operating conditions
dc characteristics over recommended ranges of operating free-air temperature,
VCC(LOG) = VCC(ANA) = PVCC = 4.5 V to 5.5 V (unless otherwise noted)
MIN
NOM
MAX
UNIT
Logic supply voltage, VCC(LOG)
4.5
5
5.5
V
Supply voltage for constant current circuit,
PVCC
4.5
5
5.5
V
Analog power supply, VCC(ANA)
4.5
5
5.5
V
Voltage between VCC, V(DEF1)
(see Note 3)
VDEF1 = VCC(LOG) – VCC(ANA)
VCC(LOG) – PVCC, VCC(ANA) – PVCC
–0.3
0
0.3
V
Voltage between GND, V(DEF2)
(see Note 3)
V(DEF2) = GND(LOG) – GND(ANA)
GND(LOG) – GND(LED), GND(ANA) –
GND(LED)
–0.3
0
0.3
V
High-level input voltage, VIH
0.8 VCC(LOG)
VCC(LOG)
V
Low-level input voltage, VIL
GND(LOG)
Á
0.2 VCC(LOG)
V
High-level output current, IO(H)
VCC(LOG) = 4.5 V, DOUT0 to DOUT7,
BOUT, GSOUT
–1
mA
Low-level output current, IO(L)
VCCLOG = 4.5 V, DOUT0 to DOUT7,
BOUT, GSOUT
1
mA
, O(L)
VCC(LOG) = 4.5 V, DOWN
5
mA
Constant output current, IOL(C)
OUT0 to OUT15
5
80
mA
NOTE 3: Each voltage is supplied by single power supply, not a separated power supply.


Similar Part No. - TLC5902

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TLC5902 TI-TLC5902 Datasheet
306Kb / 22P
[Old version datasheet]   LED DRIVER
TLC59025 TI-TLC59025 Datasheet
696Kb / 21P
[Old version datasheet]   LOW-POWER 16-CHANNEL CONSTANT-CURRENT LED SINK DRIVER
TLC59025IDBQR TI-TLC59025IDBQR Datasheet
696Kb / 21P
[Old version datasheet]   LOW-POWER 16-CHANNEL CONSTANT-CURRENT LED SINK DRIVER
TLC59025IDWR TI-TLC59025IDWR Datasheet
696Kb / 21P
[Old version datasheet]   LOW-POWER 16-CHANNEL CONSTANT-CURRENT LED SINK DRIVER
TLC59025IPWR TI-TLC59025IPWR Datasheet
696Kb / 21P
[Old version datasheet]   LOW-POWER 16-CHANNEL CONSTANT-CURRENT LED SINK DRIVER
More results

Similar Description - TLC5902

ManufacturerPart #DatasheetDescription
logo
Rohm
BA618 ROHM-BA618 Datasheet
74Kb / 4P
   LED driver
logo
Texas Instruments
TLC5923 TI-TLC5923 Datasheet
246Kb / 15P
[Old version datasheet]   LED DRIVER
TLC5904 TI-TLC5904 Datasheet
414Kb / 27P
[Old version datasheet]   LED DRIVER
TLC5911 TI-TLC5911 Datasheet
474Kb / 30P
[Old version datasheet]   LED DRIVER
TLC5922 TI1-TLC5922_14 Datasheet
378Kb / 19P
[Old version datasheet]   LED DRIVER
logo
Dialog Semiconductor
SLG7NT4082 DIALOG-SLG7NT4082 Datasheet
372Kb / 9P
   LED DRIVER
logo
CUI INC
VLED15-120-350 CUI-VLED15-120-350_13 Datasheet
157Kb / 5P
   LED DRIVER
logo
Infineon Technologies A...
BCR402R INFINEON-BCR402R_09 Datasheet
91Kb / 8P
   LED Driver
2009-11-13
BCR420U INFINEON-BCR420U Datasheet
132Kb / 12P
   LED Driver
2010-01-15
logo
CUI INC
VLED15 CUI-VLED15 Datasheet
171Kb / 5P
   LED DRIVER
logo
List of Unclassifed Man...
CC3512 ETC1-CC3512 Datasheet
131Kb / 2P
   LED Driver
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com