Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TLC5618ACP Datasheet(PDF) 2 Page - Texas Instruments

Part # TLC5618ACP
Description  PROGRAMMABLE DUAL 12-BIT DIGITAL-TO-ANALOG CONVERTERS
Download  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TLC5618ACP Datasheet(HTML) 2 Page - Texas Instruments

  TLC5618ACP Datasheet HTML 1Page - Texas Instruments TLC5618ACP Datasheet HTML 2Page - Texas Instruments TLC5618ACP Datasheet HTML 3Page - Texas Instruments TLC5618ACP Datasheet HTML 4Page - Texas Instruments TLC5618ACP Datasheet HTML 5Page - Texas Instruments TLC5618ACP Datasheet HTML 6Page - Texas Instruments TLC5618ACP Datasheet HTML 7Page - Texas Instruments TLC5618ACP Datasheet HTML 8Page - Texas Instruments TLC5618ACP Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 25 page
background image
TLC5618, TLC5618A
PROGRAMMABLE DUAL 12-BIT DIGITAL-TO-ANALOG CONVERTERS
SLAS156G – JULY 1997 – REVISED APRIL 2001
2
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
description (continued)
The 8-terminal small-outline D package allows digital control of analog functions in space-critical applications.
The TLC5618C is characterized for operation from 0
°C to 70°C. The TLC5618I is characterized for operation
from – 40
°C to 85°C. The TLC5618Q is characterized for operation from –40°C to 125°C. The TLC5618M is
characterized for operation from – 55
°C to 125°C.
AVAILABLE OPTIONS
PACKAGE
TA
SMALL OUTLINE†
(D)
PLASTIC DIP
(P)
CERAMIC DIP
(JG)
20 PAD LCC
(FK)
0
°C to 70°C
TLC5618CD
TLC5618ACD
TLC5618CP
TLC5618ACP
– 40
°C to 85°C
TLC5618ID
TLC5618AID
TLC5618IP
TLC5618AIP
– 40
°C to 125°C
TLC5618AQD
– 55
°C to 125°C
TLC5618AMJG
TLC5618AMFK
† The D package is available in tape and reel by adding R to the part number (e.g., TLC5618CDR)
DEVICE
COMPATIBILITY
TLC5618
SPI, QSPI and Microwire
TLC5618A
TMS320Cxx, SPI, QSPI, and Microwire


Similar Part No. - TLC5618ACP

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TLC5618ACP TI-TLC5618ACP Datasheet
376Kb / 26P
[Old version datasheet]   PROGRAMMABLE DUAL 12-BIT DIGITAL-TO-ANALOG CONVERTERS
TLC5618ACP TI1-TLC5618ACP Datasheet
636Kb / 24P
[Old version datasheet]   PROGRAMMABLE DUAL 12-BIT DIGITAL-TO-ANALOG CONVERTERS
More results

Similar Description - TLC5618ACP

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TLC5618ACDR TI1-TLC5618ACDR Datasheet
636Kb / 24P
[Old version datasheet]   PROGRAMMABLE DUAL 12-BIT DIGITAL-TO-ANALOG CONVERTERS
TLC5618 TI-TLC5618 Datasheet
376Kb / 26P
[Old version datasheet]   PROGRAMMABLE DUAL 12-BIT DIGITAL-TO-ANALOG CONVERTERS
TLC5617 TI1-TLC5617_05 Datasheet
313Kb / 21P
[Old version datasheet]   PROGRAMMABLE DUAL 10-BIT DIGITAL-TO-ANALOG CONVERTERS
TLC5617 TI-TLC5617 Datasheet
283Kb / 20P
[Old version datasheet]   PROGRAMMABLE DUAL 10-BIT DIGITAL-TO-ANALOG CONVERTERS
logo
Burr-Brown (TI)
DAC80 BURR-BROWN-DAC80 Datasheet
211Kb / 9P
   Monolithic 12-Bit DIGITAL-TO-ANALOG CONVERTERS
logo
Texas Instruments
DAC80P TI-DAC80P Datasheet
190Kb / 10P
[Old version datasheet]   Monolithic 12-Bit DIGITAL-TO-ANALOG CONVERTERS
logo
Burr-Brown (TI)
DAC7800 BURR-BROWN-DAC7800_04 Datasheet
645Kb / 20P
   Dual Monolithic CMOS 12-Bit Multiplying DIGITAL-TO-ANALOG CONVERTERS
logo
Texas Instruments
DAC7800 TI1-DAC7800_15 Datasheet
1,019Kb / 23P
[Old version datasheet]   Dual Monolithic CMOS 12-Bit Multiplying DIGITAL-TO-ANALOG CONVERTERS
DAC7800 TI-DAC7800 Datasheet
273Kb / 17P
[Old version datasheet]   Dual Monolithic CMOS 12-Bit Multiplying DIGITAL-TO-ANALOG CONVERTERS
DAC3154 TI1-DAC3154_16 Datasheet
1Mb / 46P
[Old version datasheet]   Dual 12-/10-Bit 500 MSPS Digital-to-Analog Converters
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com