Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

X8390-A Datasheet(PDF) 1 Page - Coilcraft lnc.

Part # X8390-A
Description  xDSL Interface Transformers
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  COILCRAFT [Coilcraft lnc.]
Direct Link  http://www.coilcraft.com
Logo COILCRAFT - Coilcraft lnc.

X8390-A Datasheet(HTML) 1 Page - Coilcraft lnc.

  X8390-A Datasheet HTML 1Page - Coilcraft lnc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
US
UK
Taiwan
China
Singapore
+1-847-639-6400 sales@coilcraft.com
+44-1236-730595 sales@coilcraft-europe.com
+886-2-2264 3646 sales@coilcraft.com.tw
+86-21-6218 8074 sales@coilcraft.com.cn
+ 65-6484 8412 sales@coilcraft.com.sg
© Coilcraft Inc. 2012
This product may not be used in medical or high
risk applications without prior Coilcraft approval.
Specification subject to change without notice.
Please check out web site for latest information.
xDSLInterfaceTransformers
Document 231
Document 231 Revised 01/16/08
These transformers provide coupling and line isolation
for xDSL interfaces using the Linear Technology LT1794,
LT1795 and LT1886 amplifiers.
They feature very low leakage inductance, stable primary
inductance from -40°C to +85°C and longitudinal balance
optimized for the best overall performance at ADSL and
HDSL2 transmission speeds.
In addition to the standard models shown, Coilcraft can
provide custom transformers with other turn ratios.
For free evaluation samples or to discuss custom designs,
contact Coilcraft or visit
www.coilcraft.com.
1. Turns ratio is with the chip side windings connected in series.
2. All electrical specifications referenced to line side.
3. Operating temperature range -40°C to +85°C.
4. Electrical specifications at 25°C.
Line side
Leakage
Part
inductance
inductance
DCR max (Ohms)
number
Style
Chip set
(mH)
(µH) max
Chip side
Line side
X8390-A
SMT
LT1794, LT1886
0.368 ±5%
11
0.841 (6-9, 7-10)
1.95 (4-2)
X8502-A
SMT
LT1794, LT1886
0.368 ±5%
11
0.895 (6-9, 7-10)
1.70 (4-2)
X8505-A
SMT
LT1886
0.368 ±5%
11
0.750 (6-9, 7-10)
1.85 (4-2)
X8504-A
SMT
LT1795
0.368 ±5%
11
0.875 (6-9, 7-10)
1.75 (4-2)
Dielectric
Longitudinal
Part
strength
Turns ratio1
balance
Designed
number
(V)
line:chip
(dB) min
to meet
X8390-A
1500
1
:1
45 (20 kHz - 1.1 MHz)
UL 1459, 1950
X8502-A
1500
1
:1.2
42 (20 kHz - 1.1 MHz)
UL 1459, 1950
X8505-A
1500
1
:1.5
42 (20 kHz - 1.1 MHz)
UL 1459, 1950
X8504-A
1500
1
:1.4
42 (20 kHz - 1.1 MHz)
UL 1459, 1950
For LT1794, LT1795
and LT1886
A
Dot above pin1
C
B
5
1
Recommended
Land Pattern
E
F
G
1
6
10
Tape and reel 175 per 13
″ reel Plastic tape: 32 mm wide,
0.5 mm thick, 28 mm pocket spacing, 12.93 mm pocket depth
A max B max C max E
F typ
G typ
0.530
0.699
0.500
0.590
0.098
0.061 × 0.050
13,46
17,75
12,70
14,99
2,50
1,55 × 1,27
9
10
2
6
7
4
Line side
Chip side
This product is not RoHS-compliant.Contact Coilcraft for
current status or possible alternatives.
Chip side windings to be connected
in series on the PC board


Similar Part No. - X8390-A

ManufacturerPart #DatasheetDescription
logo
Coilcraft lnc.
X8390-A COILCRAFT-X8390-A Datasheet
60Kb / 1P
   xDSL Interface Transformers
More results

Similar Description - X8390-A

ManufacturerPart #DatasheetDescription
logo
Coilcraft lnc.
X8390-A COILCRAFT-X8390-A Datasheet
60Kb / 1P
   xDSL Interface Transformers
logo
EPCOS
B78421A1704A003 EPCOS-B78421A1704A003 Datasheet
69Kb / 2P
   xDSL Transformers ADSL Interface
B78421P1544A005 EPCOS-B78421P1544A005 Datasheet
58Kb / 2P
   xDSL Transformers MDSL Interface
B78421P1457A005 EPCOS-B78421P1457A005 Datasheet
58Kb / 2P
   xDSL Transformers HDSL Interface
B78421P1486A005 EPCOS-B78421P1486A005 Datasheet
58Kb / 2P
   xDSL Transformers ADSL Interface
B78417A1671A003 EPCOS-B78417A1671A003 Datasheet
58Kb / 3P
   xDSL Transformers ADSL Interface
B78421P1482A005 EPCOS-B78421P1482A005 Datasheet
58Kb / 2P
   xDSL Transformers ADSL Interface
B78417A1698A003 EPCOS-B78417A1698A003 Datasheet
55Kb / 2P
   xDSL Transformers ADSL Interface
B82719C0475N365 EPCOS-B82719C0475N365 Datasheet
63Kb / 3P
   UK0/UPN Interface; xDSL Transformers
B78421P1624A005 EPCOS-B78421P1624A005 Datasheet
59Kb / 2P
   xDSL Transformers S(H)DSL Interface
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com