Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TLC2652AC-8DR Datasheet(PDF) 10 Page - Texas Instruments

Part # TLC2652AC-8DR
Description  Advanced LinCMOSE PRECISION CHOPPER-STABILIZED OPERATIONAL AMPLIFIERS
Download  39 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TLC2652AC-8DR Datasheet(HTML) 10 Page - Texas Instruments

Back Button TLC2652AC-8DR Datasheet HTML 6Page - Texas Instruments TLC2652AC-8DR Datasheet HTML 7Page - Texas Instruments TLC2652AC-8DR Datasheet HTML 8Page - Texas Instruments TLC2652AC-8DR Datasheet HTML 9Page - Texas Instruments TLC2652AC-8DR Datasheet HTML 10Page - Texas Instruments TLC2652AC-8DR Datasheet HTML 11Page - Texas Instruments TLC2652AC-8DR Datasheet HTML 12Page - Texas Instruments TLC2652AC-8DR Datasheet HTML 13Page - Texas Instruments TLC2652AC-8DR Datasheet HTML 14Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 39 page
background image
TLC2652, TLC2652A, TLC2652Y
Advanced LinCMOS PRECISION CHOPPERSTABILIZED
OPERATIONAL AMPLIFIERS
SLOS019E − SEPTEMBER 1988 − REVISED FEBRUARY 2005
10
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
operating characteristics at specified free-air temperature, VDD± = ±5 V
PARAMETER
TEST CONDITIONS
TA†
TLC2652Q
TLC2652M
TLC2652AM
UNIT
A
MIN
TYP
MAX
SR +
Positive slew rate at unity gain
V
=
2.3 V,
25
°C
2
2.8
V/ s
SR +
Positive slew rate at unity gain
VO = ± 2.3 V,
RL = 10 kΩ,
Full range
1.3
V/
µs
SR −
Negative slew rate at unity gain
O
RL = 10 kΩ,
CL = 100 pF
25
°C
2.3
3.1
V/ s
SR −
Negative slew rate at unity gain
CL = 100 pF
Full range
1.6
V/
µs
Vn
Equivalent input noise voltage
f = 10 Hz
25
°C
94
nV/
√Hz
Vn
Equivalent input noise voltage
f = 1 kHz
25
°C
23
nV/
√Hz
VN(PP)
Peak-to-peak equivalent input noise voltage
f = 0 to 1 Hz
25
°C
0.8
V
VN(PP)
Peak-to-peak equivalent input noise voltage
f = 0 to 10 Hz
25
°C
2.8
µV
In
Equivalent input noise current
f = 1 kHz
25
°C
0.004
pA/
√Hz
Gain-bandwidth product
f = 10 kHz,
RL = 10 kΩ,
CL = 100 pF
25
°C
1.9
MHz
φm
Phase margin at unity gain
RL = 10 kΩ,
CL = 100 pF
25
°C
48
°
† Full range is − 40° to 125°C for the Q suffix, −55° to 125°C for the M suffix.


Similar Part No. - TLC2652AC-8DR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TLC2652AC-8DR TI-TLC2652AC-8DR Datasheet
869Kb / 39P
[Old version datasheet]   Advanced LinCMOS PRECISION CHOPPER-STABILIZED OPERATIONAL AMPLIFIERS
More results

Similar Description - TLC2652AC-8DR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TLC2652 TI1-TLC2652_17 Datasheet
1Mb / 41P
[Old version datasheet]   Advanced LinCMOSE PRECISION CHOPPER-STABILIZED OPERATIONAL AMPLIFIERS
TLC2652 TI-TLC2652 Datasheet
474Kb / 31P
[Old version datasheet]   Advanced LinCMOSE PRECISION CHOPPER-STABILIZED OPERATIONAL AMPLIFIERS
TLC2654 TI-TLC2654 Datasheet
427Kb / 30P
[Old version datasheet]   Advanced LinCMOSE LOW-NOISE CHOPPER-STABILIZED OPERATIONAL AMPLIFIERS
TLC2652AC-8DR TI-TLC2652AC-8DR Datasheet
869Kb / 39P
[Old version datasheet]   Advanced LinCMOS PRECISION CHOPPER-STABILIZED OPERATIONAL AMPLIFIERS
TLC220X TI1-TLC220X_17 Datasheet
1Mb / 70P
[Old version datasheet]   Advanced LinCMOSE LOW-NOISE PRECISION OPERATIONAL AMPLIFIERS
TLC2801Z TI-TLC2801Z Datasheet
198Kb / 13P
[Old version datasheet]   Advanced LinCMOSE??LOW-NOISE PRECISION OPERATIONAL AMPLIFIERS
TLC220X TI-TLC220X_08 Datasheet
1Mb / 64P
[Old version datasheet]   Advanced LinCMOSE LOW-NOISE PRECISION OPERATIONAL AMPLIFIERS
ICL7652P TI1-ICL7652P Datasheet
2Mb / 16P
[Old version datasheet]   Advanced LinCMOSTM PRECISION CHOPPER-STABILIZED OPERATIONAL AMPLIFIER
TLC2801 TI1-TLC2801 Datasheet
199Kb / 13P
[Old version datasheet]   Advanced LinCMOSE LOW-NOISE PRECISION OPERATIONAL AMPLIFIERS
TLC220X TI1-TLC220X_15 Datasheet
1Mb / 70P
[Old version datasheet]   Advanced LinCMOSE LOW-NOISE PRECISION OPERATIONAL AMPLIFIERS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com