Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TLC32045C Datasheet(PDF) 7 Page - Texas Instruments

Part # TLC32045C
Description  VOICE-BAND ANALOG INTERFACE CIRCUITS
Download  39 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TLC32045C Datasheet(HTML) 7 Page - Texas Instruments

Back Button TLC32045C Datasheet HTML 3Page - Texas Instruments TLC32045C Datasheet HTML 4Page - Texas Instruments TLC32045C Datasheet HTML 5Page - Texas Instruments TLC32045C Datasheet HTML 6Page - Texas Instruments TLC32045C Datasheet HTML 7Page - Texas Instruments TLC32045C Datasheet HTML 8Page - Texas Instruments TLC32045C Datasheet HTML 9Page - Texas Instruments TLC32045C Datasheet HTML 10Page - Texas Instruments TLC32045C Datasheet HTML 11Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 39 page
background image
TLC32044C, TLC32044E, TLC32044I, TLC32044M, TLC32045C, TLC32045I
VOICE-BAND ANALOG INTERFACE CIRCUITS
SLAS017F − MARCH 1988 − REVISED MAY 1995
7
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
PRINCIPLES OF OPERATION
D/A low-pass filter, D/A low-pass filter clocking, and D/A conversion timing (continued)
The D/A conversion rate is attained by frequency dividing the 288-kHz switched-capacitor filter clock with TX
Counter B. Unwanted aliasing is prevented because the D/A conversion rate is an integral submultiple of the
switched-capacitor low-pass filter sampling rate, and the two rates are synchronously locked.
asynchronous versus synchronous operation
If the transmit section of the AIC (low-pass filter and DAC) and receive section (bandpass filter and ADC) are
operated asynchronously, the low-pass and bandpass filter clocks are independently generated from the master
clock signal. Also, the D/A and A/D conversion rates are independently determined. If the transmit and receive
sections are operated synchronously, the low-pass filter clock drives both low-pass and bandpass filters. In
synchronous operation, the A/D conversion timing is derived from, and is equal to, the D/A conversion timing
(see description of the WORD/BYTE in the Terminal Functions table.)
D/A converter performance specifications
Fundamental performance specifications for the D/A converter circuitry are presented in the D/A converter
operating characteristics section of the data sheet. The D/A converter has a sample-and-hold that is realized
with a switched-capacitor ladder.
system frequency response correction
The (sin x) / x correction for the D/A converter zero-order sample-and-hold output can be provided by an
on-board second-order (sin x) / x correction filter. This (sin x) / x correction filter can be inserted into or deleted
from the signal path by digital signal processor control. When inserted, the (sin x) / x correction filter follows the
switched-capacitor low-pass filter. When the TB register (see Internal Timing Configuration section) equals 36,
the correction results of Figures 11 and 12 can be obtained.
The (sin x) / x correction can also be accomplished by deleting the on-board second-order correction filter and
performing the (sin x)/ x correction in digital signal processor software. The system frequency response can be
corrected via DSP software to
±0.1-dB accuracy to a band edge of 3000 Hz for all sampling rates. This correction
is accomplished with a first-order digital correction filter, which requires only seven TMS320 (SMJ320)
instruction cycles. With a 200-ns instruction cycle, seven instructions represent an overhead factor of only 1.1%
and 1.3% for sampling rates of 8 and 9.6 kHz, respectively (see the (sin x)/ x correction section for more details).
serial port
The serial port has four possible modes that are described in detail in the Terminal Functions table. These
modes are briefly described below and in the functional description for WORD/BYTE.
The transmit and receive sections are operated asynchronously, and the serial port interfaces directly
with the DSP.
The transmit and receive sections are operated asynchronously, and the serial port interfaces directly
with the TMS(SMJ)32020, TMS(SMJ)320C25, and the TMS(SMJ)320C30.
The transmit and receive sections are operated synchronously, and the serial port interfaces directly
with the DSP.
The transmit and receive sections are operated synchronously, and the serial port interfaces directly
with the TMS(SMJ)32020, TMS(SMJ)320C25, TMS(SMJ)320C30, or two SN74(54)299 serial-to-
parallel shift registers, which can then interface in parallel to the TMS(SMJ)32010, TMS(SMJ)320C15,
and SMJ320E15 to any other digital signal processor or to external FIFO circuitry.


Similar Part No. - TLC32045C

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TLC32045C TI-TLC32045C Datasheet
535Kb / 39P
[Old version datasheet]   VOICE-BAND ANALOG INTERFACE CIRCUITS
TLC32045CFN TI-TLC32045CFN Datasheet
535Kb / 39P
[Old version datasheet]   VOICE-BAND ANALOG INTERFACE CIRCUITS
TLC32045CFN TI1-TLC32045CFN Datasheet
528Kb / 39P
[Old version datasheet]   VOICE-BAND ANALOG INTERFACE CIRCUITS
TLC32045CN TI-TLC32045CN Datasheet
535Kb / 39P
[Old version datasheet]   VOICE-BAND ANALOG INTERFACE CIRCUITS
TLC32045CN TI1-TLC32045CN Datasheet
528Kb / 39P
[Old version datasheet]   VOICE-BAND ANALOG INTERFACE CIRCUITS
More results

Similar Description - TLC32045C

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
5962-9086302M3A TI1-5962-9086302M3A Datasheet
528Kb / 39P
[Old version datasheet]   VOICE-BAND ANALOG INTERFACE CIRCUITS
TLC32044MJB TI1-TLC32044MJB Datasheet
512Kb / 39P
[Old version datasheet]   VOICE-BAND ANALOG INTERFACE CIRCUITS
TLC32044C TI-TLC32044C Datasheet
535Kb / 39P
[Old version datasheet]   VOICE-BAND ANALOG INTERFACE CIRCUITS
TLC32046 TI1-TLC32046 Datasheet
273Kb / 56P
[Old version datasheet]   Wide-Band Analog Interface Circuit
TLC32046CFN TI-TLC32046CFN Datasheet
247Kb / 56P
[Old version datasheet]   Wide-Band Analog Interface Circuit
TLC32047C TI-TLC32047C Datasheet
303Kb / 61P
[Old version datasheet]   Wide-Band Analog Interface Circuit
TLC32040C TI-TLC32040C Datasheet
453Kb / 33P
[Old version datasheet]   ANALOG INTERFACE CIRCUITS
TLC32046C TI-TLC32046C Datasheet
297Kb / 57P
[Old version datasheet]   Wide-Band Analog Interface Circuit
logo
CML Microcircuits
FX004 CMLMICRO-FX004 Datasheet
338Kb / 9P
   Voice Band Inverter
MX004 CMLMICRO-MX004 Datasheet
370Kb / 9P
   VOICE BAND INVERTER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com