Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TLC5917 Datasheet(PDF) 6 Page - Texas Instruments

Click here to check the latest version.
Part # TLC5917
Description  8-Bit Constant-Current LED Sink Drivers
Download  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TLC5917 Datasheet(HTML) 6 Page - Texas Instruments

Back Button TLC5917 Datasheet HTML 2Page - Texas Instruments TLC5917 Datasheet HTML 3Page - Texas Instruments TLC5917 Datasheet HTML 4Page - Texas Instruments TLC5917 Datasheet HTML 5Page - Texas Instruments TLC5917 Datasheet HTML 6Page - Texas Instruments TLC5917 Datasheet HTML 7Page - Texas Instruments TLC5917 Datasheet HTML 8Page - Texas Instruments TLC5917 Datasheet HTML 9Page - Texas Instruments TLC5917 Datasheet HTML 10Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 34 page
background image
TLC5916-Q1, TLC5917-Q1
SLVS814A – JANUARY 2008 – REVISED MAY 2015
www.ti.com
7.5 Electrical Characteristics: VDD = 3 V
VDD = 3 V, TJ = –40°C to 125°C (unless otherwise noted)
PARAMETER
TEST CONDITIONS
MIN
TYP(1)
MAX
UNIT
VDD
Input voltage
3
5.5
V
VO
Supply voltage to the output pins
17
V
VO ≥ 0.6 V
5
IO
Output current
mA
VO ≥ 1 V
120
IOH
High-level output current, source
–1
mA
IOL
Low-level output current, sink
1
mA
VIH
High-level input voltage
0.7 × VDD
VDD
V
VIL
Low-level input voltage
GND
0.3 × VDD
V
TJ = 25°C
0.5
Ileak
Output leakage current
VOH = 17 V
μA
TJ = 125°C
2
VOH
High-level output voltage
SDO, IOL = –1 mA
VDD – 0.4
V
VOL
Low-level output voltage
SDO, IOH = 1 mA
0.4
V
VOUT = 0.6 V, Rext = 720 Ω,
Output current 1
26
mA
CG = 0.992
IOL = 26 mA, VO = 0.6 V, Rext = 720 Ω,
IO(1)
Output current error, die-die
±3%
±6%
TJ = 25°C
Output current skew, channel-to-
IOL = 26 mA, VO = 0.6 V, Rext = 720 Ω,
±1.5%
±3%
channel
TJ = 25°C
Output current 2
VO = 0.8 V, Rext = 360 Ω, CG = 0.992
52
mA
IOL = 52 mA, VO = 0.8 V, Rext = 360 Ω,
Output current error, die-die
±2%
±6%
IO(2)
TJ = 25°C
Output current skew, channel-to-
IOL = 52 mA, VO = 0.8 V, Rext = 360 Ω,
±1.5%
±3%
channel
TJ = 25°C
VO = 1 V to 3 V, IO = 26 mA
±0.1
IOUT vs
Output current vs
%/V
VDD = 3 V to 5.5 V,
VOUT
output voltage regulation
±1
IO = 26 mA/120 mA
Pullup resistance
OE(ED2)
500
k
Pulldown resistance
LE(ED1)
500
k
Tsd
Overtemperature shutdown(2)
150
175
200
°C
Thys
Restart temperature hysteresis
15
°C
Threshold current for open error
0.5 ×
IOUT,Th1
IOUT,target = 26 mA
detection
Itarget%
Threshold current for open error
0.5 ×
IOUT,Th2
IOUT,target = 52 mA
detection
Itarget%
Threshold current for open error
0.5 ×
IOUT,Th3
IOUT,target = 104 mA
detection
Itarget%
Threshold current for open error
0.5 ×
IOUT,Th
IOUT,target = 5 mA to 120 mA
detection
Itarget%
Trigger threshold voltage for
VOUT,TTh
short-error detection (TLC5917-
IOUT,target = 5 mA to 120 mA
2.44
2.7
3.1
V
Q1 only)
Return threshold voltage for
VOUT,RTh
short-error detection (TLC5917-
IOUT,target = 5 mA to 120 mA
2.2
V
Q1 only)
Rext = Open
5
10
Rext = 720 Ω
8
14
IDD
Supply current
mA
Rext = 360 Ω
11
18
Rext = 180 Ω
16
22
(1)
Typical values represent the likely parametric nominal values determined at the time of characterization. Typical values depend on the
application and configuration and may vary over time. Typical values are not ensured on production material.
(2)
Specified by design
6
Submit Documentation Feedback
Copyright © 2008–2015, Texas Instruments Incorporated
Product Folder Links: TLC5916-Q1 TLC5917-Q1


Similar Part No. - TLC5917

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TLC5917 TI-TLC5917 Datasheet
765Kb / 30P
[Old version datasheet]   8-BIT CONSTANT-CURRENT LED SINK DRIVERS
TLC5917 TI-TLC5917 Datasheet
855Kb / 30P
[Old version datasheet]   8-BIT CONSTANT-CURRENT LED SINK DRIVERS
TLC5917 TI-TLC5917 Datasheet
801Kb / 30P
[Old version datasheet]   8-BIT CONSTANT-CURRENT LED SINK DRIVERS
TLC5917I TI-TLC5917I Datasheet
765Kb / 30P
[Old version datasheet]   8-BIT CONSTANT-CURRENT LED SINK DRIVERS
TLC5917ID TI-TLC5917ID Datasheet
765Kb / 30P
[Old version datasheet]   8-BIT CONSTANT-CURRENT LED SINK DRIVERS
More results

Similar Description - TLC5917

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TLC5916 TI-TLC5916_10 Datasheet
801Kb / 30P
[Old version datasheet]   8-BIT CONSTANT-CURRENT LED SINK DRIVERS
TLC5916 TI-TLC5916 Datasheet
765Kb / 30P
[Old version datasheet]   8-BIT CONSTANT-CURRENT LED SINK DRIVERS
TLC5916-Q1 TI1-TLC5916-Q1 Datasheet
588Kb / 26P
[Old version datasheet]   8-BIT CONSTANT-CURRENT LED SINK DRIVERS
TLC5916 TI-TLC5916_08 Datasheet
855Kb / 30P
[Old version datasheet]   8-BIT CONSTANT-CURRENT LED SINK DRIVERS
logo
List of Unclassifed Man...
MBI5168 ETC1-MBI5168 Datasheet
269Kb / 15P
   8-bit Constant Current LED Sink Driver
logo
STMicroelectronics
STP08C596 STMICROELECTRONICS-STP08C596 Datasheet
553Kb / 16P
   8-BIT CONSTANT CURRENT LED SINK DRIVER
logo
List of Unclassifed Man...
ST2221C ETC-ST2221C Datasheet
471Kb / 17P
   16 BIT CONSTANT CURRENT LED DRIVERS
logo
Silicon Touch Technolog...
DM134 SITI-DM134 Datasheet
298Kb / 20P
   16-Bit Constant Current LED Drivers
logo
List of Unclassifed Man...
DM141 ETC2-DM141 Datasheet
373Kb / 16P
   8x2-Bit Constant Current LED Drivers
logo
Texas Instruments
TLC5926-Q1 TI1-TLC5926-Q1 Datasheet
786Kb / 27P
[Old version datasheet]   16-CHANNEL CONSTANT-CURRENT LED SINK DRIVERS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com