Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CMT2-2.6-6L Datasheet(PDF) 3 Page - Coilcraft lnc.

Part # CMT2-2.6-6L
Description  Common Mode Line Chokes
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  COILCRAFT [Coilcraft lnc.]
Direct Link  http://www.coilcraft.com
Logo COILCRAFT - Coilcraft lnc.

CMT2-2.6-6L Datasheet(HTML) 3 Page - Coilcraft lnc.

  CMT2-2.6-6L Datasheet HTML 1Page - Coilcraft lnc. CMT2-2.6-6L Datasheet HTML 2Page - Coilcraft lnc. CMT2-2.6-6L Datasheet HTML 3Page - Coilcraft lnc. CMT2-2.6-6L Datasheet HTML 4Page - Coilcraft lnc. CMT2-2.6-6L Datasheet HTML 5Page - Coilcraft lnc.  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
US
UK
Taiwan
China
Singapore
+1-847-639-6400 sales@coilcraft.com
+44-1236-730595 sales@coilcraft-europe.com
+886-2-2264 3646 sales@coilcraft.com.tw
+86-21-6218 8074 sales@coilcraft.com.cn
+ 65-6484 8412 sales@coilcraft.com.sg
© Coilcraft Inc. 2013
This product may not be used in medical or high
risk applications without prior Coilcraft approval.
Specification subject to change without notice.
Please check web site for latest information.
Common Mode Line Chokes – CMT Series
Document 326-3 Revised 05/21/12
Document 326-3
CMT-4 Series
Leakage
Lead
PC board
Part
L min1 Irms inductance2 DCR max3
H
L
W
X
Y
diameter
hole
number
(mH)
(A)
max (µH)
(Ohms)
max
max
max
±0.01/0,25 ±0.01/0,25
nom
diameter
CMT4-72-1L
72.0
1.0
1400
1.150
2.100/53,3 2.100/53,3 1.130/28,7 1.50/38,1
0.90/22,9 0.054/1,37 0.091/2,32
CMT4-125-1L
125.0
1.0
1400
1.150
2.200/55,9 2.150/54,6 1.130/28,7 1.50/38,1
0.90/22,9 0.054/1,37 0.091/2,32
CMT4-36-2L
36.0
2.0
680
0.415
2.215/56,3 2.150/54,6 1.130/28,7 1.50/38,1
0.90/22,9 0.054/1,37 0.091/2,32
CMT4-62-2L
62.0
2.0
750
0.415
2.200/55,9 2.150/54,6 1.130/28,7 1.50/38,1
0.90/22,9 0.054/1,37 0.091/2,32
CMT4-19-4L
19.0
4.0
350
0.150
2.200/55,9 2.180/55,4 1.130/28,7 1.50/38,1
0.90/22,9 0.054/1,37 0.091/2,32
CMT4-32-4L
32.0
4.0
370
0.158
2.200/55,9 2.180/55,4 1.130/28,7 1.50/38,1
0.90/22,9 0.054/1,37 0.091/2,32
CMT4-15-6L
15.0
6.0
275
0.114
2.200/55,9 2.180/55,4 1.130/28,7 1.50/38,1
0.90/22,9 0.054/1,37 0.091/2,32
CMT4-26-6L
26.0
6.0
320
0.115
2.225/56,5 2.180/55,4 1.130/28,7 1.50/38,1
0.90/22,9 0.054/1,37 0.091/2,32
CMT4-10-9L
10.0
9.0
190
0.057
2.200/55,9 2.180/55,4 1.130/28,7 1.50/38,1
0.90/22,9 0.042/1,07 0.071/1,80
CMT4-17-9L
17.0
9.0
220
0.062
2.280/57,9 2.250/57,2 1.150/29,2 1.50/38,1
0.90/22,9 0.042/1,07 0.071/1,80
CMT4-7.5-12L
7.5
12.0
140
0.042
2.200/55,9 2.250/57,2 1.130/28,7 1.50/38,1
0.90/22,9 0.048/1,22 0.081/2,06
CMT4-13-12L
13.0
12.0
155
0.043
2.250/57,2 2.300/58,4 1.130/28,7 1.50/38,1
0.90/22,9 0.048/1,22 0.081/2,06
CMT4-6-15L
6.0
15.0
111
0.030
2.250/57,2 2.250/57,2 1.150/29,2 1.50/38,1
0.90/22,9 0.054/1,37 0.091/2,32
CMT4-10-15L
10.0
15.0
122
0.029
2.280/57,9 2.300/58,4 1.130/28,7 1.50/38,1
0.90/22,9 0.054/1,37 0.091/2,32
1. Inductance is per winding, tested at 15.75 kHz, 0 Adc.
2. Leakage inductance is measured from pin 1 to pin 4 with pins 2 and 3 shorted.
3. DCR is per winding.
4. Operating temperature range –40°C to +85°C.
5. Electrical specifications at 25°C.
W max
23
Schematic
1
2
3
4
1
Recommended
PC Board Layout
2
3
X
Y
4
1
L max
2
0.120/0.180
3,05/4,57
0.118
3,00
H max
Parts manufactured
prior to
September 2011
may be
marked differently.
Part
number
Internal
codes
CMTX-X.X-XL
CC-3 Y
XXXX
Weights:
CMT1: 13.3 – 25.5 g;
CMT2: 20.7– 41.7 g;
CMT3: 42.5 – 77.2 g;
CMT4: 115 – 117 g
Terminations: Tin-silver over copper


Similar Part No. - CMT2-2.6-6L

ManufacturerPart #DatasheetDescription
logo
Eaton All Rights Reserv...
CMT2-2-R EATON-CMT2-2-R Datasheet
840Kb / 6P
   Common mode inductors, through-hole
More results

Similar Description - CMT2-2.6-6L

ManufacturerPart #DatasheetDescription
logo
Coilcraft lnc.
CMT1-5.0-1L COILCRAFT-CMT1-5.0-1L Datasheet
118Kb / 3P
   Common Mode Line Chokes
E3490-AL COILCRAFT-E3490-AL_13 Datasheet
276Kb / 2P
   Common Mode Line Chokes
E3490-AL COILCRAFT-E3490-AL Datasheet
110Kb / 2P
   Common Mode Line Chokes
P3213-AL COILCRAFT-P3213-AL Datasheet
139Kb / 3P
   Common Mode Line Chokes
F5585-AL COILCRAFT-F5585-AL Datasheet
97Kb / 2P
   Common Mode Line Chokes
F5585-AL COILCRAFT-F5585-AL_13 Datasheet
222Kb / 2P
   Common Mode Line Chokes
P3224-AL COILCRAFT-P3224-AL Datasheet
331Kb / 3P
   Common Mode Line Chokes
logo
Premier Magnetics, Inc.
PM-OM01 PMI-PM-OM01 Datasheet
159Kb / 5P
   COMMON MODE LINE CHOKES
logo
Bel Fuse Inc.
0571-0303-00 BEL-0571-0303-00 Datasheet
41Kb / 1P
   POWER LINE CHOKES COMMON MODE CHOKES
logo
Premier Magnetics, Inc.
PM-SF01 PMI-PM-SF01 Datasheet
65Kb / 5P
   SIGNAL LINE FILTERS COMMON MODE CHOKES
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com