Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TLC32044CFNR Datasheet(PDF) 9 Page - Texas Instruments

Part # TLC32044CFNR
Description  VOICE-BAND ANALOG INTERFACE CIRCUITS
Download  39 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TLC32044CFNR Datasheet(HTML) 9 Page - Texas Instruments

Back Button TLC32044CFNR Datasheet HTML 5Page - Texas Instruments TLC32044CFNR Datasheet HTML 6Page - Texas Instruments TLC32044CFNR Datasheet HTML 7Page - Texas Instruments TLC32044CFNR Datasheet HTML 8Page - Texas Instruments TLC32044CFNR Datasheet HTML 9Page - Texas Instruments TLC32044CFNR Datasheet HTML 10Page - Texas Instruments TLC32044CFNR Datasheet HTML 11Page - Texas Instruments TLC32044CFNR Datasheet HTML 12Page - Texas Instruments TLC32044CFNR Datasheet HTML 13Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 39 page
background image
TLC32044C, TLC32044E, TLC32044I, TLC32044M, TLC32045C, TLC32045I
VOICE-BAND ANALOG INTERFACE CIRCUITS
SLAS017F − MARCH 1988 − REVISED MAY 1995
9
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
INTERNAL TIMING CONFIGURATION
XTAL
OSC
TMS(SMJ)320
DSP
Divide
by 135
Commercial
External
Front-End
Full-Duplex
Split-Band
Filters
TA Register
(5 bits)
TA’ Register
(6 bits)
(2’s compl)
Adder/
Subtractor
(6 bits)
Divide by 2
TB Register
(6 bits)
[ TA = 9 (1)]
[ TA = 18 (2)]
(6 bits)
TX Counter A
[ TB = 40; 7.2 kHz]
[ TB = 36; 8.0 kHz]
[ TB = 30; 9.6 kHz]
[ TB = 20; 14.4 kHz]
[ TB = 15; 19.2 kHz]
TX Counter B
RA Register
(5 bits)
RA’ Register
(6 bits)
(2’s compl)
Adder/
Subtractor
(6 bits)
Divide by 2
RB Register
(6 bits)
[RA = 9 (1)]
[RA = 18 (2)]
(6 bits)
RX Counter A
[RB = 40; 7.2 kHz]
[RB = 36; 8.0 kHz]
[RB = 30; 9.6 kHz]
[RB = 20; 14.4 kHz]
[RB = 15; 19.2 kHz]
RX Counter B
Divide by 4
d0, d1 = 0,0
d0, d1 = 1,1
d0, d1 = 0,1
d0, d1 = 1,0
d0, d1 = 0,0
d0, d1 = 1,1
d0, d1 = 0,1
d0, d1 = 1,0
576-kHz
Pulses
576-kHz
Pulses
Low-Pass/
(sin x/x
Correction
Switched
Capacitor Filter
CLK = 288-kHz
Square Wave
D/A
Conversion
Frequency
A/D
Conversion
Frequency/
High-Pass
Switched
Capacitor
Filter CLK
Low-Pass
Switched
Capacitor Filter
CLK = 288-kHz
Square Wave
SHIFT CLK
1.296 MHz (1)
2.592 MHz (2)
MSTR CLK
5.184 MHz (1)
10.368 MHz (2)
20.736 MHz (1)
41.472 MHz (2)
Optional External Circuitry
for Full Duplex Modems
153.6-kHz
Clock (1)
Split-band filtering can alternatively be performed after the analog input function via software in the TMS(SMJ)320.
These control bits are described in the AIC DX data word format section.
NOTE: Frequency 1 (20.736 MHz) is used to show how 153.6 kHz (for a commercially available modem split-band filter clock), popular speech
and modem sampling signal frequencies, and an internal 288-kHz switched-capacitor filter clock can be derived synchronously and as
submultiples of the crystal oscillator frequency. Since these derived frequencies are synchronous submultiples of the crystal frequency,
aliasing does not occur as the sampled analog signal passes between the analog converter and switched-capacitor filter stages.
Frequency 2 (41.472 MHz) is used to show that the AIC can work with high-frequency signals, which are used by high-speed digital signal
processors.


Similar Part No. - TLC32044CFNR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TLC32044CFN TI-TLC32044CFN Datasheet
535Kb / 39P
[Old version datasheet]   VOICE-BAND ANALOG INTERFACE CIRCUITS
TLC32044CFN TI1-TLC32044CFN Datasheet
528Kb / 39P
[Old version datasheet]   VOICE-BAND ANALOG INTERFACE CIRCUITS
More results

Similar Description - TLC32044CFNR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
5962-9086302M3A TI1-5962-9086302M3A Datasheet
528Kb / 39P
[Old version datasheet]   VOICE-BAND ANALOG INTERFACE CIRCUITS
TLC32044MJB TI1-TLC32044MJB Datasheet
512Kb / 39P
[Old version datasheet]   VOICE-BAND ANALOG INTERFACE CIRCUITS
TLC32044C TI-TLC32044C Datasheet
535Kb / 39P
[Old version datasheet]   VOICE-BAND ANALOG INTERFACE CIRCUITS
TLC32046 TI1-TLC32046 Datasheet
273Kb / 56P
[Old version datasheet]   Wide-Band Analog Interface Circuit
TLC32046CFN TI-TLC32046CFN Datasheet
247Kb / 56P
[Old version datasheet]   Wide-Band Analog Interface Circuit
TLC32047C TI-TLC32047C Datasheet
303Kb / 61P
[Old version datasheet]   Wide-Band Analog Interface Circuit
TLC32040C TI-TLC32040C Datasheet
453Kb / 33P
[Old version datasheet]   ANALOG INTERFACE CIRCUITS
TLC32046C TI-TLC32046C Datasheet
297Kb / 57P
[Old version datasheet]   Wide-Band Analog Interface Circuit
logo
CML Microcircuits
FX004 CMLMICRO-FX004 Datasheet
338Kb / 9P
   Voice Band Inverter
MX004 CMLMICRO-MX004 Datasheet
370Kb / 9P
   VOICE BAND INVERTER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com