Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AS8446-A Datasheet(PDF) 1 Page - Coilcraft lnc.

Part # AS8446-A
Description  ADSL Transformers
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  COILCRAFT [Coilcraft lnc.]
Direct Link  http://www.coilcraft.com
Logo COILCRAFT - Coilcraft lnc.

AS8446-A Datasheet(HTML) 1 Page - Coilcraft lnc.

  AS8446-A Datasheet HTML 1Page - Coilcraft lnc. AS8446-A Datasheet HTML 2Page - Coilcraft lnc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
US
UK
Taiwan
China
Singapore
+1-847-639-6400 sales@coilcraft.com
+44-1236-730595 sales@coilcraft-europe.com
+886-2-2264 3646 sales@coilcraft.com.tw
+86-21-6218 8074 sales@coilcraft.com.cn
+ 65-6484 8412 sales@coilcraft.com.sg
© Coilcraft Inc. 2013
This product may not be used in medical or high
risk applications without prior Coilcraft approval.
Specification subject to change without notice.
Please check web site for latest information.
Specifications subject to change without notice.
Please check our website for latest information.
US
UK
Taiwan
China
Singapore
+1-847-639-6400 sales@coilcraft.com
+44-1236-730595 sales@coilcraft-europe.com
+886-2-2264 3646 sales@coilcraft.com.tw
+86-21-6218 8074 sales@coilcraft.com.cn
+ 65-6484 8412 sales@coilcraft.com.sg
© Coilcraft Inc. 2013
This product may not be used in medical or high
risk applications without prior Coilcraft approval.
Specification subject to change without notice.
Please check web site for latest information.
Document 222-1
Document 222-1 Revised 11/20/10
These transformers have been designed to provide opti-
mum performance with the ADSL chip sets from a variety
of leading manufacturers.
They feature a compact size, minimum DC resistance
and very low leakage inductance. Primary inductance is
stable from –40°C to +85°C and the longitudinal balance
is optimized for the best overall performance at the ADSL
transmission speed. Most parts have been designed to
meet UL 1950 requirements.
For free evaluation samples or to discuss custom designs,
please contact Coilcraft.
1. All electrical specifications referenced to line side.
2. Operating temperature range -40°C to +85°C.
3. Electrical specifications at 25°C.
Line side
Leakage
Part
inductance
inductance
DCR max (Ohms)
number
Mounting
Chip set
(mH)
max (µH)
Chip side
Line side
AS8426-A
THT
Alcatel DynaMiTe MTK-20140
0.410 ±10%
6.5
0.130 (10-8), 0.095 (9-7)
0.200 (1-3, 2-4)
AS8446-A
SMT
Alcatel DynaMiTe MTK-20140
0.410 ±10%
6.5
0.130 (10-8), 0.095 (9-7)
0.200 (1-3, 2-4)
AS8696-B
THT
Alcatel DynaMiTe MTK-20140
0.442 ±5%
5.0
0.375 (10-8), 0.310 (9-7)
0.425 (1-3, 2-4)
AS8697-B
SMT
Alcatel DynaMiTe MTK-20140
0.442 ±5%
5.0
0.375 (10-8), 0.310 (9-7)
0.415 (1-3, 2-4)
AS8425-A
THT
Motorola MC145660/MS143462SK
3.96 ±5%
18
2.42 (10-6), 1.87 (9-7)
2.53 (1-4, 2-5)
AS8397-B
SMT
Motorola MC145660/MS143462SK
3.96 ±5%
18
2.42 (10-6), 1.87 (9-7)
2.53 (1-4, 2-5)
AS8578-A
THT
TI TNETD4000R/3000R
1.5 ±5%
18
0.800 (1-4)
3.75 (10-7)
AS8579-A
SMT
TI TNETD4000R/3000R
1.5 ±5%
18
0.800 (1-4)
3.75 (10-7)
Dielectric
Longitudinal
THD
Part
strength
Turns ratio
Capacitance
balance
@ 20 kHz
Designed
number
(V)
line:chip
max (pF)
min (dB)
typ (dB)
to meet
AS8426-A
3000
2:1
N/A
45 (30 kHz – 1.1 MHz)
–77
UL 1950
AS8446-A
2300
2:1
N/A
45 (30 kHz – 1.1 MHz)
–77
UL 1950
AS8696-B
3000
1:1
N/A
45 (30 kHz – 1.1 MHz)
–84
UL 1950
AS8697-B
2300
1:1
N/A
45 (30 kHz – 1.1 MHz)
–84
UL 1950
AS8425-A
1875
1.2:1
N/A
40 (20 kHz – 1.1 MHz)
–92
UL 1950
AS8397-B
1875
1.2:1
N/A
40 (20 kHz – 1.1 MHz)
–92
UL 1950
AS8578-A
1875
1.42:1
35.0
40 (20 kHz – 1.1 MHz)
–85
UL 1950
AS8579-A
1875
1.42:1
35.0
40 (20 kHz – 1.1 MHz)
–85
UL 1950
ADSL Transformers ForAlcatel,Motorola
and TI chip sets
This product is not RoHS-compliant. Contact Coilcraft
for current status or possible alternatives.


Similar Part No. - AS8446-A

ManufacturerPart #DatasheetDescription
logo
Coilcraft lnc.
AS8446-A COILCRAFT-AS8446-A Datasheet
134Kb / 2P
   ADSL Transformers
More results

Similar Description - AS8446-A

ManufacturerPart #DatasheetDescription
logo
Coilcraft lnc.
AS8426-A COILCRAFT-AS8426-A Datasheet
134Kb / 2P
   ADSL Transformers
logo
Datatronic Distribution...
PT533-1 DATATRONICS-PT533-1_1 Datasheet
92Kb / 1P
   ADSL Transformers
logo
XFMRS Inc.
XF2038A XFMRS-XF2038A Datasheet
57Kb / 1P
   ADSL TRANSFORMERS
XF2038A XFMRS-XF2038A_15 Datasheet
57Kb / 1P
   ADSL TRANSFORMERS
logo
Coilcraft lnc.
AS8952-A COILCRAFT-AS8952-A_13 Datasheet
204Kb / 2P
   ADSL Transformers
AS8952-A COILCRAFT-AS8952-A Datasheet
400Kb / 2P
   ADSL Transformers
B0726 COILCRAFT-B0726_13 Datasheet
52Kb / 1P
   ADSL Transformers
AS7787-A COILCRAFT-AS7787-A Datasheet
132Kb / 2P
   ADSL Transformers
logo
Datatronic Distribution...
PT533-1 DATATRONICS-PT533-1 Datasheet
90Kb / 1P
   ADSL Transformers
logo
Coilcraft lnc.
B0726-EL COILCRAFT-B0726-EL Datasheet
64Kb / 1P
   ADSL Transformers
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com