Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AS8446-A Datasheet(PDF) 2 Page - Coilcraft lnc.

Part # AS8446-A
Description  ADSL Transformers
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  COILCRAFT [Coilcraft lnc.]
Direct Link  http://www.coilcraft.com
Logo COILCRAFT - Coilcraft lnc.

AS8446-A Datasheet(HTML) 2 Page - Coilcraft lnc.

  AS8446-A Datasheet HTML 1Page - Coilcraft lnc. AS8446-A Datasheet HTML 2Page - Coilcraft lnc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
US
UK
Taiwan
China
Singapore
+1-847-639-6400 sales@coilcraft.com
+44-1236-730595 sales@coilcraft-europe.com
+886-2-2264 3646 sales@coilcraft.com.tw
+86-21-6218 8074 sales@coilcraft.com.cn
+ 65-6484 8412 sales@coilcraft.com.sg
© Coilcraft Inc. 2013
This product may not be used in medical or high
risk applications without prior Coilcraft approval.
Specification subject to change without notice.
Please check web site for latest information.
Specifications subject to change without notice.
Please check our website for latest information.
US
UK
Taiwan
China
Singapore
+1-847-639-6400 sales@coilcraft.com
+44-1236-730595 sales@coilcraft-europe.com
+886-2-2264 3646 sales@coilcraft.com.tw
+86-21-6218 8074 sales@coilcraft.com.cn
+ 65-6484 8412 sales@coilcraft.com.sg
© Coilcraft Inc. 2013
This product may not be used in medical or high
risk applications without prior Coilcraft approval.
Specification subject to change without notice.
Please check web site for latest information.
Document 222-2
ADSL Transformers for Alcatel, Motorola, TI
Schematics
Through Hole Transformers
A max B max
C max
E
F typ
G typ
0.530
0.699
0.500
0.590
0.098
0.050 × 0.061
13,46
17,75
12,70
14,99
2,50
1,27 × 1,55
Surface Mount Transformers
AS8426-A, AS8446-A
AS8696-B, AS8697-B
AS8425-A, AS8397-B
AS8578-A, AS8579-A
4
5
6
7
1
2
10
9
Line
side
Chip
side
2
1
9
10
4
3
7
8
Line
side
Chip
side
77
44
10
10
11
Line
side
Line
side
Chip
side
Chip
side
Recommended
Land Pattern
C
B
A
B
10
10
1
1
5
5
6
6
10
1
5
6
A
E
F
G
D
E
FF
H
C
G
Dot above pin1
Recommended
BoardLayout
A max B max C max D min E
F typ
G dia H dia
0.550 0.550
0.500
0.100
0.400 0.100 0.013 0.032
13,97 13,97
12,70
2,54
10,16 2,54
0,33
0,82
Packaging 50 parts per tray
Packaging
AS8446-A, AS8697-B, AS8579-A: 100 parts per tray
AS8379-A: 175 per 13
″ reel. Plastic tape: 32 mm wide, 0.5 mm thick,
28 mm pocket spacing, 12.93 mm pocket depth
Document 222-2 Revised 11/20/10


Similar Part No. - AS8446-A

ManufacturerPart #DatasheetDescription
logo
Coilcraft lnc.
AS8446-A COILCRAFT-AS8446-A Datasheet
134Kb / 2P
   ADSL Transformers
More results

Similar Description - AS8446-A

ManufacturerPart #DatasheetDescription
logo
Coilcraft lnc.
AS8426-A COILCRAFT-AS8426-A Datasheet
134Kb / 2P
   ADSL Transformers
logo
Datatronic Distribution...
PT533-1 DATATRONICS-PT533-1_1 Datasheet
92Kb / 1P
   ADSL Transformers
logo
XFMRS Inc.
XF2038A XFMRS-XF2038A Datasheet
57Kb / 1P
   ADSL TRANSFORMERS
XF2038A XFMRS-XF2038A_15 Datasheet
57Kb / 1P
   ADSL TRANSFORMERS
logo
Coilcraft lnc.
AS8952-A COILCRAFT-AS8952-A_13 Datasheet
204Kb / 2P
   ADSL Transformers
AS8952-A COILCRAFT-AS8952-A Datasheet
400Kb / 2P
   ADSL Transformers
B0726 COILCRAFT-B0726_13 Datasheet
52Kb / 1P
   ADSL Transformers
AS7787-A COILCRAFT-AS7787-A Datasheet
132Kb / 2P
   ADSL Transformers
logo
Datatronic Distribution...
PT533-1 DATATRONICS-PT533-1 Datasheet
90Kb / 1P
   ADSL Transformers
logo
Coilcraft lnc.
B0726-EL COILCRAFT-B0726-EL Datasheet
64Kb / 1P
   ADSL Transformers
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com