Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SR130S Datasheet(PDF) 2 Page - Diode Semiconductor Korea

Part # SR130S
Description  SCHOTTKY BARRIER RECTIFIERS
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DSK [Diode Semiconductor Korea]
Direct Link  http://www.diode.kr/
Logo DSK - Diode Semiconductor Korea

SR130S Datasheet(HTML) 2 Page - Diode Semiconductor Korea

  SR130S Datasheet HTML 1Page - Diode Semiconductor Korea SR130S Datasheet HTML 2Page - Diode Semiconductor Korea  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
0.01
50
0.1
1
0
0.2
0.4
0.6
1.2 1.4
0.8 1.0
1.6
10
Pulse Width=300
µs
1%Duty Cycle
SR120S - SR140S
SR150S - SR160S
SR180S-SR1A0S
FIG.3 -- TYPICAL INSTANTANEOUS FORWARD
XXXXXXXXX----CHARACTERISTICS
REVERSE VOLTAGE,VOLTS
SR120S --- SR1A0S
LEAD TEMPERATURE,
NUMBER OF CYCLES AT 60Hz
INSTANTANEOUS FORWARD VOLTAGE, VOLTS
FIG.1 -- FORWARD DERATING CURVE
FIG.2 -- PEAK FORWARD SURGE CURRENT
FIG.4 -- TYPICAL JUNCTION CAPACITANCE
10
400
0.1
1
10
100
TJ=25℃
f=1.0MHz
Vsig=50mVp-p
100
0
40
1
10
100
20
50
30
10
TJ=TJMAX
8.3ms Single Half
Sine-Wave
0.5
1.0
0
25
50
75
100
125
150
0
175
0.75
0.25
Resistiveor
InductiveLoad
0.375"(9.5mm)
LeadLength
SR120S- SR140S
SR150S- SR1A0S
www.diode.kr
Diode Semiconductor Korea


Similar Part No. - SR130S

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
SR130S ETC1-SR130S Datasheet
53Kb / 2P
   1.0 AMP SCHOTTKY BARRIER RECTIFIERS
logo
UNIOHM CORPORATION
SR130S UNIOHM-SR130S Datasheet
65Kb / 2P
   1.0 AMP SCHOTTKY BARRIER RECTIFIERS
logo
Shanghai Shunye Electro...
SR130S SY-SR130S Datasheet
1Mb / 2P
   SCHOTTKY BARRIER RECTIFIER
SR130S SHUNYE-SR130S Datasheet
1Mb / 2P
   SCHOTTKY BARRIER RECTIFIER
logo
Microdiode Electronics ...
SR130S CHENDA-SR130S Datasheet
582Kb / 2P
   SCHOTTKY BARRIER RECTIFIER
More results

Similar Description - SR130S

ManufacturerPart #DatasheetDescription
logo
Leshan Radio Company
LMBR1200ETIG LRC-LMBR1200ETIG Datasheet
495Kb / 11P
   Schottky Barrier Rectifiers Schottky Barrier Rectifiers
SB220 LRC-SB220 Datasheet
262Kb / 7P
   Schottky Barrier Rectifiers Schottky Barrier Rectifiers
logo
Diotec Semiconductor
SBT1020 DIOTEC-SBT1020 Datasheet
378Kb / 2P
   SCHOTTKY BARRIER RECTIFIERS, SCHOTTKY BARRIER GLEICHRICHTER
logo
Shenzhen Ping Sheng Ele...
15SQ030 PFS-15SQ030 Datasheet
269Kb / 2P
   SCHOTTKY BARRIER RECTIFIERS
logo
Pan Jit International I...
1N5817 PANJIT-1N5817_09 Datasheet
49Kb / 2P
   SCHOTTKY BARRIER RECTIFIERS
logo
Comchip Technology
MBR20H100FCT-G COMCHIP-MBR20H100FCT-G Datasheet
87Kb / 3P
   Schottky Barrier Rectifiers
logo
Pan Jit International I...
SD1020CT PANJIT-SD1020CT_05 Datasheet
426Kb / 2P
   SCHOTTKY BARRIER RECTIFIERS
logo
HY ELECTRONIC CORP.
1N5817 HY-1N5817 Datasheet
34Kb / 2P
   SCHOTTKY BARRIER RECTIFIERS
SR520 HY-SR520 Datasheet
42Kb / 2P
   SCHOTTKY BARRIER RECTIFIERS
SR830T HY-SR830T Datasheet
39Kb / 2P
   SCHOTTKY BARRIER RECTIFIERS
SR2030CT HY-SR2030CT Datasheet
40Kb / 2P
   SCHOTTKY BARRIER RECTIFIERS
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com