Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SR820 Datasheet(PDF) 2 Page - Diode Semiconductor Korea

Part # SR820
Description  SCHOTTKY BARRIER RECTIFIERS
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DSK [Diode Semiconductor Korea]
Direct Link  http://www.diode.kr/
Logo DSK - Diode Semiconductor Korea

SR820 Datasheet(HTML) 2 Page - Diode Semiconductor Korea

  SR820 Datasheet HTML 1Page - Diode Semiconductor Korea SR820 Datasheet HTML 2Page - Diode Semiconductor Korea  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
FIG.3 -- TYPICAL INSTANTANEOUS FORWARD CHARACTERISTICS
INSTANTANEOUS FORWARD VOLTAGE, VOLTS
SR820 --- SR8A0
LEAD TEMPERATURE,
NUMBER OF CYCLES AT 60HZ
FIG.1 -- FORWARD CURRENT DERATING CURVE
FIG.2 -- PEAK FORWARD SURGE CURRENT
145
1.0
135
150
140
125
130
5.0
10
50
100
TJ=TJMAX
8.3ms Single Half
Sine-Wave
2.0
4.0
0
50
100
0
150
6.0
8.0
10
Single Phase
Half Wave 60Hz
Resistive or
Inductive Load
SR820 - SR840
SR850 - SR8A0
Pulse width=300
s
1% Duty Cycle
TJ=25℃
0.1
1.0
10
50
0.4
0.5
0.6
0.7
0.8
1.0
0.9
1.1
1.2
SR820 - SR840
SR8A0
SR880
SR850 - SR860
www.diode.kr
Diode Semiconductor Korea


Similar Part No. - SR820

ManufacturerPart #DatasheetDescription
logo
Rectron Semiconductor
SR820 RECTRON-SR820 Datasheet
25Kb / 2P
   SCHOTTKY BARRIER RECTIFIER (VOLTAGE RANGE 20 to 60 Volts CURRENT 8.0 Amperes)
logo
Nanjing International G...
SR820 DGNJDZ-SR820 Datasheet
424Kb / 2P
   8.0 AMP SCHOTTKY BARRIER RECTIFIERS
logo
CHENG-YI ELECTRONIC CO....
SR820 CHENG-YI-SR820 Datasheet
143Kb / 2P
   MINIATURE SCHOTTKY BARRIER RECTIFIER
logo
RFE international
SR820 RFE-SR820 Datasheet
1Mb / 3P
   Schottky Barrier Rectifiers
10-26-2022
logo
DIYI Electronic Technol...
SR820 DYELEC-SR820 Datasheet
816Kb / 2P
   8.0 AMP. Schottky Barrier Rectifiers
More results

Similar Description - SR820

ManufacturerPart #DatasheetDescription
logo
Leshan Radio Company
LMBR1200ETIG LRC-LMBR1200ETIG Datasheet
495Kb / 11P
   Schottky Barrier Rectifiers Schottky Barrier Rectifiers
SB220 LRC-SB220 Datasheet
262Kb / 7P
   Schottky Barrier Rectifiers Schottky Barrier Rectifiers
logo
Diotec Semiconductor
SBT1020 DIOTEC-SBT1020 Datasheet
378Kb / 2P
   SCHOTTKY BARRIER RECTIFIERS, SCHOTTKY BARRIER GLEICHRICHTER
logo
Shenzhen Ping Sheng Ele...
15SQ030 PFS-15SQ030 Datasheet
269Kb / 2P
   SCHOTTKY BARRIER RECTIFIERS
logo
Pan Jit International I...
1N5817 PANJIT-1N5817_09 Datasheet
49Kb / 2P
   SCHOTTKY BARRIER RECTIFIERS
logo
Comchip Technology
MBR20H100FCT-G COMCHIP-MBR20H100FCT-G Datasheet
87Kb / 3P
   Schottky Barrier Rectifiers
logo
Pan Jit International I...
SD1020CT PANJIT-SD1020CT_05 Datasheet
426Kb / 2P
   SCHOTTKY BARRIER RECTIFIERS
logo
HY ELECTRONIC CORP.
1N5817 HY-1N5817 Datasheet
34Kb / 2P
   SCHOTTKY BARRIER RECTIFIERS
SR520 HY-SR520 Datasheet
42Kb / 2P
   SCHOTTKY BARRIER RECTIFIERS
SR830T HY-SR830T Datasheet
39Kb / 2P
   SCHOTTKY BARRIER RECTIFIERS
SR2030CT HY-SR2030CT Datasheet
40Kb / 2P
   SCHOTTKY BARRIER RECTIFIERS
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com