Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HV20230PJ-G Datasheet(PDF) 2 Page - Supertex, Inc

Part # HV20230PJ-G
Description  Low Charge Injection 8-Channel High Voltage Analog Switch
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SUTEX [Supertex, Inc]
Direct Link  http://www.supertex.com
Logo SUTEX - Supertex, Inc

HV20230PJ-G Datasheet(HTML) 2 Page - Supertex, Inc

  HV20230PJ-G Datasheet HTML 1Page - Supertex, Inc HV20230PJ-G Datasheet HTML 2Page - Supertex, Inc HV20230PJ-G Datasheet HTML 3Page - Supertex, Inc HV20230PJ-G Datasheet HTML 4Page - Supertex, Inc HV20230PJ-G Datasheet HTML 5Page - Supertex, Inc HV20230PJ-G Datasheet HTML 6Page - Supertex, Inc HV20230PJ-G Datasheet HTML 7Page - Supertex, Inc HV20230PJ-G Datasheet HTML 8Page - Supertex, Inc HV20230PJ-G Datasheet HTML 9Page - Supertex, Inc  
Zoom Inzoom in Zoom Outzoom out
 2 / 9 page
background image
2
Supertex inc.
www.supertex.com
Doc.# DSFP-HV20320
C071613
HV20320
Absolute Maximum Ratings
Parameter
Value
V
DD logic power supply voltage
-0.5V to +15V
V
PP - VNN supply voltage
220V
V
PP positive high voltage supply
-0.5V to V
NN +200V
V
NN negative high voltage supply
+0.5V to -200V
Logic input voltages
-0.5V to V
DD +0.3V
Analog signal range
V
NN to VPP
Peak analog signal current/channel
3.0A
Storage temperature
-65OC to +150OC
Power dissipation
1.2W
Operating Conditions
Sym
Parameter
Value
V
DD
Logic power supply voltage1,3
4.5V to 13.2V
V
PP
Positive high voltage supply1,3
40V to V
NN +200V
V
NN
Negative high voltage supply1,3
-40V to -160V
V
IH
High level input voltage
V
DD -1.5V to VDD
V
IL
Low-level input voltage
0V to 1.5V
V
SIG
Analog signal voltage peak-to-peak
V
NN +10V toVPP -10V
2
T
A
Operating free air temperature
0OC to 70OC
Absolute Maximum Ratings are those values beyond which damage to the device
may occur. Functional operation under these conditions is not implied. Continuous
operation of the device at the absolute rating level may affect device reliability. All
voltages are referenced to device ground.
Notes:
1.
Power up/down sequence is arbtrary except GND must be powered -up first and powered down last.
2.
V
SIG must be VNN ≤ VSIG ≤ VPP or floating during power up/down transition.
3.
Rise and fall times of power supplies V
DD, VPP, and VNN should not be less than 1.0msec.
Product Marking
28-Lead PLCC
1 28
4
26
Pin Configuration
28-Lead PLCC
(top view)
YY = Year Sealed
WW = Week Sealed
L = Lot Number
A = Assembler ID
C = Country of Origin*
= “Green” Packaging
*May be part of top marking
Top Marking
Bottom Marking
YYWW AAA
HV20320PJ
LLLLLLLLLL
CCCCCCCCCCC
Package may or may not include the following marks: Si or
Ordering Information
Part Number
Package Option Packing
HV20230PJ-G
28-Lead PLCC
38/Tube
HV20230PJ-G M904
28-Lead PLCC
500/Reel
Typical Thermal Resistance
Package
θ
ja
28-Lead PLCC
48OC/W
-G denotes a lead (Pb)-free / RoHS compliant package


Similar Part No. - HV20230PJ-G

ManufacturerPart #DatasheetDescription
logo
Supertex, Inc
HV20220 SUTEX-HV20220 Datasheet
357Kb / 12P
   Low Charge Injection 8-Channel High Voltage Analog Switch
HV20220 SUTEX-HV20220 Datasheet
914Kb / 12P
   Low Charge Injection 8-Channel High Voltage Analog Switches
HV20220 SUTEX-HV20220 Datasheet
1,008Kb / 11P
   Low Charge Injection 8-Channel High Voltage Analog Switches
HV20220FG SUTEX-HV20220FG Datasheet
357Kb / 12P
   Low Charge Injection 8-Channel High Voltage Analog Switch
HV20220FG SUTEX-HV20220FG Datasheet
1,008Kb / 11P
   Low Charge Injection 8-Channel High Voltage Analog Switches
More results

Similar Description - HV20230PJ-G

ManufacturerPart #DatasheetDescription
logo
IXYS Corporation
CPC7220 IXYS-CPC7220_12 Datasheet
1Mb / 14P
   Low Charge Injection, 8-Channel High Voltage Analog Switch
logo
Supertex, Inc
HV20220 SUTEX-HV20220 Datasheet
357Kb / 12P
   Low Charge Injection 8-Channel High Voltage Analog Switch
HV2203 SUTEX-HV2203 Datasheet
841Kb / 9P
   Low Charge Injection, 8-Channel High Voltage Analog Switch
logo
Clare, Inc.
CPC7220 CLARE-CPC7220 Datasheet
218Kb / 11P
   Low Charge Injection 8-Channel High Voltage Analog Switch
logo
IXYS Corporation
CPC7220 IXYS-CPC7220 Datasheet
260Kb / 11P
   Low Charge Injection, 8-Channel High Voltage Analog Switch
logo
Supertex, Inc
HV20420 SUTEX-HV20420 Datasheet
42Kb / 6P
   Low Charge Injection 8-Channel High Voltage Analog Switch
HV219 SUTEX-HV219_07 Datasheet
797Kb / 9P
   Low Charge Injection 8-Channel High Voltage Analog Switch
HV21716 SUTEX-HV21716 Datasheet
94Kb / 10P
   Low Charge Injection 8-Channel High Voltage Analog Switch
HV219 SUTEX-HV219 Datasheet
572Kb / 8P
   Low Charge Injection 8-Channel High Voltage Analog Switch
HV219 SUTEX-HV219_13 Datasheet
848Kb / 9P
   200V Low Charge Injection 8-Channel High Voltage Analog Switch
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com