Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HV7350K6-G Datasheet(PDF) 6 Page - Supertex, Inc

Part # HV7350K6-G
Description  Eight-Channel, High Speed, 짹60V, 짹1.0A, Ultrasound RTZ Pulser
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SUTEX [Supertex, Inc]
Direct Link  http://www.supertex.com
Logo SUTEX - Supertex, Inc

HV7350K6-G Datasheet(HTML) 6 Page - Supertex, Inc

  HV7350K6-G Datasheet HTML 1Page - Supertex, Inc HV7350K6-G Datasheet HTML 2Page - Supertex, Inc HV7350K6-G Datasheet HTML 3Page - Supertex, Inc HV7350K6-G Datasheet HTML 4Page - Supertex, Inc HV7350K6-G Datasheet HTML 5Page - Supertex, Inc HV7350K6-G Datasheet HTML 6Page - Supertex, Inc HV7350K6-G Datasheet HTML 7Page - Supertex, Inc HV7350K6-G Datasheet HTML 8Page - Supertex, Inc  
Zoom Inzoom in Zoom Outzoom out
 6 / 8 page
background image
6
HV7350
Supertex inc.
www.supertex.com
Doc.# DSFP-HV7350
A011314
Pin Description
Pin
Name
Description
1
PIN2
Input logic control of high voltage output P-FET for channel 2, Hi = on, Low = off. (see logic table)
2
NIN2
Input logic control of high voltage output N-FET for channel 2, Hi = on, Low = off. (see logic table)
3
PIN3
Input logic control of high voltage output P-FET for channel 3, Hi = on, Low = off. (see logic table)
4
NIN3
Input logic control of high voltage output N-FET for channel 3, Hi = on, Low = off. (see logic table)
5
PIN4
Input logic control of high voltage output P-FET for channel 4, Hi = on, Low = off. (see logic table)
6
NIN4
Input logic control of high voltage output N-FET for channel 4, Hi = on, Low = off. (see logic table)
7
OEN
Output enable Hi = on, Low = off. See logic truth table
8
REN
Built-in positive and negative 5V voltage regulators enable. Hi = on, Low = off. If REN = 0, exter-
nal floating 5V power supplies may be supplied across CPF, CNF CPOS and CNEG capacitors
9
PIN5
Input logic control of high voltage output P-FET for channel 5, Hi = on, Low = off. (see logic table)
10
NIN5
Input logic control of high voltage output N-FET for channel 5, Hi = on, Low = off. (see logic table)
11
PIN6
Input logic control of high voltage output P-FET for channel 6, Hi = on, Low = off. (see logic table)
12
NIN6
Input logic control of high voltage output N-FET for channel 6, Hi = on, Low = off. (see logic table)
13
PIN7
Input logic control of high voltage output P-FET for channel 7, Hi = on, Low = off. (see logic table)
14
NIN7
Input logic control of high voltage output N-FET for channel 7, Hi = on, Low = off. (see logic table)
15
PIN8
Input logic control of high voltage output P-FET for channel 8, Hi = on, Low = off. (see logic table)
16
NIN8
Input logic control of high voltage output N-FET for channel 8, Hi = on, Low = off. (see logic table)
17
VLL
Logic supply voltage and reference input (+3.3V)
18
GND
Logic and circuit return ground (0V)
19
VDD
Positive voltage power supply (+3.3V)
20
VPP
Positive high voltage power supply (+10 to +60V)
21
VPP
22
VPP
23
CPF
Built-in linear voltage VPF regulator output decoupling capacitor pin, 1uF from VPP to CPF per
each
24
CNF
Built-in linear voltage VNF regulator output decoupling capacitor pin, 1uF from CNF to VNN per
each
25
VNN
Negative high voltage power supply (-10 to -60V)
26
VNN
27
VNN
28
TX8
T
X pulser channel 8 output
29
RGND
Damping ground and bleed resistors common return ground
30
TX7
T
X pulser channel 7 output
31
RGND
Damping ground and bleed resistors common return ground
32
TX6
T
X pulser channel 6 output


Similar Part No. - HV7350K6-G

ManufacturerPart #DatasheetDescription
logo
Microchip Technology
HV7350K6-G MICROCHIP-HV7350K6-G Datasheet
567Kb / 16P
   8-Channel High-Speed 짹60V 짹1A Ultrasound RTZ Pulser
06/23/16
HV7350K6-G-M937 MICROCHIP-HV7350K6-G-M937 Datasheet
567Kb / 16P
   8-Channel High-Speed 짹60V 짹1A Ultrasound RTZ Pulser
06/23/16
More results

Similar Description - HV7350K6-G

ManufacturerPart #DatasheetDescription
logo
Microchip Technology
HV7350 MICROCHIP-HV7350 Datasheet
567Kb / 16P
   8-Channel High-Speed 짹60V 짹1A Ultrasound RTZ Pulser
06/23/16
logo
Supertex, Inc
HV7331 SUTEX-HV7331 Datasheet
804Kb / 9P
   Four Channel, High Speed 짹70V 2.0A Ultrasound RTZ Pulser
HV7355 SUTEX-HV7355 Datasheet
688Kb / 9P
   Eight Channel, High Speed, Unipolar, Ultrasound Pulser 1.5A 150V
HV7355 SUTEX-HV7355_14 Datasheet
449Kb / 8P
   Eight Channel, High Speed, Unipolar, Ultrasound Pulser 1.5A 150V
HV739 SUTEX-HV739 Datasheet
640Kb / 7P
   High Speed 짹100V 3.0A Ultrasound Pulser
logo
STMicroelectronics
STHV800 STMICROELECTRONICS-STHV800 Datasheet
314Kb / 5P
   Octal 짹90 V, 짹2 A, 3-level RTZ, high-speed ultrasound pulser
April 2014 Rev 2
logo
Supertex, Inc
HV738 SUTEX-HV738_11 Datasheet
672Kb / 8P
   Four-Channel, High Speed, 짹65V 750mA Ultrasound Pulser
HV748 SUTEX-HV748_12 Datasheet
717Kb / 8P
   Four-Channel, High Speed, 짹75V 1.25A Ultrasound Pulser
HV758 SUTEX-HV758 Datasheet
656Kb / 7P
   Quad High Speed 짹90V 2.2A Ultrasound Pulser
HV732 SUTEX-HV732 Datasheet
332Kb / 10P
   High Speed 짹100V 2A Integrated Ultrasound Pulser
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com