Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HV7224PG-G Datasheet(PDF) 6 Page - Supertex, Inc

Part # HV7224PG-G
Description  40-Channel Symmetric Row Driver
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SUTEX [Supertex, Inc]
Direct Link  http://www.supertex.com
Logo SUTEX - Supertex, Inc

HV7224PG-G Datasheet(HTML) 6 Page - Supertex, Inc

  HV7224PG-G Datasheet HTML 1Page - Supertex, Inc HV7224PG-G Datasheet HTML 2Page - Supertex, Inc HV7224PG-G Datasheet HTML 3Page - Supertex, Inc HV7224PG-G Datasheet HTML 4Page - Supertex, Inc HV7224PG-G Datasheet HTML 5Page - Supertex, Inc HV7224PG-G Datasheet HTML 6Page - Supertex, Inc HV7224PG-G Datasheet HTML 7Page - Supertex, Inc  
Zoom Inzoom in Zoom Outzoom out
 6 / 7 page
background image
6
Supertex inc.
www.supertex.com
Doc.# DSFP-HV7224
C072413
HV7224
Pin Description - 64-Lead PQFP (3-sided) (PG) Option A
Pin #
Function
1
HV
OUT1/40
2
HV
OUT2/39
3
HV
OUT3/38
4
HV
OUT4/37
5
HV
OUT5/36
6
HV
OUT6/35
7
HV
OUT7/34
8
HV
OUT8/33
9
HV
OUT9/32
10
HV
OUT10/31
11
HV
OUT11/30
12
HV
OUT12/29
13
HV
OUT13/28
14
HV
OUT14/27
15
HV
OUT15/26
16
HV
OUT16/25
Pin #
Function
17
HV
OUT17/24
18
HV
OUT18/23
19
HV
OUT19/22
20
HV
OUT20/21
21
VPP
22
N/C
23
GND (Power)
24
GND (Logic)
25
DIR
26
VDD
27
CLK
28
N/C
29
SHIFT
30
N/C
31
DR
IOA
32
N/C
Pin #
Function
33
N/C
34
DR
IOB
35
OE
36
N/C
37
POL
38
N/C
39
VDD
40
N/C
41
GND (Logic)
42
GND (Power)
43
N/C
44
VPP
45
HV
OUT21/20
46
HV
OUT22/19
47
HV
OUT23/18
48
HV
OUT24/17
Pin #
Function
49
HV
OUT25/16
50
HV
OUT26/15
51
HV
OUT27/14
52
HV
OUT28/13
53
HV
OUT29/12
54
HV
OUT30/11
55
HV
OUT31/10
56
HV
OUT32/9
57
HV
OUT33/8
58
HV
OUT34/7
59
HV
OUT35/6
60
HV
OUT36/5
61
HV
OUT37/4
62
HV
OUT38/3
63
HV
OUT39/2
64
HV
OUT40/1
Pin Description - 64-Lead PQFP (3-sided) (PG) Option B
Pin #
Function
1
HV
OUT20/21
2
HV
OUT19/22
3
HV
OUT18/23
4
HV
OUT17/24
5
HV
OUT16/25
6
HV
OUT15/26
7
HV
OUT14/27
8
HV
OUT13/28
9
HV
OUT12/29
10
HV
OUT11/30
11
HV
OUT10/31
12
HV
OUT9/32
13
HV
OUT8/33
14
HV
OUT7/34
15
HV
OUT6/35
16
HV
OUT5/36
Pin #
Function
17
HV
OUT4/37
18
HV
OUT3/38
19
HV
OUT2/39
20
HV
OUT1/40
21
VPP
22
N/C
23
GND (Power)
24
GND (Logic)
25
DIR
26
VDD
27
CLK
28
N/C
29
SHIFT
30
N/C
31
DR
IOA
32
N/C
Pin #
Function
33
N/C
34
DR
IOB
35
OE
36
N/C
37
POL
38
N/C
39
VDD
40
N/C
41
GND (Logic)
42
GND (Power)
43
N/C
44
VPP
45
HV
OUT40/1
46
HV
OUT39/2
47
HV
OUT38/3
48
HV
OUT37/4
Pin #
Function
49
HV
OUT36/5
50
HV
OUT35/6
51
HV
OUT34/7
52
HV
OUT33/8
53
HV
OUT32/9
54
HV
OUT31/10
55
HV
OUT30/11
56
HV
OUT29/12
57
HV
OUT28/13
58
HV
OUT27/14
59
HV
OUT26/15
60
HV
OUT25/16
61
HV
OUT24/17
62
HV
OUT23/18
63
HV
OUT22/19
64
HV
OUT21/20
Note:
Pin designation for DIR H/L, Shift = L
Example: For DIR = H, pin 1 is HV
OUT1
For DIR = L, pin 1 is HV
OUT40
Note:
Pin designation for DIR H/L, Shift = H
Example: For DIR = H, pin 1 is HV
OUT20
For DIR = L, pin 1 is HV
OUT21


Similar Part No. - HV7224PG-G

ManufacturerPart #DatasheetDescription
logo
Supertex, Inc
HV7224PG-G SUTEX-HV7224PG-G Datasheet
564Kb / 7P
   40-Channel Symmetric Row Driver
More results

Similar Description - HV7224PG-G

ManufacturerPart #DatasheetDescription
logo
Supertex, Inc
HV7224PG-G SUTEX-HV7224PG-G Datasheet
564Kb / 7P
   40-Channel Symmetric Row Driver
HV7224 SUTEX-HV7224 Datasheet
466Kb / 7P
   40-Channel Symmetric Row Driver
HV7022-C SUTEX-HV7022-C Datasheet
455Kb / 6P
   34-Channel Symmetric Row Driver
HV7022-C SUTEX-HV7022-C_07 Datasheet
943Kb / 8P
   34-Channel Symmetric Row Driver
HV7022PJ-C-G SUTEX-HV7022PJ-C-G Datasheet
757Kb / 9P
   34-Channel Symmetric Row Driver
logo
Microchip Technology
HV7022 MICROCHIP-HV7022 Datasheet
321Kb / 15P
   34-Channel Symmetric Row Driver
07/14/15
logo
Vishay Siliconix
SIZF640DT VISHAY-SIZF640DT Datasheet
166Kb / 7P
   Symmetric Dual N-Channel 40 V (D-S) MOSFET
01-Jan-2022
logo
Vincotech
10-FZ06NBA100SG10-M305L58 VINCOTECH-10-FZ06NBA100SG10-M305L58 Datasheet
2Mb / 18P
   symmetric booster
logo
Fairchild Semiconductor
AN-4158 FAIRCHILD-AN-4158 Datasheet
623Kb / 6P
   Symmetric Dual N-Channel Shielded Gate PowerTrench
logo
RF Micro Devices
RFSW6223 RFMD-RFSW6223 Datasheet
818Kb / 8P
   DPDT SYMMETRIC SWITCH
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com