Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HV5630PJ-G Datasheet(PDF) 4 Page - Supertex, Inc

Part # HV5630PJ-G
Description  32-Channel Serial to Parallel Converter With Open Drain Outputs
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SUTEX [Supertex, Inc]
Direct Link  http://www.supertex.com
Logo SUTEX - Supertex, Inc

HV5630PJ-G Datasheet(HTML) 4 Page - Supertex, Inc

  HV5630PJ-G Datasheet HTML 1Page - Supertex, Inc HV5630PJ-G Datasheet HTML 2Page - Supertex, Inc HV5630PJ-G Datasheet HTML 3Page - Supertex, Inc HV5630PJ-G Datasheet HTML 4Page - Supertex, Inc HV5630PJ-G Datasheet HTML 5Page - Supertex, Inc HV5630PJ-G Datasheet HTML 6Page - Supertex, Inc  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
4
Supertex inc.
www.supertex.com
Doc.# DSFP-HV5630
C072313
HV5630
Switching Waveforms
LE
HV
OUT
w/ S/R HIGH
Data Valid
50%
50%
DATA
IN
CLK
DATA
OUT
50%
50%
50%
t
SU
t
H
t
WH
t
WL
50%
50%
t
DLH
t
DHL
50%
t
WLE
t
DLE
t
SLE
50%
50%
10%
t
ON
V
IH
V
IL
V
IH
V
IL
V
OH
V
OL
V
OH
V
OL
V
IH
V
IL
V
OH
V
OL
Functional Table
Function
Inputs
Outputs
Data
CLK
LE
BL
POL
Shift Reg
HV Outputs
Data Out
*
1
2...32
1
2...32
All on
X
X
X
L
L
*
*...*
On
On...On
*
All off
X
X
X
L
H
*
*...*
Off
Off...Off
*
Invert mode
X
X
L
H
L
*
*...*
*
*...*
*
Load S/R
H or L
L
H
H
H or L
*...*
*
*...*
*
Load latches
X
H or L
H
H
*
*...*
*
*...*
*
X
H or L
H
L
*
*...*
*
*...*
*
Transparent latch
mode
L
H
H
H
L
*...*
Off
*...*
*
H
H
H
H
H
*...*
On
*...*
*
Notes:
H = high level, L = low level, X = irrelevant, ↓ = high-to-low transition, ↑ = low-to-high transistion.
* dependent on previous stage’s state before the last CLK ↓ or last LE high.


Similar Part No. - HV5630PJ-G

ManufacturerPart #DatasheetDescription
logo
Supertex, Inc
HV5630PJ SUTEX-HV5630PJ Datasheet
462Kb / 6P
   32-Channel Serial To Parallel Converter With Open Drain Outputs
HV5630PJ SUTEX-HV5630PJ Datasheet
951Kb / 8P
   32-Channel Serial To Parallel Converter With Open Drain Outputs
More results

Similar Description - HV5630PJ-G

ManufacturerPart #DatasheetDescription
logo
Supertex, Inc
HV5522 SUTEX-HV5522_13 Datasheet
812Kb / 8P
   32-Channel Serial to Parallel Converter With Open Drain Outputs
HV5622 SUTEX-HV5622_13 Datasheet
800Kb / 8P
   32-Channel Serial to Parallel Converter With Open Drain Outputs
HV5122 SUTEX-HV5122 Datasheet
451Kb / 6P
   32-Channel Serial To Parallel Converter With Open Drain Outputs
HV5522 SUTEX-HV5522_07 Datasheet
951Kb / 8P
   32-Channel Serial To Parallel Converter With Open Drain Outputs
HV5622PJ-G SUTEX-HV5622PJ-G Datasheet
468Kb / 6P
   32-Channel Serial To Parallel Converter With Open Drain Outputs
HV5122PJ-G SUTEX-HV5122PJ-G Datasheet
856Kb / 10P
   32-Channel Serial to Parallel Converter With Open Drain Outputs
HV5530PJ-G SUTEX-HV5530PJ-G Datasheet
690Kb / 8P
   32-Channel Serial to Parallel Converter With Open Drain Outputs
HV5522 SUTEX-HV5522 Datasheet
462Kb / 6P
   32-Channel Serial To Parallel Converter With Open Drain Outputs
HV5530 SUTEX-HV5530_13 Datasheet
798Kb / 8P
   32-Channel Serial to Parallel Converter With Open Drain Outputs
HV5523 SUTEX-HV5523 Datasheet
734Kb / 6P
   32-Channel Serial To Parallel Converter With Open Drain Outputs
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com