Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HV5622 Datasheet(PDF) 3 Page - Supertex, Inc

Part # HV5622
Description  32-Channel Serial to Parallel Converter With Open Drain Outputs
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SUTEX [Supertex, Inc]
Direct Link  http://www.supertex.com
Logo SUTEX - Supertex, Inc

HV5622 Datasheet(HTML) 3 Page - Supertex, Inc

  HV5622_13 Datasheet HTML 1Page - Supertex, Inc HV5622_13 Datasheet HTML 2Page - Supertex, Inc HV5622_13 Datasheet HTML 3Page - Supertex, Inc HV5622_13 Datasheet HTML 4Page - Supertex, Inc HV5622_13 Datasheet HTML 5Page - Supertex, Inc HV5622_13 Datasheet HTML 6Page - Supertex, Inc HV5622_13 Datasheet HTML 7Page - Supertex, Inc HV5622_13 Datasheet HTML 8Page - Supertex, Inc  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
3
Supertex inc.
www.supertex.com
Doc.# DSFP-HV5622
C072313
HV5622
Input and Output Equivalent Circuits
VDD
DATA
IN
HV
OUT
Logic Inputs
DATA
OUT
Logic Data Output
High Voltage Outputs
VDD
HV
IN
VSS
VSS
VSS
Sym
Parameter
Min
Max Units Conditions
Electrical Characteristics (over recommended operating conditions unless otherwise noted)
DC Characteristics
AC Characteristics (V
DD = 12V, TC = 25
O
C)
Sym
Parameter
Min
Max Units Conditions
f
CLK
Clock frequency
-
8.0
MHz ---
t
W
Clock width, high or low
62
-
ns
---
t
SU
Data set-up time before CLK falls
25
-
ns
---
t
H
Data hold time after CLK falls
10
-
ns
---
t
ON
Turn-on time, HV
OUT from enable
-
500
ns
R
L = 2.0KΩ to VPP max.
t
DHL
Delay time clock to data high to low
-
100
ns
C
L = 15pF
t
DLH
Delay time clock to data low to high
-
100
ns
C
L = 15pF
t
DLE
Delay time clock to LE low to high
50
-
ns
---
t
WLE
Width of LE pulse
50
-
ns
---
t
SLE
LE setup time before clock falls
50
-
ns
---
I
DD
V
DD supply current
-
15
mA
f
CLK = 8.0MHz, FDATA = 4.0MHz
I
DDQ
V
DD supply current (quiescent)
-
100
µA
D
IN = 0V, all outputs off
I
O(OFF)
Off state output current
-
10
µA
All outputs high, all SWS parallel
I
IH
High-level logic input current
-
1.0
µA
V
IH = VDD
I
IL
Low-level logic input current
-
-1.0
µA
V
IL = 0V
V
OH
High-level output data out
V
DD -1.0V
-
V
I
DOUT = -100µA
V
OL
Low-level output voltage
HV
OUT
-
15
V
I
HVOUT = +100mA
DATA OUT
-
1.0
V
I
DOUT = +100µA
V
OC
HV
OUT clamp voltage
-
-1.5
V
I
OL = -100mA


Similar Part No. - HV5622_13

ManufacturerPart #DatasheetDescription
logo
Supertex, Inc
HV5622DJ SUTEX-HV5622DJ Datasheet
462Kb / 6P
   32-Channel Serial To Parallel Converter With Open Drain Outputs
HV5622DJ SUTEX-HV5622DJ Datasheet
951Kb / 8P
   32-Channel Serial To Parallel Converter With Open Drain Outputs
HV5622PG SUTEX-HV5622PG Datasheet
462Kb / 6P
   32-Channel Serial To Parallel Converter With Open Drain Outputs
HV5622PG SUTEX-HV5622PG Datasheet
951Kb / 8P
   32-Channel Serial To Parallel Converter With Open Drain Outputs
HV5622PJ SUTEX-HV5622PJ Datasheet
462Kb / 6P
   32-Channel Serial To Parallel Converter With Open Drain Outputs
More results

Similar Description - HV5622_13

ManufacturerPart #DatasheetDescription
logo
Supertex, Inc
HV5522 SUTEX-HV5522_13 Datasheet
812Kb / 8P
   32-Channel Serial to Parallel Converter With Open Drain Outputs
HV5122 SUTEX-HV5122 Datasheet
451Kb / 6P
   32-Channel Serial To Parallel Converter With Open Drain Outputs
HV5522 SUTEX-HV5522_07 Datasheet
951Kb / 8P
   32-Channel Serial To Parallel Converter With Open Drain Outputs
HV5622PJ-G SUTEX-HV5622PJ-G Datasheet
468Kb / 6P
   32-Channel Serial To Parallel Converter With Open Drain Outputs
HV5122PJ-G SUTEX-HV5122PJ-G Datasheet
856Kb / 10P
   32-Channel Serial to Parallel Converter With Open Drain Outputs
HV5530PJ-G SUTEX-HV5530PJ-G Datasheet
690Kb / 8P
   32-Channel Serial to Parallel Converter With Open Drain Outputs
HV5522 SUTEX-HV5522 Datasheet
462Kb / 6P
   32-Channel Serial To Parallel Converter With Open Drain Outputs
HV5530 SUTEX-HV5530_13 Datasheet
798Kb / 8P
   32-Channel Serial to Parallel Converter With Open Drain Outputs
HV5523 SUTEX-HV5523 Datasheet
734Kb / 6P
   32-Channel Serial To Parallel Converter With Open Drain Outputs
HV5630 SUTEX-HV5630_13 Datasheet
627Kb / 6P
   32-Channel Serial to Parallel Converter With Open Drain Outputs
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com