Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HV5622PG-G Datasheet(PDF) 1 Page - Supertex, Inc

Part # HV5622PG-G
Description  32-Channel Serial to Parallel Converter With Open Drain Outputs
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SUTEX [Supertex, Inc]
Direct Link  http://www.supertex.com
Logo SUTEX - Supertex, Inc

HV5622PG-G Datasheet(HTML) 1 Page - Supertex, Inc

  HV5622PG-G Datasheet HTML 1Page - Supertex, Inc HV5622PG-G Datasheet HTML 2Page - Supertex, Inc HV5622PG-G Datasheet HTML 3Page - Supertex, Inc HV5622PG-G Datasheet HTML 4Page - Supertex, Inc HV5622PG-G Datasheet HTML 5Page - Supertex, Inc HV5622PG-G Datasheet HTML 6Page - Supertex, Inc HV5622PG-G Datasheet HTML 7Page - Supertex, Inc HV5622PG-G Datasheet HTML 8Page - Supertex, Inc  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
Supertex inc.
Supertex inc.
www.supertex.com
Doc.# DSFP-HV5622
C072313
HV5622
General Description
The HV5622 is a low-voltage serial to high-voltage parallel
converter with open drain outputs. This device has been designed
for use as a driver for AC-electroluminescent displays. It can also
be used in any application requiring multiple output high voltage
current sinking capabilities such as driving inkjet and electrostatic
print heads, plasma panels, vacuum fluorescent, or large matrix
LCD displays.
This device consists of a 32-bit shift register, 32 latches, and
control logic to perform the polarity select and blanking of the
outputs. Data is shifted through the shift register on the high to
low transition of the clock. The HV5622 shifts in the clockwise
direction when viewed from the top of the package. A data output
buffer is provided for cascading devices. This output reflects the
current status of the last bit of the shift register. Operation of the
shift register is not affected by the LE (latch enable), BL (blanking),
or the POL (polarity) inputs. Transfer of data from the shift register
to the latch occurs when the LE (latch enable) input is high. The
data in the latch is stored when LE is low.
Functional Block Diagram
32-Channel Serial to Parallel Converter
With Open Drain Outputs
POL
BL
LE
DATA
IN
CLK
DATA
OUT
HV
OUT1
(Outputs 3 to 30 not shown)
Latch
Latch
HV
OUT2
HV
OUT31
HV
OUT32
Latch
Latch
32-Bit
Shift
Register
Features
Processed with HVCMOS® technology
Sink current minimum 100mA
Shift register speed 8.0MHz
Polarity and Blanking inputs
CMOS compatible inputs
Forward and reverse shifting options
Diode to VPP allows efficient power recovery


Similar Part No. - HV5622PG-G

ManufacturerPart #DatasheetDescription
logo
Supertex, Inc
HV5622PG SUTEX-HV5622PG Datasheet
462Kb / 6P
   32-Channel Serial To Parallel Converter With Open Drain Outputs
HV5622PG SUTEX-HV5622PG Datasheet
951Kb / 8P
   32-Channel Serial To Parallel Converter With Open Drain Outputs
More results

Similar Description - HV5622PG-G

ManufacturerPart #DatasheetDescription
logo
Supertex, Inc
HV5522 SUTEX-HV5522_13 Datasheet
812Kb / 8P
   32-Channel Serial to Parallel Converter With Open Drain Outputs
HV5122 SUTEX-HV5122 Datasheet
451Kb / 6P
   32-Channel Serial To Parallel Converter With Open Drain Outputs
HV5522 SUTEX-HV5522_07 Datasheet
951Kb / 8P
   32-Channel Serial To Parallel Converter With Open Drain Outputs
HV5622PJ-G SUTEX-HV5622PJ-G Datasheet
468Kb / 6P
   32-Channel Serial To Parallel Converter With Open Drain Outputs
HV5122PJ-G SUTEX-HV5122PJ-G Datasheet
856Kb / 10P
   32-Channel Serial to Parallel Converter With Open Drain Outputs
HV5530PJ-G SUTEX-HV5530PJ-G Datasheet
690Kb / 8P
   32-Channel Serial to Parallel Converter With Open Drain Outputs
HV5522 SUTEX-HV5522 Datasheet
462Kb / 6P
   32-Channel Serial To Parallel Converter With Open Drain Outputs
HV5530 SUTEX-HV5530_13 Datasheet
798Kb / 8P
   32-Channel Serial to Parallel Converter With Open Drain Outputs
HV5523 SUTEX-HV5523 Datasheet
734Kb / 6P
   32-Channel Serial To Parallel Converter With Open Drain Outputs
HV5630 SUTEX-HV5630_13 Datasheet
627Kb / 6P
   32-Channel Serial to Parallel Converter With Open Drain Outputs
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com